Part Number Hot Search : 
CPT30230 5R190 MX7537CQ SMBG22A FP6656 NE851M03 NE851M03 0603A
Product Description
Full Text Search
 

To Download BAS16D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
BAS16D, BAS16WS
SMALL SIGNAL DIODES
.022 (0.55)
SOD-123 (BAS16D)
FEATURES
Silicon Epitaxial Planar Diode Fast switching diode. Also available in case SOT-23 with designation BAS16.
Cathode Mark
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
max. .004 (0.1)
max. .053 (1.35)
max. .006 (0.15)
.067 (1.70) .055 (1.40)
MECHANICAL DATA
BAS16D Case: SOD-123 Plastic Case Weight: approx. 0.01 g Marking Code: A6 BAS16WS Case: SOD-323 Plastic Case Weight: approx. 0.004 g Marking Code: A6
min. .010 (0.25)
.012 (0.3)
.112 (2.85) .100 (2.55) .076 (1.95) .065 (1.65)
Cathode Mark
SOD-323 (BAS16WS)
Top View
max. .049 (1.25)
max. .004 (0.1)
min. .010 (0.25)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
max. .006 (0.15)
.059 (1.5) .043 (1.1)
SYMBOL
VALUE
UNIT
Reverse Voltage Peak Reverse Voltage Forward Current (continuous) Non-Repetitive Peak Forward Current at t = 1s at t = 1ms at t = 1s Power Dissipation at Tamb = 25 C Maxium Junction Temperature Storage Temperature Range
1)Valid
VR VRM IF IFSM IFSM IFSM BAS16D BAS16WS Ptot Tj TS
75 100 250 2.0 1.0 0.5 3501) 2001) 150 - 65 to +1501)
V V mA A A A mW mW C C
provided electrodes are kept at ambient temperture.
10/21/98
BAS16D, BAS16W
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Forward Voltage at IF = 1 mA at IF = 10 mA at IF = 50 mA at IF = 150 mA Leakage Current at VR = 25 V, Tj = 150 C at VR = 75 V at VR = 75 V, Tj = 150 C Capacitance at VR = 0; f = 1 MHz Reverse Recovery Time from IF = 10 mA to IR = 10 mA IR = 1 mA, RL = 100 Thermal Resistance Junction to Ambient Air
1)Valid
Min. - - - - - - - - -
Typ. - - - - - - - - -
Max. 715 855 1.00 1.25 30 1 50 2 6
Unit mV mV V V A A A pF ns
VF VF VF VF IR IR IR Ctot trr
BAS16D BAS16WS
RthJA
-
-
3751) 6501)
C/W C/W
provided that electrodes are kept at ambient temperature


▲Up To Search▲   

 
Price & Availability of BAS16D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X