Part Number Hot Search : 
KA5M0365 P861P1 M29LV640 2N855 LA1816 IRF610A LM281 G1436Y
Product Description
Full Text Search
 

To Download BAS16-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
BAS16
SURFACE MOUNT FAST SWITCHING DIODE
Features
! ! ! High Conductance A L Fast Switching Surface Mount Package Ideally Suited for Automatic Insertion ! For General Purpose and Switching B ! Plastic Material - UL Recognition Flammability Classification 94V-O
TOP VIEW
C M
E H
D
Dim A B C D E G H J K L M SOT-23 Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89 0.45 0.076 Max 0.51 1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178
Mechanical Data
! ! ! ! ! ! Case: SOT-23, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 0.008 grams (approx.) Mounting Position: Any Marking: A6 K J G
TOP VIEW
All Dimensions in mm
Maximum Ratings @TA=25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Peak Forward Surge Current (Note 1) Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Symbol VRM VRRM VRWM VR IF IO IFSM Pd RJA Tj, TSTG Value 100 75 300 200 2.0 350 357 -65 to +150 Unit V V mA mA A mW C/W C
Electrical Characteristics @TA=25C unless otherwise specified
Characteristic Reverse Breakdown Voltage Forward Voltage Reverse Leakage Current Junction Capacitance Reverse Recovery Time Symbol V(BR)R VF IR Cj trr Min 75 -- -- -- -- Max -- 0.855 1.0 2.0 6.0 Unit V V A pF nS Test Condition @ IRS = 100A @ IF = 10mA @ VR = 75V VR = 0V, f = 1.0MHz IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm.
BAS16
1 of 3
(c) 2002 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (mA)
500
See Note 1
1000
Pd, POWER DISSIPATION (mW)
400
300
100
TA = +150C TA = +125C
200
10
TA = +75C TA = +25C
100
0.1 400
TA = -25C
600
800
1000
1200
0 0
100
200
TA, AMBIENT TEMPERATURE, (C)
Fig. 1 Power Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 2, Typical Forward Characteristics
IF, INSTANTANEOUS FORWARD CURRENT (mA)
10 1 0.1 0.01 0.001 0.0001
VR = 75V VR = 20V
0
50
100
150
200
Tj, JUNCTION TEMPERATURE (C) Fig. 3, Typical Reverse Characteristics
BAS16
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
BAS16-T1 BAS16-T3
Package Type
SOT-23 SOT-23
Shipping Quantity
3000/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.035 (0.90)
0.079 (2.0)
0.035 (0.90)
0.031 (0.8)
0.037 (0.95)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
BAS16
3 of 3
(c) 2002 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of BAS16-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X