Part Number Hot Search : 
5KE150 ZTNI54W SC6928 2SD224 OZ8022 EUP7961 UM0442 CFSKNG
Product Description
Full Text Search
 

To Download BAS16-03W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 16-03W
Silicon Switching Diode Preliminary data * For high-speed switching applications
2
1
VPS05176
Type BAS 16-03W
Marking B
Ordering Code Q62702-A1231
Pin Configuration 1=A 2=C
Package SOD-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, T S = 111 C Junction temperature Storage temperature Symbol Value 75 85 250 4.5 250 150 - 65 ...+150 mA A mW C Unit V
VR VRM IF I FS Ptot Tj T stg
Thermal Resistance Junction - ambient
1)
RthJA RthJS
235 155
K/W
Junction - soldering point
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm Semiconductor Group Semiconductor Group 11
Mar-13-1998 1998-11-01
BAS 16-03W
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC characteristics Breakdown voltage typ. max. -
Unit
V(BR) VF
75
V mV
I (BR) = 100 A
Forward voltage
I F = 1 mA I F = 10 mA I F = 50 mA I F = 150 mA
Reverse current
-
-
715 855 1000 1250 1 A
IR IR
-
VR = 70 V
Reverse current
VR = 25 V, TA = 150 C VR = 75 V, TA = 150 C
Forward recovery voltage
-
-
30 50 1.75 V
Vfr
-
I F = 10 mA, t p = 20 ns
AC characteristics Diode capacitance
CD t rr
-
-
2 6
pF ns
VR = 0 V, f = 20 MHz
Reverse recovery time
I F = 10 mA, I R = 10 mA, R L = 100 ,
measured at IR = 1mA
Test circuit for reverse recovery time
D.U.T.
F
Oscillograph
EHN00017
Pulse generator: tp = 100ns, D = 0.05, t r = 0.6ns, R i = 50
Oscillograph: R = 50, tr = 0.35ns, C 1pF
Semiconductor Group Semiconductor Group
22
Mar-13-1998 1998-11-01
BAS 16-03W
Forward current IF = f (TA*;TS) * Package mounted on epoxy
Reverse current IR = f (TA)
300
BAS 16
EHB00021
BAS 16
EHB00022
F
mA
R
10 5 nA
V R = 70 V
10 4
200
5
max. 70 V
10 3
TA
100
TS
5 25 V 10 2 5 typ.
0
0
50
100
C
150
10 1 0 50 100 C TA 150
TA ;TS
Forward current IF = f V F)
Peak forward current IFM = f (t)
T A = 25C
TA = 25C
10 2
BAS 16 EHB00024
150
BAS 16
EHB00023
F mA
FM A
10 1
D = 0.005 0.01 0.02 0.05 0.1 0.2
100
typ
max
10 0
50
10 -1
tp D=
0 0 0.5 1.0 V 1.5
tp T
10
-3
10-2 10-6
T
10-2 10-1 s 100 t
10
-5
10
-4
VF
Semiconductor Group Semiconductor Group
33
Mar-13-1998 1998-11-01
BAS 16-03W
Forward voltage V F = f (TA)
1.0
BAS 16
EHB00025
VF
V
F = 100 mA
10 mA 1 mA 0.1 mA
0.5
0 0 50 100 C TA 150
Semiconductor Group Semiconductor Group
44
Mar-13-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BAS16-03W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X