Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download BAS16-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16...
Silicon Switching Diode * For high-speed switching applications
BAS16 BAS16W
BAS16-02L BAS16-02V BAS16-02W BAS16-03W
BAS16S BAS16U
BAS16-07L4
3
6
5
4 4
D3
3
D1
D2
1
2
D1
D2
1
2
1
2
3 1
2
Type BAS16 BAS16-02L* BAS16-02V BAS16-02W BAS16-03W BAS16-07L4* BAS16S BAS16U BAS16W * Preliminary Data
Package SOT23 TSLP-2-1 SC79 SCD80 SOD323 TSLP-4-4 SOT363 SC74 SOT323
Configuration single single, leadless single single single parallel pair, leadless parallel triple parallel triple single
Marking A6s A6 6 A6 B 6A A6s A6s A6s
1
Dec-04-2003
BAS16...
Maximum Ratings at TA = 25C, unless otherwise specified Parameter Diode reverse voltage Peak reverse voltage Forward current BAS16 BAS16-02L, -07L4 BAS16-02V, -02W BAS16-03W BAS16S BAS16U BAS16W Non-repetitive peak surge forward current t = 1 s, BAS16/ S/ U/ W/ -03W t = 1 s, BAS16-02L/ -02V/ -02W/ -07L4 t=1s Total power dissipation BAS16, TS 54 C BAS16-02L, -07L4, TS 130 C BAS16-02V, -02W, TS 120 C BAS16-03W, TS 116 C BAS16S, TS 85 C BAS16U, TS 113 C BAS16W, TS 119 C Junction temperature Storage temperature Tj Tstg Ptot 370 250 250 250 250 250 250 150 -65 ... 150 C IFSM 4.5 2.5 0.5 mW Symbol VR VRM IF 250 200 200 250 200 200 250 A Value 80 85 mA Unit V
2
Dec-04-2003
BAS16...
Thermal Resistance Parameter Junction - soldering point 1) BAS16, BAS16S BAS16-02L, -07L4 BAS16-02V, -02W BAS16-03W BAS16U BAS16W
Symbol
RthJS
Value
260 80 120 135 150 125
Unit K/W
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. typ. max. DC Characteristics 85 Breakdown voltage V(BR) I(BR) = 100 A Reverse current VR = 75 V VR = 25 V, TA = 150 C VR = 75 V, TA = 150 C Forward voltage IF = 1 mA IF = 10 mA IF = 50 mA IF = 100 mA IF = 150 mA Forward recovery voltage IF = 10 mA, tP = 20 ns
1For
Unit
V A
IR VF Vfr 715 855 1000 1200 1250 1.75 0.1 30 50
mV
V
calculation of RthJA please refer to Application Note Thermal Resistance
3
Dec-04-2003
BAS16...
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Unit Parameter min. typ. max. AC Characteristics 2 pF Diode capacitance CT VR = 0 V, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, measured at IR = 1mA , RL = 100 Test circuit for reverse recovery time
D.U.T.
trr
-
-
4
ns
Pulse generator: tp = 100ns, D = 0.05, tr = 0.6ns, R i = 50
Oscillograph
F
Oscillograph: R = 50, tr = 0.35ns, C = 0.05pF
EHN00017
4
Dec-04-2003
BAS16...
Reverse current IR = (TA) VR = Parameter
10 5
nA
Forward Voltage VF = (TA) IF = Parameter
BAS 16 EHB00025
1.0
VF
10 4
V
F = 100 mA
IR
10 mA
10 3
0.5
70 V 25 V
1 mA 0.1 mA
10 2
10 1 0
25
50
75
100
C
150
0 0 50 100 C TA 150
TA
Forward current IF = (VF) TA = 25C
Forward current IF = (T S) BAS16
300
150
BAS 16
EHB00023
F mA
mA
IF
typ max
150 100 50 0 0
100
200
50
0
0
0.5
1.0
V VF
1.5
15
30
45
60
75
90 105 120 C
150
TS
5
Dec-04-2003
BAS16...
Forward current IF = (T S) BAS16-02L, -07L4
250
Forward current IF = (T S) BAS16-02V, -02W
250
mA
mA
IF
150
IF
90 105 120 C
150
100
100
50
50
0 0
15
30
45
60
75
150
0 0
15
30
45
60
75
90 105 120 C
150
TS
TS
Forward current IF = (T S) BAS16-03W
300
Forward current IF = (T S) BAS16S
250
mA
mA
200
IF
IF
150 100 50 0 0 90 105 120 C
150
100
50
15
30
45
60
75
150
0 0
15
30
45
60
75
90 105 120 C
150
TS
TS
6
Dec-04-2003
BAS16...
Forward current IF = (T S) BAS16U
250
Forward current IF = (T S) BAS16W
300
mA
mA
200
IF
150
IF
150 100 50 90 105 120 C 0 0
100
50
0 0
15
30
45
60
75
150
15
30
45
60
75
90 105 120 C
150
TS
TS
Permissible Puls Load R thJS = (tp) BAS16
10 3
K/W
Permissible Pulse Load IFmax / I FDC = (t p) BAS16
10 2
10 2
IFmax/IFDC
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 -1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
7
Dec-04-2003
BAS16...
Permissible Puls Load R thJS = (tp) BAS16-02L, -07L4
10
2
Permissible Pulse Load IFmax / I FDC = (t p) BAS16-02L, -07L4
10 2
K/W
I Fmax/ I FDC
-
R thJS
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10
-1
s
10
1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
tp
s tp
10
0
Permissible Puls Load R thJS = (tp) BAS16-02V, -02W
10 3
Permissible Pulse Load IFmax / I FDC = (t p) BAS16-02V, -02W
10 2
K/W
IFmax/ IFDC
RthJS
10 2
10 1
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
8
Dec-04-2003
BAS16...
Permissible Puls Load R thJS = (tp) BAS16-03W
10
3
Permissible Pulse Load IFmax / I FDC = (t p) BAS16-03W
10 2
K/W
I Fmax/ I FDC
10 2
10 1
10 1
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
R thJS
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Permissible Puls Load R thJS = (tp) BAS16S
10 3
Permissible Pulse Load IFmax / I FDC = (t p) BAS16S
10 2
K/W
IFmax/ IFDC
-
RthJS
10 2
10 1
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
9
Dec-04-2003
BAS16...
Permissible Puls Load R thJS = (tp) BAS16U
10
3
Permissible Pulse Load IFmax / I FDC = (t p) BAS16U
10 2
K/W
10 2
I Fmax/ I FDC
R thJS
10 1
10 1
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Permissible Puls Load R thJS = (tp) BAS16W
10 3
Permissible Pulse Load IFmax / I FDC = (t p) BAS16W
10 2
K/W
IFmax/ IFDC
-
RthJS
10 2
10 1
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
10
Dec-04-2003


▲Up To Search▲   

 
Price & Availability of BAS16-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X