Part Number Hot Search : 
TS024 GP2A18F G2SB08 80C196KC PS235 SCL4511B TIP132 4D182
Product Description
Full Text Search
 

To Download BA12003B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
High voltage, high current Darlington transistor array
BA12001B / BA12003B / BA12003BF / BA12004B
The BA12001B, BA12003B, BA12003BF, and BA12004B are high voltage, high current, high sustain voltage transistor arrays consisting of seven circuits of Darlington transistors. Because it incorporates built-in surge-absorbing diodes and base current-control resistors needed when using inductive loads such as relay coils, attachments can be kept to a minimum. With an output sustain voltage as high as 60V and an output current (sink current) of 500mA, this product is ideal for use with various drivers and as an interface with other elements.
Applications Drivers for LEDs, lamps, relays and solenoids Interface with other elements
Features 1) High output current. (IOUT=500mA Max.) 2) High output sustain voltage. (VOUT=50V Max.) 3) Seven Darlington transistors built in. 4) Built-in surge-absorbing clamp diode. (Note : Refer to the "Reference items when using in application." )
Block diagram
IN1 1
16 OUT1
IN2 2
15 OUT2
IN3 3
14 OUT3
IN4 4
13 OUT4
IN5 5
12 OUT5
IN6 6
11 OUT6
IN7 7
10 OUT7
GND 8
9
COM
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Internal circuit configuration
COM COM OUT IN OUT IN 2.7k 7.2k 7.2k 3k GND 3k GND
Fig.1 BA12001B
Fig.2 BA12003B / BF
COM IN 10.5k OUT
7.2k 3k GND
Fig.3 BA12004B
Absolute maximum ratings (Ta=25C)
Parameter Power supply voltage Input voltage Input current Output current Ground pin current Power dissipation DIP package SOP package other than BA12001B BA12001B Symbol VCE VIN IIN IOUT IGND Pd VR IF Topr Tstg Limits 60 -0.5+30 25 500 2.31 12502 6253 60 500 -25+75 -55+150 Unit V V mA / unit mA / unit A mW V mA C C
Diode reverse voltage Diode forward current Operating temperature Storage temperature
1 Pulse width 20ms, duty cycle 10%, same current for all 7 circuits 2 Reduced by 10mW for each increase in Ta of 1C over 25C . 3 Reduced by 50mW for each increase in Ta of 1C over 25C .
Recommended operating conditions (Ta=25C)
Parameter Output current Power supply voltage Input voltage (excluding BA12001B) Input current (BA12001B only) Symbol IOUT VCE VIN IIN Min. - - - - Typ. - - - - Max. 350 55 30 25 Unit mA V V mA / unit Conditions Fig.9, 10 - - -
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Electrical characteristics (Ta=25C)
Parameter Output leakage current DC current transfer ratio Symbol IL hFE Min. - 1000 - Typ. 0 2400 0.94 Output saturation voltage VCE(sat) 1.14 1.46 BA12003B / BF BA12004B Input voltage BA12003B / BF BA12004B BA12003B / BF BA12004B Input current BA12003B / BF BA12004B Diode reverse current Diode forward voltage Input capacitance VIN VIN VIN - - - - - - - 1.75 2.53 1.91 2.75 2.17 3.27 0.90 0.39 0 1.73 30 Max. 10 - 1.1 1.3 1.6 2 5 2.4 6 3.4 8 1.35 0.5 50 2 - A V pF mA VIN = 3.85V VIN = 5V VR = 60V IF = 350mA VIN = 0V, f = 1MHz V VCE = 2V, IOUT = 200mA V VCE = 2V, IOUT = 100mA V Unit A V VCE = 60V VCE = 2V, IOUT = 350mA IOUT = 100mA, IIN = 250A IOUT = 200mA, IIN = 350A IOUT = 350mA, IIN = 500A Conditions
V
VCE = 2V, IOUT = 350mA
IIN IR VF CIN
Note: Input voltage and input current for BA12001 vary based on external resistor.
Measurement circuits
(1) Output leakage current IL
OPEN
(2) DC current transfer ratio Output saturation voltage
OPEN
hFE = IO II VCE (sat)
(3) Input voltage VIN
OPEN
OPEN
IL
IO II
VCE
IO VI VCE (sat) VCE
(4) Input current IIN
OPEN
(5) Diode reverse current
IR
(6) Diode forward voltage IF
IR OPEN OPEN VI OPEN
OPEN
VR
OPEN
IF VF
(7) Input capacitance CIN
OPEN
f Capacitance bridge LO HI OPEN TEST SIGNAL LEVEL 20mVrms
VI
Fig.4
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Application example
RY
LED
(1) Relay driver
(2) LED driver
Fig.5
Application notes The BA12001B is a transistor array which can be directly coupled to a general logic circuit such as PMOS, CMOS, or TTL. A current limiting resistor needs to be connected in series with the input. The BA12003B / BF can be coupled directly to TTL or CMOS output (when operating at 5V). In order to limit the input current to a stable value, resistors are connected in series to each of the inputs. The BA12004B is designed for direct coupling to CMOS or PMOS output using a 6 to 15V power supply voltage. In order to limit the input current to a stable value, resistors are connected in series to each of the inputs. The load for each of these products should be connected between the driver output and the power supply. To protect the IC from excessive swing voltage, the COM pin (Pin 9) should be connected to the power supply. Fig.6 shows the configuration of the on-chip diode for surge absorption. In the construction of the surge-absorbing diode,there is an N-P junction between the N-layer (N-well + BL) and the substrate (P-sub) so that when the diode is on, current flows from the output pin to the substrate. In terms of the vertical construction, this diode is configured similar to a PNP transistor. When using the surge-absorbing diode, take appropriate measures regarding the thermal characteristics of the design considering the current that will be handled. Also, if motor back-rush current or other conditions that will result continued surge current to flow to the surge-absorbing diode can be foreseen, we strongly recommend connecting a Schottky barrier diode (or other type of diode with a low foward voltage) in parallel with the surge-absorbing diode to construct a bypass route for the surge current.
OUT COM
In-flow current to the surge-absorbing diode
N+
P+ IDi
N+
ISO
Isub N-well B/L P-sub N+
ISO
P
P
Fig.6 Vertical construction of the surge-absorbing diode
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
Electrical characteristic curves
1400 Other than BA12003BF
500 All series
OUTPUT CURRENT : IOUT (mA)
500 When all circuits are on 400 350 300 Ta = 25C 200 Ta = 75C 100 110mA 64mA 10% 20% All series
POWER DISSIPATION : Pd (mW)
OUTPUT CURRENT : IO (mA)
1250 1200 1000 800 625 600 400
400
300
2ch 3ch
BA12003BF
200
4ch 5ch 6ch 7ch
100
200 0
25
50
75
100
125
150
0
10 20 30 40 50 60 70 80 90 100 DUTY CYCLE : (%)
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta (C)
DUTY CYCLE (%)
Fig.7 Power dissipation vs. ambient temperature
Fig.8 Output conditions (I)
Fig.9 Output conditions (II)
500
The shaded range should never be exceeded under any circumstances
5000
DC CURRENT GAIN : hFE
Ta = 25C VCE = 2.0V
OUTPUT CURRENT : IOUT (mA)
500 IIN = 250A 400
OUTPUT CURRENT: IOUT (mA)
400 350 300
2000 1000 500
300 Ta = -30C Ta = 25C 100 Ta = 80C
200
Max. usage conditions
200
100
Usage conditions range
200 100 10
0
10
20
30
40
50
20
50
100
200
500
1000
0 0
0.5
1.0
1.5
2.0
2.5
SUPPLY VOLTAGE: VCC (V)
OUTPUT CURRET : IOUT (mA)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.10 Usage conditions range per circuit
Fig.11 DC current transfer ratio vs. output current
Fig.12 Output current vs. voltage between collector and emitter
500
IIN = 350A
500 IIN = 500A
OUTPUT CURRENT : IOUT (mA)
20
OUTPUT CURRENT : IOUT (mA)
400
400
INPUT CURRENT : IIN (mA)
15
Ta = -25C Ta = 25C Ta = 75C
300
Ta = -30C
300 Ta = -30C 200 Ta = 25C 100 Ta = 80C 0 0 0.5 1.0 1.5 2.0 2.5
10
200
Ta = 25C
5
100
Ta = 80C
0 10
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
INPUT VOLTAGE : VIN (V)
Fig.13 Output current vs. voltage between collector and emitter
Fig.14 Output current vs. voltage between collector and emitter
Fig.15 Input current vs. input voltage (BA12003B / BF)
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
4 Ta = -25C
25
OUTPUT VOLTAGE : VOUT (V), VCE (V)
25
OUTPUT VOLTAGE : VCE OUT (V)
VOUT = 20V RL = 68 20
Ta = 75C Ta = 25C Ta = -25C
VOUT = 20V RL = 68 20 Ta = 75C Ta = 25C Ta = -25C
INPUT CURRENT : IIN (mA)
3
Ta = 25C Ta = 75C
15
15
2
10
10
1
5
5
0
10
20
30
40
0
0
0.5
1
1.5
2
2.5
1
2
3
4
5
INPUT VOLTAGE : VIN (V)
INPUT VOLTAGE : VIN (V)
INPUT VOLTAGE : VIN (V), VI (V)
Fig.16 Input current vs. input voltage (BA12004B)
Fig.17 Output voltage vs. input voltage (BA12003B / BF)
Fig.18 Output voltage vs. input voltage (BA12004B)
External dimensions (Units : mm)
BA12001B / BA12003B / BA12004B BA12003BF
10.0 0.2
19.4 0.3 16 9
16
6.5 0.3
9
6.2 0.3
7.62
3.2 0.2 4.25 0.3
1
8
1.5 0.1
0.3 0.1
2.54 0.5 0.1 0 ~ 15
0.11
1.27
0.4 0.1
0.3Min. 0.15
DIP16
SOP16
0.15 0.1
1
8
0.51Min.
4.4 0.2


▲Up To Search▲   

 
Price & Availability of BA12003B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X