Part Number Hot Search : 
AN8570SH P1611 RM21B CXN1010 FP7287 ES1ELEE 1H222M GI09N20
Product Description
Full Text Search
 

To Download ASI10727 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHB40-28S
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VHB40-28S is Designed for
PACKAGE STYLE .380 4L STUD
.112x45 A
FEATURES:
* * * OmnigoldTM Metalization System
B
OC
D
H
I J
MAXIMUM RATINGS
#8-32 UNC-2A
G F E
IC VCBO VCEO VEBO PDISS TJ TSTG JC
5.0 A 65 V 35 V 4.0 V 60 W -65 OC to +200 OC -65 OC to +150 OC 2.9 OC/W
DIM A B C D E F G H I J MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84 .385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10727
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICES ICBO hFE Cob PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 200 mA IC = 200 mA IC = 10 mA IE = 10 mA VCE = 30 V VCB = 30 V VCE = 5.0 V VCB = 30 V VCE = 28 V PIN = 7.0 W IC = 500 mA f = 1.0 MHz f = 175 MHz
MINIMUM TYPICAL MAXIMUM
35 65 65 4.0 10 1.0 5.0 200 65 7.6 60
UNITS
V V V V mA mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10727

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X