Part Number Hot Search : 
MCJ36 FGL40N12 PM100 PE51000 ACTS374K NTE5519 LX1692A V910ME13
Product Description
Full Text Search
 

To Download ASI10714 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHB25-12F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VHB25-12F is Designed for
PACKAGE STYLE .380 4L FLG
B .112 x 45 A O.125 NOM. FULL R J .125
FEATURES:
* * * OmnigoldTM Metalization System
C D F E HI
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 4.0 A 36 V 18 V 4.0 V 65 W @ TC = 25 C -65 OC to +200 OC -65 OC to +150 OC 3.5 OC/W
O
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
G
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ORDER CODE: ASI10714
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C IC = 50 mA IC = 15 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
18 36 4.0 5.0
UNITS
V V V mA --pF dB
IE = 5.0 mA VCB = 15 V VCE = 5.0 V VCB = 12.5 V VCE = 12.5 V POUT = 25 W IC = 250 mA f = 1.0 MHz f = 175 MHz
20
--110
10 60
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10714

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X