Part Number Hot Search : 
2V181HJ PE6804 SK85C BAV16W06 06010 CMT164C KD40F40 TSM6866
Product Description
Full Text Search
 

To Download ASI10691 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UML3
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UML3 is Designed for
PACKAGE STYLE .280 4L STUD
A 45
FEATURES:
* * * OmnigoldTM Metalization System
B
D
C J
E F
I
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC
O
G H K DIM A B C D E F G H I J K .175 / 4.45 .275 / 6.99 .245 / 6.22 .640 / 16.26 .217 / 5.51 .285 / 7.24 MINIMUM
inches / mm
#8-32 UNC MAXIMUM
inches / mm
10 A 60 V 35 V 140 W @ TC = 25 OC -65 C to +200 C -65 OC to +150 OC 16 OC/W
O
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48
ORDER CODE: ASI10691
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE Cob PG D IC = 50 mA IC = 50 mA IE = 10 mA VE = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 28 V VCC = 28 V
IC = 1.0 A f = 1.0 MHz POUT = 3.0 W f = 400 MHz
10
100 6.0
12 60
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10691

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X