Part Number Hot Search : 
PA424 MMSZ5234 FB4110 49F002 2750060 LTC1666 LC66562B FN3158
Product Description
Full Text Search
 

To Download ASI10687 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The is Designed for
B
PACKAGE STYLE .400 BAL FLG(A)
A FULL R 4X.060 R
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
C E D P
F H K J
G I N LM
MAXIMUM RATINGS
IC VCBO VCES VEBO PDISS TJ TSTG JC
O
DIM A B
MINIMUM
inches / mm
MAXIMUM
inches / mm
43.2 A 65 V 65 V 3.5 V 1167 W @ TC = 25 C -65 C to +200 C -65 OC to +200 OC 0.15 OC/W
O O
.210 / 5.33 .045 / 1.14 .125 / 3.18 .380 / 9.65 .770 / 19.56 .070 / 1.78 .215 / 5.46 .420 / 10.67 .645 / 16.38 .895 / 22.73 .002 / 0.05 .058 / 1.47 .115 / 2.92
.230 / 5.84 .055 / 1.40 .135 / 3.43 .390 / 9.91 .830 / 21.08 .080 / 2.03 .235 / 5.97 .430 / 10.92 .655 / 16.64 .905 / 22.99 .006 / 0.15 .065 / 1.65 .130 / 3.30 .230 / 5.84
C D E F G H I J K L M N P
.395 / 10.03
.405 / 10.29
ORDER CODE: ASI10687
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVEBO ICES hFE IC = 50 mA IC = 50 mA IE = 10 mA VCE = 30 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
65 65 3.5 15
UNITS
V V V mA ---
VCE = 5.0 V
IC = 5.0 A
20
200
PG C
VCE = 40 V
PIN = 54 W
f = 425 MHz
9.7 50
dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10687

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X