Part Number Hot Search : 
87C51FB XTA3N120 M51981ML D1616 1N4734A NTD92B 74T1AEF 1N4734A
Product Description
Full Text Search
 

To Download ASI10683 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM25
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM25 is Designed for
PACKAGE STYLE .500 6L FLG FEATURES:
* * * OmnigoldTM Metalization System
D C A 2x ON FULL R
B
E .725/18,42 F K M L MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC
O
G
4.8 A 36 V 16 V 36 V 4.0 V 70 W @ TC = 25 OC -65 C to +200 C -65 OC to +150 OC 2.5 OC/W
O
DIM A B C D E F G H I J K L M N
H MINIMUM
inches / mm
J
I
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10683
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICES hFE COB PG C IC = 50 mA IC = 10 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
16 36 4.0 5
UNITS
V V V mA --pF dB
IE = 5.0 mA VCE = 12.5 V VCE = 5.0 V VCB = 12.5 V VCC = 12.5 V POUT = 25 W IC = 1.0 A f = 1.0 MHz f = 470 MHz
10
--80
6.5 60
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10683

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X