Part Number Hot Search : 
SS711 D221K 1N582X K31N60W T200A 4LCX1 TPCA8 EQ212
Product Description
Full Text Search
 

To Download ASI10676 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM2T
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM2T is Designed for
PACKAGE STYLE TO-39
B OA 45 C
FEATURES:
* * * OmnigoldTM Metalization System
OD E
MAXIMUM RATINGS
IC VCB0 VCEO VCES VEBO PDISS TJ TSTG JC
O
F
0.75 A 36 V 16 V 36 V 4.0 V 5 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 35 OC/W
O O
DIM A B C D E F G H
G
H
MINIMUM
inches / mm
MAXIMUM
inches / mm
.200 / 5.080 .029 / 0.740 .028 / 0.720 .335 / 8.510 .305 / 7.750 .240 / 6.100 .500 / 12.700 .016 / 0.407 .020 / 0.508 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .260 / 6.600
ORDER CODE: ASI10676
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG C IC = 5 mA IC = 25 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
16 36 4.0 1.0
UNITS
V V V mA ---
IE = 1.0 mA VCE = 15 V VCE = 5.0 V VCB = 12 V VCC = 12.5 V POUT = 2.0 W IC = 100 mA f = 1.0 MHz f = 470 MHz
20 10 6.0 55
pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10676

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X