Part Number Hot Search : 
6154C BC337 00MD6 M168B 78P2243 100TS MAX2310 LS5060B
Product Description
Full Text Search
 

To Download ASI10674 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM0.5
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM0.5 is Designed for
PACKAGE STYLE .205 4L PILL
D
FEATURES:
* * * OmnigoldTM Metalization System
B A C
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 0.4 A 28 V 12 V 4.0 V 2.5 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 70 OC/W
O O O
DIM A B C D E F G H .106 / 2.700 .039 / 1.000 .004 / 0.100 .200 / 5.100 MINIMUM
inches / mm
F
G H E
MAXIMUM
inches / mm
.976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500
1.00 / 25.400 1.00 / 25.400 .031 / 0.800
.139 / 3.400 .047 / 1.200 .006 / 0.150 .208 / 5.300
ORDER CODE: ASI10674
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO hFE Cob PG IC = 25 mA IC = 10 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
12 28 4.0
UNITS
V V V
IE = 5.0 mA VCE = 5.0 V VCB = 12.5 V VCC = 12.5 V POUT = 0.5 W IC = 150 mA f = 1.0 MHz f = 470 MHz
20
--4.0
--pF dB
13
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10674

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X