Part Number Hot Search : 
VSM52152 MAX4270 001TB 5KP22A RKL3CD PACDN004 A54SX72 CPH6104
Product Description
Full Text Search
 

To Download ASI10672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UHBS60-1
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UHBS60-1 is Designed for
PACKAGE STYLE .230 6L FLG FEATURES:
* * * OmnigoldTM Metalization System
.115 .430 D E .125 G F H I JK L A .040x45 4X .025 R C B 2XO.130
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC
O
9.0 A 50 V 26 V 50 V 4.0 V 190 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 0.9 OC/W
O O O O
DIM A B C D E F G H I J K L MINIMUM
inches / mm
MAXIMUM
inches / mm
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
ORDER CODE: ASI10672
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVCEO BVEBO ICES ICBO hFE Cob PG C IC = 50 mA IC = 50 mA IC = 50 mA IE = 10 mA VCE = 20 V VCB = 30 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
50 50 26 3.0 10 5
UNITS
V V V V mA mA --pF dB %
VCE = 5.0 V VCB = 24 V VCE = 24 V
IC = 1.0 A f = 1.0 MHz POUT = 60 W f = 900 GHz
20
100 75
7.5 55
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X