Part Number Hot Search : 
AT28C256 SG6980 M5839C P25XI RBS80470 AD588 USD4540C XR2100
Product Description
Full Text Search
 

To Download ASI10667 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UHBM45
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UHBM45 is Designed for
PACKAGE STYLE .230 6L FLG FEATURES:
* * * OmnigoldTM Metalization System
.040x45 4X .025 R .115 .430 D E .125 G F H I JK L A C B 2XO.130
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC
O
9.0 A 36 V 18 V 36 V 4.0 V 150 W @ TC = 25 OC -65 C to +200 C -65 C to +150 C 1.2 OC/W
O O O
DIM A B C D E F G H I J K L MINIMUM
inches / mm
MAXIMUM
inches / mm
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
ORDER CODE: ASI10667
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C IC = 50 mA IC = 50 mA IE = 10 mA VCB = 15 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
36 18 4.0 5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 12.5 V VCE = 12.5 V
IC = 1.0 A f = 1.0 MHz POUT = 45 W f = 836 MHz
5 80 4.7 35
200
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10667

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X