Part Number Hot Search : 
SF1105 LZ801 71973 MAX15022 MC1404P5 ER102 S3540PF 11401
Product Description
Full Text Search
 

To Download ASI10658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVV014A
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVV014A is Designed for
PACKAGE STYLE .500 6L FLG
C A 2x ON FULL R D
FEATURES:
* * * OmnigoldTM Metalization System
B G .725/18,42 F
E
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 10 A 60 V 35 V 4.0 V 140 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 1.5 OC/W
O O
DIM A B C D E F G H I J K L M N
K H MINIMUM
inches / mm
M L
J
I
MAXIMUM
inches / mm
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10658
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE PG IMD1 IC = 50 mA IC = 50 mA IE = 10 mA VCE = 50 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5.0
UNITS
V V V mA --dB dBc
VCE = 5.0 V VCE = 25 V POUT = 14 W
IC = 1.0 A IC = 2.5 A f = 225 MHz
10 14 -55
100
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X