Part Number Hot Search : 
UR1620 A2107M KK4518BD IS0512SA AN8140K MC79L PA141A LD80C52
Product Description
Full Text Search
 

To Download ASI10645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVU004
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVU004 is Designed for
PACKAGE STYLE .280 4L STUD
A 45
FEATURES:
* * * OmnigoldTM Metalization System
B
D S G
D C J E I
S
MAXIMUM RATINGS
IC VCBO VCES VEBO PDISS TJ TSTG JC
O
F G
1.59 A 65 V 65 V 3.5 V 31.8 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 7.0 OC/W
O O O O
DIM A B C D E F G H I J K .175 / 4.45 .275 / 6.99 .245 / 6.22 MINIMUM
inches / mm
H K
#8-32 UNC MAXIMUM
inches / mm
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48 .640 / 16.26 .217 / 5.51 .285 / 7.24
ORDER CODE: ASI10645
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICBO hFE COB PG IMD3 IC = 5 mA IC = 10 mA IC = 5 mA IE = 5 mA VCB = 40 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
20 65 65 3.5 1.0
UNITS
V V V V mA --pF dB dBc
VCE = 5.0 V VCE = 25 V VCE = 25 V POUT = 4.0 W
IC = 800 mA f = 1.0 MHz IC = 850 mA f = 860 MHz
20
200 20
8.5 -60
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X