Part Number Hot Search : 
2SC5270 SF16G XXXGX XFN80N50 ZMM11LB3 CMF211 CY7C14 BAT54S
Product Description
Full Text Search
 

To Download ASI10642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TVU0.5B
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI TVU0.5B is Designed for
PACKAGE STYLE .205 4L STUD
D
FEATURES:
* * * OmnigoldTM Metalization System
A C
B
G F
E
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 2.0 A 45 V 25 V 3.5 V 31.8 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 33 OC/W
O O O
DIM A B C D E F G H I J
H
#8-32UNC
J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.976 / 24.800 .976 / 24.800 .028 / 0.700 .138 / 3.500 .161 / 4.100 .098 / 2.500 .200 / 5.100 .004 / 0.100 .425 / 10.800 .200 / 5.100
1.000 / 25.4000 1.000 / 25.4000 .031 / 0.800
.196 / 5.000 .110 / 2.800 .208 / 5.300 .006 / 0.150 .465 / 11.800 2.05 / 5.200
ORDER CODE: ASI10642
CHARACTERISTICS
SYMBOL
BVCBO BVCE BVEBO ICBO hFE PG IMD1
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 20 mA IE = 0.25 mA VCB = 28 V VCE = 5.0 V VCE = 20 V POUT = 0.5 W IC = 100 mA IC = 150 mA f = 860 MHz
MINIMUM TYPICAL MAXIMUM
45 24 3.5 0.45 15 12 -58 120
UNITS
V V V mA --dB dBc
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X