Part Number Hot Search : 
LTC10 FQT1N80 10MTB050 D2219 NE587 LY62L CS485XX 1206TF
Product Description
Full Text Search
 

To Download ASI10636 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSC-0.3C
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .138 2L FLG DESCRIPTION:
The ASI OSC-0.3C is Designed for
B A
FEATURES:
* * * OmnigoldTM Metalization System
C F E D
MAXIMUM RATINGS
IC VCB PDISS TJ TSTG JC 225 mA 25 V 5.0 W @ TC = 25 C -65 OC to +200 OC -65 OC to +200 OC 30 OC/W
O
DIM A B C D E F MINIMUM
inches / mm
MAXIMUM
inches / mm
.025 / 0.635 .138 / 3.505 .275 / 6.985 .375 / 9.525 .031 / 0.787 .062 / 1.575
ORDER CODE: ASI10636
CHARACTERISTICS
SYMBOL
BVCEO BVCBO IEBO ICBO hFE COB C | S21C| | POSC
2
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 100 A IEB = 1.0 V VCB = 15 V VCE = 8.0 V VCB = 10 V VCC = 12 V VCE = 8.0 V VCC = 12 V POUT = 0.3 W IC = 100 mA IC = 120 mA IC = 100 mA f = 1.0 MHz f = 7.5 GHz f = 1.0 GHz f = 7.5 GHz
MINIMUM TYPICAL MAXIMUM
16 25 2.0 500 20 200 1.5 22 4.0 320
UNITS
V V A A --pF % dB mW
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10636

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X