Part Number Hot Search : 
LF1S022 RHEF400 GL8TR21 FQP5N80 ORD9702 TDSO5150 P6KE39A MAX66
Product Description
Full Text Search
 

To Download ASI10630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLN2027F
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .250 2L FLG
A
DESCRIPTION:
The ASI MLN2027F is Designed for
B C E
OD .060 x 45 CHAMFER
FEATURES:
* * * OmnigoldTM Metalization System
DIM A B C D E F G H L
G
H J
F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC
O
300 mA 20 V --- W -65 C to +200 C -65 OC to +200 OC 25 C/W
O O
I J K L M N P
ORDER CODE: ASI10630
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICEO hFE COB PG IC = 1 mA IC = 5 mA IE = 1 mA VCE = 18 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
50 20 3.5 0.5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 28 V VCE = 20 V POUT = 0.5 W
IC = 100 mA f = 1.0 MHz ICQ = 120 mA f = 2.0 GHz
15
120 4.0
8.0
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X