Part Number Hot Search : 
1N5254 3EH15 SPX29 4N600T Z5232 SDA8000 EPF8072G D8237A
Product Description
Full Text Search
 

To Download ASI10618 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLN1027F
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .250 2L FLG DESCRIPTION:
OD A
The ASI MLN1027F is Designed for
B
C E
.060 x 45 CHAMFER
FEATURES:
* * * OmnigoldTM Metalization System
DIM L
G
H J
F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC
O
A B C D E F G H I J K L M N P
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
300 mA 20 V --- W -65 OC to +200 OC -65 C to +200 C 25 OC/W
O
ORDER CODE: ASI10618
O
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICEO hFE COB PG IC = 1 mA IC = 5 mA IE = 1 mA VCE = 18 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
50 20 3.5 0.5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 28 V VCE = 20 V ICQ = 100mA
IC = 100 mA f = 1.0 MHz POUT = 0.5 W f = 1.0 GHz
15
120 3.5
12
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10618

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X