Part Number Hot Search : 
2N642601 AIC1652 DY10F 25K16 NTE3098 TB6501P L9104 80010
Product Description
Full Text Search
 

To Download ASI10612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF150-50F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF150-50F is Designed for
PACKAGE STYLE .500 4L FLG
.112x45 A FULL R L
FEATURES:
* PG = 14 dB min. at 150 W/30 MHz * IMD3 = 100 dBc max. at 150 W(PEP) * OmnigoldTM Metalization System
C B
E B
D G F
C
O.125 NOM.
E
E H
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ T STG JC 10 A
DIM MINIMUM
inches / mm
IJ
K
MAXIMUM
inches / mm
110 V 55 V 4.0 V 233 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 0.75 OC/W
O O O
A B C D E F G H I J K L
.220 / 5.59 .125 / 3.18 .245 / 6.22 .720 / 18.28 .125 / 3.18 .970 / 24.64 .495 / 12.57 .003 / 0.08 .090 / 2.29 .150 / 3.81 .980 / 24.89
.230 / 5.84 .255 / 6.48 .7.30 / 18.54 .980 / 24.89 .505 / 12.83 .007 / 0.18 .110 / 2.79 .175 / 4.45 .280 / 7.11 1.050 / 26.67
ORDER CODE: ASI10612
CHARACTERISTICS
SYMBOL
BV CBO BV CES BV CEO BV EBO ICEO ICES hFE Cob GP IMD3 C IC = 100 mA IC = 100 mA IC = 100 mA IE = 10 mA VCE = 30 V VCE = 60 V VCE = 6 V VCB = 50 V
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
110 110 55 4.0 5 5
UNITS
V V V V mA mA --pF dB dBc %
IC = 1.4 A f = 1.0 MHz
18
43.5 220
14 VCE = 50 V ICQ = 100 mA POUT = 150 W (PEP) 37 -30
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1
ERROR! REFERENCE SOURCE NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * TELEX: 18-2651 * FAX (818) 765-3004


▲Up To Search▲   

 
Price & Availability of ASI10612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X