Part Number Hot Search : 
74HCT5 B70N6U AD8574AR P00EC M51995 MN101 AD842 72F7AD
Product Description
Full Text Search
 

To Download ASI10600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF8-28F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF8-28F is Designed for
PACKAGE STYLE .380 4L FLG FEATURES:
* PG = 21 dB min. at 8 W/30 MHz * IMD3 = -30 dBc max. at 8 W(PEP) * OmnigoldTM Metalization System
B .112 x 45 A
E B
C E
C D E
O.125 NOM. FULL R J .125
MAXIMUM RATINGS
F
IC VCBO VCEO VCES VEBO PDISS TJ T STG JC
O
1.0 A 65 V 35 V 65 V 4.0 V 13.0 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 13.5 OC/W
O O
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
G
HI
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ORDER CODE: ASI10600
CHARACTERISTICS
SYMBOL
BV CEO BV CES BV CBO BV EBO ICBO hFE COB GP POUT IC = 200 mA IC = 200 mA IC = 200 mA IE = 10 mA VCB = 30 V VCE = 5.0 V VCB = 30 V VCC = 28 V
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
35 65 65 4.0 1.0
UNITS
V V V V mA --pF dB W
IC = 200 mA f = 1.0 MHz PIN = 1.0 W f = 150 MHz
5.0
--15
10 10
---
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X