Part Number Hot Search : 
1N581 76309 IDT72 ISL3685 GF30AH GRM155 84067441 UR18650F
Product Description
Full Text Search
 

To Download ASI10596 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF50-12F
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF50-12F is Designed for
PACKAGE STYLE .380 4L FLG
B .112 x 45 A
FEATURES:
* PG = 16 dB min. at 50 W/30 MHz * IMD3 = -30 dBc max. at 30 W(PEP) * OmnigoldTM Metalization System
F
E B
C D E
C E
O.125 NOM. FULL R J .125
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ T STG JC 12.0 A 36 V 18 V 3.5 V 183 W @ TC = 25 C -65 OC to +200 OC -65 OC to +150 OC 1.05 OC/W
O
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
G
HI
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84 .730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
ORDER CODE: ASI10596
CHARACTERISTICS
SYMBOL
BV CBO BV CES BV CEO BV EBO ICES hFE COB GP C IC = 50 mA IC = 100 mA IC = 50 mA IE = 10 mA VCE = 15 V VCE = 5.0 V
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
36 36 18 3.5 10
UNITS
V V V V mA --pF dB
IC = 5.0 A f = 1.0 MHz PIN = 7.0 W f = 50 MHz
10
--300
VCB = 12.5 V VCE = 12.5 V POUT = 50 W(PEP)
10 55
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10596

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X