Part Number Hot Search : 
5RF26 AOT11N70 BAV16W MC2844 T0805DM 1N663 6LFXC ISL6225
Product Description
Full Text Search
 

To Download ASI10591 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF5-12S
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF5-12S is Designed for
PACKAGE STYLE .380 4L STUD
.112x45 A
FEATURES:
* PG = 20 dB min. at 5 W/30 MHz * IMD3 = -30 dBc max. at 5 W(PEP) * OmnigoldTM Metalization System
B
C E
OC
E B
HI J
D
MAXIMUM RATINGS
#8-32 UNC-2A
G F E
IC VCBO VCEO VEBO PDISS TJ T STG JC
4.5 A 36 V
DIM MINIMUM
inches / mm
MAXIMUM
inches / mm
18 V 4.0 V 80 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 2.2 OC/W
O O
A B C D E F G H I J
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84 .385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10591
CHARACTERISTICS
SYMBOL
BV CBO BV CES BV CEO BV EBO ICES hFE COB GP IMD3 IC = 50 mA IC = 50 mA IC = 50 mA IE = 5.0 mA VCE = 15 V VCE = 5.0 V
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
36 36 18 4.0 5
UNITS
V V V V mA --pF dB dBc
IC = 1.0 A f = 1.0 MHz ICQ = 25 mA f = 30 MHz
10 --15 100 18
200 -----30
VCB = 12.5 V VCC = 12.5 V POUT = 5.0 W(PEP)
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10591

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X