Part Number Hot Search : 
E1211 4060EFE 2SB1289 GH224 74AC2 LA1S1 MAX334 SL322
Product Description
Full Text Search
 

To Download ASI10582 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CBSL30
DESCRIPTION:
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .230 6L FLG
A .040x45 4X .025 R C B 2XO.130 .115 .430 D E .125 G H I JK L F
The ASI CBSL30 is Designed for
FEATURES:
* * * OmnigoldTM Metalization System
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC
O
7.5 A 48V 25 V 3.5 V 88 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 3.0 OC/W
O
DIM A B C D E F G H I J K L
MINIMUM
inches / mm
MAXIMUM
inches / mm
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
O
O
O
O
ORDER CODE: ASI10582
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVCEO BVEBO ICBO hFE COB PG IMD3 VSWR1 VSWR2 OVD
TC = 25 C
NONETEST CONDITIONS
IC = 100 mA IC = 40 mA IC = 40 mA IE = 10 mA VCE = 24 V VCE = 20 V VCB = 25 V VCE = 25 V POUT = 30 W ICQ = 150 mA f1 = 860.0 MHz IC = 2.0 A f = 1.0 MHz f = 860 MHz f2 = 860.1 MHz RBE = 150
MINIMUM TYPICAL MAXIMUM
48 30 25 3.5 10 15 55 40 28 5.0 --40 ----------100 50 7.5 -35 No Degradation in Output Device No Degradation in Output Device No Degradation in Output Device ---
UNITS
V V V mA --pF dB dBc Typ. Typ. Typ.
VCE = 25 V VCE = 25 V 20% VCE = 25 V 20% PIN = PIN (norm) +3 dB VCE = 25 V VCE = 25 V 20%
VSWR = 20:1 VSWR = 10:1 VSWR = 5:1 PIN (norm) = +5 Db PIN (norm) = +3 dB
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10582

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X