Part Number Hot Search : 
TC126 HD404354 102M1 MV8742 SA200 SR4020PT F60340KF BTB04S
Product Description
Full Text Search
 

To Download ASI10576 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVF600
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .400 2L FLG (A) DESCRIPTION:
2xB 4x .062 x 45 A .040 x 45 C
The ASI AVF600 is Designed for
E D
F
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
DIM A B C
G H J K
2xR
I L
N M MINIMUM
inches / mm
P
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O
.135 / 3.43 .100 / 2.54 .050 / 1.27 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .490 / 12.45 .100 / 2.54 .690 / 17.53 .890 / 22.61 .003 / 0.08 .052 / 1.32 .118 / 3.00
.145 / 3.68 .120 / 3.05
43 A 55 V 1670 W @ TC 100 OC -65 C to +250 C -65 OC to +200 OC 0.06 C/W
O O
D E F G H I J K L M N P
.396 / 10.06 .130 / 3.30 .407 / 10.34
.510 / 12.95
.710 / 18.03 .910 / 23.11 .006 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
ORDER CODE: ASI10576
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 25 mA IC = 50 mA IE = 10 mA VCE = 50 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 60
UNITS
V V V mA --dB %
VCE = 5.0 V VCC = 50 V
IC = 2.0 A POUT = 600 W f = 1030 - 1090 MHz
10 5.6 35
250
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10576

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X