Part Number Hot Search : 
M1610 1N472 00080 S10K115 47LM625S 16700 5ZSXI TC52425
Product Description
Full Text Search
 

To Download ASI10567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVD400
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .400 2L FLG (A)
4x .062 x 45 A .040 x 45 C
DESCRIPTION:
The ASI AVD400 is Designed for
2xB
E D G
F
2xR H J K P
FEATURES:
* * * OmnigoldTM Metalization System
I L
N M DIM A MINIMUM
inches / mm
MAXIMUM
inches / mm
.135 / 3.43 .100 / 2.54 .050 / 1.27 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .490 / 12.45 .100 / 2.54 .690 / 17.53 .890 / 22.61 .003 / 0.08 .052 / 1.32 .118 / 3.00
.145 / 3.68 .120 / 3.05
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O
B C D
.396 / 10.06 .130 / 3.30 .407 / 10.34
28 A 55 V 1000 W @ TC 80 OC -65 C to +250 C -65 OC to +200 OC 0.12 OC/W
O
E F G H I J K L M N P
.510 / 12.95
.710 / 18.03 .910 / 23.11 .006 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
ORDER CODE: ASI10567
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 15 mA IC = 50 mA
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 35
UNITS
V V V mA --dB %
IE = 1.0 mA VCE = 50 V VCE = 5.0 V VCC = 50 V MHz IC = 1.0 A POUT = 400 W f = 1025 - 1150
15 6.5 40
120
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X