Part Number Hot Search : 
4747A DTC104 2SC1324 TC4422CG HEF4518 LYL29K 4FC32AL 2N6969
Product Description
Full Text Search
 

To Download ASI10565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVD250
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .400 2NL FLG DESCRIPTION:
The ASI AVD250 is Designed for
2X B C F OD E 4x .062 x 45 A .025 x 45
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
DIM A B C H L
G I J K P M MINIMUM
inches / mm
N
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O O
.020 / 0.51 .100 / 2.54 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .450 / 11.43 .125 / 3.18 .640 / 16.26 .890 / 22.61 .395 / 10.03 .004 / 0.10 .052 / 1.32 .118 / 3.00
.030 / 0.76 .396 / 10.06 .130 / 3.30 .407 / 10.34
17.8 A 55 V 600 W @ TC 80 C
O
D E F G H I J K L M
.660 / 16.76 .910 / 23.11 .415 / 10.54 .007 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
-65 C to +250 C -65 C to +200 C 0.2 OC/W
O
O
N P
ORDER CODE: ASI10565
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 10 mA IC = 25 mA IE = 1 mA VCE = 50 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 25
UNITS
V V V mA --dB %
VCE = 5.0 V VCC = 50 V MHz
IC = 1.0 A POUT = 250 W f = 1025 - 1150
15 6.2 40
120
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X