|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AVD075P NPN SILICON RF POWER TRANSISTOR PACKAGE STYLE .280 4L PILL (A) DESCRIPTION: The ASI AVD075P is Designed for C A .100x45 FEATURES: * * * OmnigoldTM Metalization System D B OG MAXIMUM RATINGS IC VCB PDISS TJ TSTG JC 6.5 A PEAK DIM MINIMUM inches / mm E F MAXIMUM inches / mm 55 V 250 W PEAK A B C D .095 / 2.41 .195 / 4.95 1.000 / 25.40 .004 / 0.10 .050 / 1.27 .105 / 2.67 .205 / 5.21 .007 / 0.18 .065 / 1.65 .145 / 3.68 -65 OC to +200 OC -65 C to +150 C 0.7 OC/W O O E F G .275 / 6.99 .285 / 7.21 ORDER CODE: ASI10561 CHARACTERISTICS SYMBOL BVCBO BVCER BVEBO ICES hFE PG C IC = 10 mA IC = 10 mA IE = 1 mA VCE = 50 V TC = 25 C O NONETEST CONDITIONS RBE = 10 MINIMUM TYPICAL MAXIMUM 65 65 3.5 6.25 UNITS V V V mA --dB % VCE = 5.0 V VCC = 50 V IC = 500 mA POUT = 75 W f = 1025 - 1150 MHz 15 7.5 35 120 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 1/1 |
Price & Availability of ASI10561 |