Part Number Hot Search : 
LNG138 05211 B1424 AX168 FSM30C 2SK18 CY7B99 BCR555
Product Description
Full Text Search
 

To Download ASI10560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVD075F
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .250 2L FLG (B) DESCRIPTION:
OD A .100 X 45 .088 x 45 CHAMFER
The ASI AVD075F is Designed for
C B
FEATURES:
* * * OmnigoldTM Metalization System
E F G H J K
I
MAXIMUM RATINGS
IC VCB PDISS TJ TSTG JC 6.5 A PEAK 55 V 250 W
PEAK
DIM A B C D E F G H I J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.095 / 2.41 1.050 / 26.67 .245 / 6.22 .120 / 3.05 .552 / 14.02 .790 / 20.07
.105 / 2.67
.255 / 6.48 .140 / 3.56 .572 / 14.53 .810 / 20.57 .285 / 7.24
.003 / 0.08 .052 / 1.32 .120 / 3.05
.007 / 0.18 .072 / 1.83 .130 / 3.30 .210 / 5.33
-65 OC to +200 OC -65 OC to +150 OC 0.7 OC/W
K
ORDER CODE: ASI10560
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 10 mA IC = 10 mA IE = 1 mA VCE = 50 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 6.25
UNITS
V V V mA --dB %
VCE = 5.0 V VCC = 50 V
IC = 500 mA POUT = 75 W f = 1025 - 1150 MHz
15 7.5 35
120
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X