Part Number Hot Search : 
T83C51 BCR48PN 2SK44 K1100E70 UGPZ20G LT1498 2C151 TLRME17T
Product Description
Full Text Search
 

To Download ASI10550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUR500
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The AUR 500 is Designed for UHF Radar and Pulsed signal apps
PACKAGE STYLE .400 BAL FLG (A)
A B FULL R 4X.060 R C E D P
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
F H K J
G I N
MAXIMUM RATINGS
IC VCBO VCES VEBO PDISS TJ TSTG JC
O
LM DIM A B C MINIMUM
inches / mm
43.2 A 65 V 65 V 3.5 V 1167 W @ TC = 25 C -65 C to +200 C -65 OC to +150 OC 0.15 OC/W
O O
MAXIMUM
inches / mm
.210 / 5.33 .045 / 1.14 .125 / 3.18 .380 / 9.65 .770 / 19.56 .070 / 1.78 .215 / 5.46 .420 / 10.67 .645 / 16.38 .895 / 22.73 .002 / 0.05 .058 / 1.47 .115 / 2.92
.230 / 5.84 .055 / 1.40 .135 / 3.43 .390 / 9.91 .830 / 21.08 .080 / 2.03 .235 / 5.97 .430 / 10.92 .655 / 16.64 .905 / 22.99 .006 / 0.15 .065 / 1.65 .130 / 3.30 .230 / 5.84
D E F G H I J K L M N P
.395 / 10.03
.405 / 10.29
ORDER CODE: ASI10550
O
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVEBO ICES hFE PG C IC = 50 mA IC = 50 mA IE = 10 mA VE = 30 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
65 65 3.5 15
UNITS
V V V mA --dB %
VCE = 5.0 V VCC = 40 V
IC = 5.0 A POUT = 500 W f = 425 MHz
00 9.5 50
200
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X