Part Number Hot Search : 
AM29F0 OSWOK5 800MHZ AM81LS95 LPC2109 150BACEM G13003 2SD2236
Product Description
Full Text Search
 

To Download ASI10549 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUR300
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The AUR 300 is Designed for
PACKAGE STYLE .400 BAL FLG (A)
A B FULL R 4X.060 R C E D P
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
F H K J
G I N
MAXIMUM RATINGS
IC VCBO VCES VEBO PDISS TJ TSTG JC 21.6 A 65 V 65 V 3.5 V 875 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 0.20 OC/W
O O
DIM A B C D E F G H I J K L M N P .395 / 10.03 MINIMUM
inches / mm
LM MAXIMUM
inches / mm
.210 / 5.33 .045 / 1.14 .125 / 3.18 .380 / 9.65 .770 / 19.56 .070 / 1.78 .215 / 5.46 .420 / 10.67 .645 / 16.38 .895 / 22.73 .002 / 0.05 .058 / 1.47 .115 / 2.92
.230 / 5.84 .055 / 1.40 .135 / 3.43 .390 / 9.91 .830 / 21.08 .080 / 2.03 .235 / 5.97 .430 / 10.92 .655 / 16.64 .905 / 22.99 .006 / 0.15 .065 / 1.65 .130 / 3.30 .230 / 5.84 .405 / 10.29
ORDER CODE: ASI10549
O
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVCEO BVEBO ICES hFE PG C IC = 50 mA IC = 50 mA IC = 50 mA IE = 10 mA VCE = 30 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
65 65 28 3.5 7.5
UNITS
V V V V mA --dB %
VCE = 5.0 V VCC = 40 V
IC = 5.0 A POUT = 300 W f = 425 MHz
10 9.5 55
100
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10549

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X