Part Number Hot Search : 
ASJ14B 1N757 ACR300SG 1N757 37F0FZT CRS05 BZX84C 74HCT3
Product Description
Full Text Search
 

To Download ASI10548 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AJT150
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI AJT150 is Designed for
PACKAGE STYLE .400 2L FLG (A)
4x .062 x 45 2xB A .040 x 45 C
E D
F
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
DIM
G H J K
2xR
I L
N M MINIMUM
inches / mm
P
MAXIMUM
inches / mm
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC
O
A B C D E
.135 / 3.43 .100 / 2.54 .050 / 1.27 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .490 / 12.45 .100 / 2.54 .690 / 17.53 .890 / 22.61 .003 / 0.08 .052 / 1.32 .118 / 3.00
.145 / 3.68 .120 / 3.05
10 A 60 V 35 V 140 W -65 C to +200 C -65 OC to +150 OC 0.57 OC/W
O
.396 / 10.06 .130 / 3.30 .407 / 10.34
F G H I J K L
.510 / 12.95
.710 / 18.03 .910 / 23.11 .006 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
O
M N P
ORDER CODE: ASI10548
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE PG C IC = 50 mA IC = 50 mA IE = 10 mA VBE = 50 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --dB %
VCE = 5.0 V VCc = 50 V
IC = 1.0 A POUT = 150 W f = 960 - 1215 MHz
10 7.5 40
100
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10548

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X