Part Number Hot Search : 
AD7821 VSP945 22AC1 RD18UM 5D102 1H333J LM371 4805D
Product Description
Full Text Search
 

To Download ASI10547 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AJT085
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .400 2NL FLG
A .025 x 45
DESCRIPTION:
C
2X B OD
4x .062 x 45
The ASI AJT085 is Designed for
E F
G
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
H
I J K P M N
L
DIM A B C D E
MINIMUM
inches / mm
MAXIMUM
inches / mm
.020 / 0.51 .100 / 2.54 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .450 / 11.43 .125 / 3.18 .640 / 16.26 .890 / 22.61 .395 / 10.03 .004 / 0.10 .052 / 1.32 .118 / 3.00
.030 / 0.76 .396 / 10.06 .130 / 3.30 .407 / 10.34
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC 8.0 A 40 V 300 W @ TC 100 C
O
F G H I J K L
.660 / 16.76 .910 / 23.11 .415 / 10.54 .007 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
-65 OC to +250 OC -65 OC to +200 OC 0.75 OC/W
M N P
ORDER CODE: ASI10547
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 25 mA IC = 25 mA IE = 10 mA VCE = 35 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
55 55 3.5 20
UNITS
V V V mA --dB %
VCE = 5.0 V VCC = 50 V MHz
IC = 2.0 A POUT = 85 W f = 960 - 1215
20 7.5 40
200
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10547

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X