Part Number Hot Search : 
KBJ4005G 121M10 2SC945P UGZ8GF 14490 D1889 12SH3 LCM5467
Product Description
Full Text Search
 

To Download ASI10545 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AJT015
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .310 2L FLG DESCRIPTION:
The ASI AJT015 is Designed for
4x .062 x 45 2xB D G H OE F A .040 x 45 C
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
M
I
J K L R N P
DIM A B
MINIMUM
inches / mm
MAXIMUM
inches / mm
.095 / 2.41 .100 / 2.54 .050 / 1.27 .286 / 7.26 .110 / 2.79 .306 / 7.77 .148 / 3.76 .400 / 10.16 .119 / 3.02 .552 / 14.02 .790 / 20.07 .300 / 7.62 .003 / 0.08 .052 / 1.32 .118 / 3.00
.105 / 2.67 .120 / 3.05 .306 / 7.77 .130 / 3.30 .318 / 8.08
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC 1.8 A 32 V 50 W @ TC 100 C
O
C D E F G H I J K L M N P R
.572 / 14.53 .810 / 20.57 .320 / 8.13 .006 / 0.15 .072 / 1.83 .131 / 3.33 .230 / 5.84
-65 OC to +250 OC -65 C to +200 C 3.0 OC/W
O O
ORDER CODE: ASI10545
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE IC = 10 mA IC = 10 mA IE = 1 mA VCE = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10 VBE = 0 V IC = 500 mA
MINIMUM TYPICAL MAXIMUM
55 55 3.5 2.0 15 150
UNITS
V V V mA ---
VCE = 5.0 V
PG C
VCC = 45 V
POUT = 15 W
f = 960 - 1215 MHz
8.1 40
dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10545

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X