|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ASI4000 NPN SILICON RF POWER TRANSISTOR DESCRIPTION: The ASI 4000 is Designed for General Purpose Class C Power Amplifier Applications up to 4200 MHz. PACKAGE STYLE .250 2L FLG A OD C E .060 x 45 CHAMFER B FEATURES: * PG = 5 dB min. at 0.5 W / 4,000 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System DIM A L G H J F I K M NP MINIMUM inches / mm MAXIMUM inches / mm .028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78 .032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75 MAXIMUM RATINGS IC VCC PDISS TJ TSTG JC O B C D E F G H I J K L M N P 0.15 A 30 V 3.89 W @ TC = 25 OC -65 C to +200 C -65 OC to +200 OC 45 C/W O O ORDER CODE: ASI10541 CHARACTERISTICS SYMBOL BVCBO BVCER BVEBO ICES hFE COB PG C IC = 1 mA IC = 5 mA IE = 10 mA VCB = 28 V TC = 25 C O NONETEST CONDITIONS RBE = 10 MINIMUM TYPICAL MAXIMUM 45 45 3.5 0.5 UNITS V V V mA --pF dB % VCE = 5.0 V VCB = 28 V VCC = 28 V IC = 100 mA f = 1.0 MHz POUT = 0.5 W f = 4.0 GHz 15 120 2.5 5.0 25 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to chage without notice. REV. A 1/1 |
Price & Availability of ASI10541 |