|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ASI223-12 NPN SILICON RF POWER TRANSISTOR PACKAGE STYLE .310 2L FLG DESCRIPTION: The ASI 2223-12 is Designed for 4x .062 x 45 2xB D G OE F A .040 x 45 C FEATURES: * Input Matching Network * * OmnigoldTM Metalization System M H I J K L R N DIM A MINIMUM inches / mm P MAXIMUM inches / mm .095 / 2.41 .100 / 2.54 .050 / 1.27 .286 / 7.26 .110 / 2.79 .306 / 7.77 .148 / 3.76 .400 / 10.16 .119 / 3.02 .552 / 14.02 .790 / 20.07 .300 / 7.62 .003 / 0.08 .052 / 1.32 .118 / 3.00 .105 / 2.67 .120 / 3.05 .306 / 7.77 .130 / 3.30 .318 / 8.08 MAXIMUM RATINGS IC VCC PDISS TJ TSTG JC O B C D E F G H I 1.5 A 25 V 33.0 W @ TC 70 C O J K L M N P R .572 / 14.53 .810 / 20.57 .320 / 8.13 .006 / 0.15 .072 / 1.83 .131 / 3.33 .230 / 5.84 -65 C to +200 C -65 C to +200 C 3.9 C/W O O O O ORDER CODE: ASI10532 CHARACTERISTICS SYMBOL BVCBO BVCER BVEBO ICES hFE PG C IC = 15 mA IC = 15 mA TC = 25 C O NONETEST CONDITIONS MINIMUM TYPICAL MAXIMUM 45 45 3.5 1.5 UNITS V V V mA --dB % IE = 1.5 mA VCE = 22 V VCE = 5.0 V VCC = 22 V GHz IC = 1.0 A POUT = 12 W f = 2.2 - 2.3 30 7.5 40 300 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 1/1 |
Price & Availability of ASI10532 |