Part Number Hot Search : 
FRU659 AR203 C245M KF13N60N ADR366 12AIG XFGIB S6008
Product Description
Full Text Search
 

To Download ASI10520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAT25
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ASAT25 is Designed for
PACKAGE STYLE .250 2L FLG(A)
.020 x 45 A O .130 NOM. .050 x 45
FEATURES:
* * * OmnigoldTM Metalization System
DC
L B
M F
E G
H
J I
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 2.6 A 45 V 12 V 3.0 V 50 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 3.5 OC/W
O O
DIM A B C D E F G H I J K L M .245 / 6.22 .092 / 2.34 .243 / 6.17 .635 / 16.13 .555 / 14.10 .739 / 18.77 .315 / 8.00 .002 / 0.05 .055 / 1.40 .075 / 1.91 MINIMUM
inches / mm
K
MAXIMUM
inches / mm
.055 / 1.40 .124 / 3.15
.065 / 1.65 .253 / 6.43 .665 / 16.89 .565 / 14.35 .749 / 19.02 .325 / 8.26 .006 / 0.15 .065 / 1.65 .095 / 2.41 .190 / 4.83 .255 / 6.48
ORDER CODE: ASI10520
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO hFE PG C IC = 6 mA IC = 6 mA IE = 6 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
45 12 3.0
UNITS
V V V
VCE = 5.0 V VCC = 28 V GHz
IC = 1.2 A POUT = 25 W f = 1.65
15 9.0 50
150
--dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X