Part Number Hot Search : 
00100 1UC12 KDS121E FF600 6020169 SE97TK L7805T FDS6912A
Product Description
Full Text Search
 

To Download AIC1117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AIC1117A
1A Low Dropout Positive Adjustable Regulator
n FEATURES
l l l l l l
n DESCRIPTION
The AIC1117A is a low dropout three terminal regulator with 1A output current capability. The output voltage is adjustable with the use of a resistor divider or fixed 2.85V, 3.3V, 5V. Dropout is guaranteed at a maximum of 1.5V at maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperatures.
Dropout Voltage 1.3V at 1A Output Current. Fast Transient Response. Line Regulation typically at 0.015%. Load Regulation typically at 0.1%. Internal Thermal and Current Limiting. Adjustable Output Voltage or Fixed 2.85V, 3.3V, 5V. Standard 3-Pin Power Packages.
l
n APPLICATIONS
l l l l l
Post Regulator for Switching Supply. Active SCSI Termination. Battery Chargers. Constant-Current Regulators. Motherboard Clock Supplies.
n TYPICAL APPLICATION CIRCUIT
VIN 5V C1 + 10F 3 AIC1117A 1 ADJ 2 VREF
VREF=VOUT - VADJ=1.25V (typ.)
VOUT 3.3V
VOUT=VREF x (1+RF2/RF1)+ IADJ x RF2 IADJ=55A (typ.) (1) C1 needed if device is far away from filter capacitors. (2) C2 required for stability.
RF1 125 1% + C2 RF2 10F 205 1%
Adjustable Voltage Regulator
VIN 5V C1 + 10F
AIC1117A-33
VOUT 3.3V
+ C2 10F GND
Fixed Voltage Regulator
Analog Integrations Corporation DS-1117A-00 May 21, 01 4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC TEL: 886-3-5772500 FAX: 886-3-5772510 www.analog.com.tw
1
AIC1117A
n ORDERING INFORMATION
AIC1117A-XXCX
PACKAGING TYPE E: TO-252 M: TO-263 T: TO-220 Y: SOT-223
ORDER NUMBER
AIC1117ACE (TO-252)
PIN CONFIGURATION
FRONT VIEW 1: ADJ 2: VOUT (TAB) 3: VIN
1
2
3
DEFAULT: 28: 33: 50:
ADJ. 2.85V 3.3V 5.0V
AIC1117ACM (TO-263)
FRONT VIEW 1: ADJ 2: VOUT (TAB) 3: VIN
1
2
3
AIC1117ACT (TO-220)
FRONT VIEW 1: ADJ 2: VOUT (TAB) 3: VIN
1
2
3
AIC1117ACY (SOT-223)
FRONT VIEW 1: ADJ 2: VOUT (TAB) 3: VIN
1
2
3
2
AIC1117A
n ABSOLUTE MAXIMUM RATINS
VIN pin to ADJ/GND pin .............................. ... .......... ... .......... ... ... ... ... ...................... 7V ..................... ... ... ...................... 0C ~ 125C Operating Junction Temperature Range Power Dissipation ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... .Internally Limited Thermal Resistance (Junction to Case) TO-220 ... ... ... ........... ... ...... ... ... ... ... 3C /W TO-263 ... ....... ... ....... ... ... ... ... ... ... ... . 3C /W SOT-223 TO-252 Thermal Resistance (Junction to Ambient) TO-220 (Assume no ambient airflow, no heatsink) TO-263 SOT-223 TO-252 Storage Temperature Range ... ....... ... ..... ... ... ..... ... ... ..15C /W ... ... ... ... ... ... ... ... ... ... ... ..12.5C /W ... ....... ... ....... ... ... ... ... ... ... 50C/W ... ........ ... ........ ... ... ... ... ... ..60C/W ... ... ... ... ... ... ... ... ... ... ... ..155C/W ... ... ... ... ... ... ... ... ... ... ... ..100C/W
.................................. ... ... ... ................. - 65C ~ 150C ........................ ... ... ............... ... ... ...... .......260C
Lead Temperature (Soldering) 10 sec.
n ELECTRICAL CHARACTERISTICS
specified) PARAMETER
Reference Voltage
(VIN=5V, T J=25C, IO=10mA, Unless otherwise
TEST CONDITIONS
TJ =25C 0CTJ 125C 2.65VVIN7V 10mAIO1A AIC1117A-28, VIN=5V AIC1117A-33, VIN=5V AIC1117A-50, VIN=7V
MIN.
1.238 1.225
TYP.
1.25 1.25
MAX.
1.262 1.275
UNIT
V
2.82 3.26 4.95
2.85 3.30 5.00
2.88 3.33 5.05 V
Output Voltage
AIC1117A 0CTJ 125C 2.65VVIN7V 10mAIO1A 2.65VIN 7V 0.98V N VN 1.02V N
Line Regulation
TJ =25C 0CTJ 125C
0.015 0.035
0.2 0.2
%VOUT
3
AIC1117A
n ELECTRICAL CHARACTERISTICS
PARAMETER
Load Regulation 0CTJ 125C VOUT, VREF =1% Dropout Voltage IO=1A 0CTJ 125C Current Limit 0CTJ 125C 2.65VIN 7V Adjusted Pin Current (IADJ) 10mAIO1A 0CTJ 125C 2.65VIN 7V Adjusted Pin Current Change (IADJ) 10mAIO1A 0CTJ 125C IO=0.5A Temperature Stability Minimum Load Current ( Adj. ) Quiescent Current ( Fixed Version) RMS Output Noise (% of VOUT) Ripple Rejection Ratio 0CTJ 125C 0CTJ 125C 0CTJ 125C 10Hzf10KHz
(Continued) MIN. TYP.
0.1 0.2
TEST CONDITIONS
TJ =25C, IO=10mA ~1A
MAX.
0.3 0.4
UNIT
%VOUT
1.3
1.5
V
1
A
55
120
A
0.2
5
A
0.5 5 10 0.003 60 72 10 14
% VOUT mA mA %VOUT dB
120Hz input ripple COUT=25F
4
AIC1117A
n TYPICAL
0.1
PERFORMANCE CHARACTERISTICS
Load Transient Response
Line Transient Response
Output Voltage (mV, AC) V IN=5V C IN=1 F C OUT=10F (Tantalum) V OUT=3.3V
50 0
Output Voltage (V, AC)
0.05
0
-0.05 -0.1
--50
--100
0.4A
Input Voltage (V)
COUT =10 F (Tantalum) VOUT=3.3V
Load Current
7.0
0.1A
6.0
0
40
80
120
160
200
0
10
20
30
40
50
Time (S)
Time (S)
Minimum Differential Voltage (V)
1.26
Dropout Voltage (VOUT=3.3V)
Minimum Operating Current (mA)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0 1
Minimum Operating Current
1.24
1.22
1.20
1.18
1.16 0 200 400 600 800 1000
2
3
4
5
Output Current (mA)
Differential Voltage (V)
Minimum Load Current (Adjustable Version)
5
Minimum Load Current (mA)
T J=125 C
4
3
T J=125 C TJ=0C
2
1
0
1
2
3
4
5
6
7
8
9
Input/Output Differential (V)
5
AIC1117A
n BLOCK DIAGRAM
VIN
Current Amp. + VREF + 1.25V
-
GM
Thermal Limit 55 A
Current Limit VOUT For fixed voltage device
ADJ
GND
n PIN DESCRIPTIONS
ADJ PIN (GND PIN VOUT PIN VIN PIN Providing VREF=1.25V (typ.) for adjustable VOUT. VREF=VOUT-V ADJ and IADJ=55A (typ.) Power ground.) Adjustable output voltage. Power Input.
6
AIC1117A
n PHYSICAL DIMENSIONS
l TO-220 (unit: mm)
A E F 3.810.27
SYMBOL A D E
MIN 3.56 14.23 9.66 2.29 0.50 0.51 2.04 12.70
MAX 4.82 16.51 10.66 2.79 1.15 1.10 1.39 2.92 14.73
D
e e1 e2 F J1 L
L e1 J1 e e2
l
TO-252 (unit: mm)
E b2 C1 A
SYMBOL A A1 b
MIN 2.19 1.02 0.64 5.21 0.46 5.33 6.35 2.28 (TYP.) 9.40 0.51
MAX 2.38 1.27 0.88 5.46 0.58 5.59 6.73
D
H
b2 C1 D E
L
e H
b
e
A1
10.42 -
L
7
AIC1117A
l
SOT-223
D 1.80 MAX B1 13 3
SYMBOL A1 B B1
E H e A1
MIN 0.02 0.60 2.90 0.24 6.30 3.30
MAX 0.12 0.80 3.15 0.35 6.80 3.70
C D E e
C
B 3 (PLCS) 13 3
2.30 (TYP.) 6.70 7.30
H
0.91 MIN 13 3
0 ~ 10
l
SOT-223 Marking
Part No. AIC1117ACY AIC1117A-28CY AIC1117A-33CY AIC1117A-50CY Marking BS17 BS28 BS33 BS50
l
TO-263 (unit: mm)
E A
SYMBOL A
C2
MIN 4.06 0.50 1.14 1.14 8.63 9.65 14.60 2.28 -
MAX 4.83 1.00 1.40 0.7 1.40 9.66 10.29 15.88 2.80 1.40
L2
b b2 C
L
D L1
c2 D E
e
e
C
2.54 (TYP.)
b2 b
L L1 L2
8


▲Up To Search▲   

 
Price & Availability of AIC1117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X