Part Number Hot Search : 
A9108 GV2SN35 8A218 MB89636 K2368 TSA87410 MTB20 616LP3E
Product Description
Full Text Search
 

To Download AD8582 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Complete Dual 12-Bit DAC No External Components Single +5 Volt Operation 1 mV/Bit with 4.095 V Full Scale True Voltage Output, 5 mA Drive Very Low Power: 5 mW APPLICATIONS Digitally Controlled Calibration Portable Equipment Servo Controls Process Control Equipment PC Peripherals
LDA CS A/B DATA
+5 Volt, Parallel Input Complete Dual 12-Bit DAC AD8582
FUNCTIONAL BLOCK DIAGRAM
AD8582
DAC A REGISTER INPUT A REGISTER 12 2 INPUT B REGISTER 12 REFERENCE VREF 12 VDD 12-BIT DAC A VOUTA
LDB
DAC B REGISTER
12-BIT DAC B
VOUTB AGND
DGND
RST MSB
GENERAL DESCRIPTION
The AD8582 is a complete, parallel input, dual 12-bit, voltage output DAC designed to operate from a single +5 volt supply. Built using a CBCMOS process, this monolithic DAC offers the user low cost, and ease-of-use in +5 volt only systems. Included on the chip, in addition to the DACs, are a rail-to-rail amplifier, latch and reference. The reference (VREF) is trimmed to 2.5 volts output, and the on-chip amplifier gains up the DAC output to 4.095 volts full scale. The user needs only supply a +5 volt supply. The AD8582 is coded natural binary. The op amp output swings from 0 volt to +4.095 volts for a one-millivolt-per-bit resolution, and is capable of driving 5 mA. Operation down to 4.3 V is possible with output load currents less than 1 mA.
5.0 VFS 1 LSB DATA = FFFH TA = +25C
The high speed parallel data interface connects to the fastest processors without wait states. The double-buffered input structure allows the user to load the input registers one at a time, then a single load strobe tied to both LDA + LDB inputs will update both DAC outputs simultaneously. LDA and LDB can also be activated independently to immediately update their respective DAC registers. An address input decodes DAC A or DAC B when the chip select CS input is strobed. An asynchronous reset input sets the output to zero scale. The MSB bit can be used to establish a preset to midscale when the reset input is strobed. The AD8582 is available in the 24-pin plastic DIP and the surface mount SOIC-24. Each part is fully specified for operation over -40C to +85C, and the full +5 V 5% power supply range.
2.0 1.5 VDD = +5V T = -55C, +25C, +85C
A
4.8
LINEARITY ERROR - LSB
VDD MIN - Volts
1.0 0.5 0.0 -0.5 -1.0 -1.5
4.6 PROPER OPERATION WHEN VDD SUPPLY VOLTAGE ABOVE CURVE
4.4
4.2
= +25C & +85C = -55C
4.0 0.01
0.1 1.0 10 OUTPUT LOAD CURRENT - mA
100
-2.0 0 1024 2048 3072 4096 DIGITAL INPUT CODE - Decimal
Figure 1. Minimum Supply Voltage vs. Load
Figure 2. Linearity Error vs. Digital Code and Temperature
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD8582-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
Parameter Symbol
DD
= +5.0 V 5%, RL = No Load, -40C TA +85C, unless otherwise noted)
Min Typ Max Units
Condition
STATIC PERFORMANCE Resolution Relative Accuracy Differential Nonlinearity Zero-Scale Error Full-Scale Voltage Full-Scale Tempco MATCHING PERFORMANCE Linearity Matching Error REFERENCE OUTPUT Output Voltage Output Source Current Line Rejection Load Regulation ANALOG OUTPUT Output Current Load Regulation at Half Scale Capacitive Load DYNAMIC CHARACTERISTICS3 Crosstalk Voltage Output Settling Time5 Digital Feedthrough LOGIC INPUTS Logic Input Low Voltage Logic Input High Voltage Input Leakage Current Input Capacitance TIMING SPECIFICATIONS3, 6 Chip Select Pulse Width DAC Select Setup DAC Select Hold Data Setup Data Hold Load Setup Load Hold Load Pulse Width Reset Pulse Width SUPPLY CHARACTERISTICS Positive Supply Current Power Dissipation7 Power Supply Sensitivity
N INL DNL VZSE VFS TCVFS VFSA/B VREF IREF LNREJ LDREG IOUT LDREG CL CT tS FT
Note 1 Monotonic Data = 000H Data = FFFH,2 Notes 2 and 3
12 -2 -1 4.079
3/4 3/4 +0.2 4.095 16 1
+2 +1 +3 4.111
Bits LSB LSB mV V ppm/C LSB
2.484 Note 4 IREF = 0 mA to 5 mA Data = 800H RL = 402 to , Data = 800H No Oscillation3
2.500
2.516 -5 0.08 0.1 5 3
V mA %/V %/mA mA LSB pF dB s nV s
1 500 >64 16 35
To 1 LSB of Final Value Signal Measured at DAC Output, While Changing Data (LDA = LDB = "1")
VIL VIH IIL CIL tCSW tAS tAH tDS tDH tLS tLH tLDW tRSW IDD PDISS PSS
0.8 2.4 Note 3 30 30 0 30 10 20 10 20 30 VIH = 2.4 V, VIL = 0.8 V VIL = 0 V, VDD = +5 V VIH = 2.4 V, VIL = 0.8 V VIL = 0 V, VDD = +5 V VDD = 5% 4 1 20 5 0.002 7 2 35 10 0.004 10 10
V V A pF ns ns ns ns ns ns ns ns ns mA mA mW mW %/%
NOTES 1 1 LSB = 1 mV for 0 V to +4.095 V output range. 2 Includes internal voltage reference error. 3 These parameters are guaranteed by design and not subject to production testing. 4 Very little sink current is available at the V REF pin. Use external buffer if setting up a virtual ground. 5 Settling time is not guaranteed for the first six codes 0 through 5. 6 All input control signals are specified with t R = tF = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V. 7 Power dissipation is a calculated value I DD x 5 V. Specifications subject to change without notice.
-2-
REV. 0
AD8582
ABSOLUTE MAXIMUM RATINGS* PIN DESCRIPTION Pin No. Name Description
VDD to DGND & AGND . . . . . . . . . . . . . . . . . . . -0.3 V, +7 V Logic Inputs to DGND . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V VOUT to AGND . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V VREF to AGND . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD + 0.3 V AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V, VDD IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . 50 mA Package Power Dissipation . . . . . . . . . . . . . . . (TJ max-TA)/JA Thermal Resistance, JA 24-Pin Plastic DIP Package (N-24) . . . . . . . . . . . . . 62C/W 24-Lead SOIC Package (SOL-24) . . . . . . . . . . . . . . 73C/W Maximum Junction Temperature (TJ max) . . . . . . . . . . 150C Operating Temperature Range . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300C
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
1, 24
VOUTA VOUTB
2
3 4, 21
5
tCSW
CS
tAS
A/B
tAH
6
tDS tDH
D0-D11
tLS
LDA, LDB
tLH tRSW
tLDW
7-18 19 20 22 23
RST
tS
VOUT
tS
1LSB ERROR BAND
Timing Diagram
Voltage outputs from the DACs. Fixed output voltage range of 0 V to 4.095 V with 1 mV/LSB. An internal temperature stabilized reference maintains a fixed full-scale voltage independent of time, temperature and power supply variations. AGND Analog Ground. Ground reference for the internal bandgap reference voltage, the DAC, and the output buffer. DGND Digital ground for input logic. LDA, Load DAC register strobes. Transfers LDB input register data to the DAC registers. Active low inputs, Level sensitive latch. May be connected together to doublebuffer load DAC registers. MSB Digital Input: High presets DAC registers to half scale (800H), Low clears DAC registers to zero (000H) upon RST assertion. RST Active low digital input that clears the DAC register to zero, setting the DAC to minimum scale when MSB pin = 0, or half-scale when MSB pin = 1. DB0-11 Twelve Binary Data Bit Inputs. DB11 is the MSB and DB0 is the LSB. CS Chip Select. Active low input. A/B Select DAC A = 0 or DAC B = 1. VDD Positive Supply. Nominal value +5 V, 5%. Nominal 2.5 V reference output VREF voltage. This node must be buffered if required to drive external loads.
ORDERING INFORMATION* Model Temperature Range Package Description Package Option
PIN CONFIGURATIONS N-24 SOL-24 24-Pin Plastic DIP 24-Pin SOIC
1 VOUTA AGND DGND LDA MSB RST DB0 DB1 DB2 1 2 3 4 5 6 7 8 9 24 VOUTB 23 VREF 22 VDD 21 LDB 20 A/B 24
AD8582AN -40C to +85C 24-Pin Plastic DIP N-24 AD8582AR -40C to +85C 24-Lead SOIC SOL-24 AD8582Chips +25C Die
*For die specifications contact your local Analog Devices sales office. The AD8582 contains 1270 transistors.
AD8582
TOP VIEW (Not to Scale)
CS TOP VIEW (Not to Scale) 18 DB11 17 DB10 16 DB9 15 DB8 14 DB7 13 DB6
AD8582
19
12
13
DB3 10 DB4 11 DB5 12
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8582 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
AD8582
Table I. Control Logic Truth Table CS A/B LDA LDB RST MSB Input Register DAC Register
L L L L H H X X H
L H L H X X X X X
H H L H L ^ X X X
H H H L L ^ X X X
H H H H H H L L ^
X X X X X X L H X
Write to A Write to B Write to A Write to B Latched Latched Reset to Zero Scale Reset to Midscale Latch Reset Value
Latched Latched A Transparent B Transparent A & B Transparent Latched Reset to Zero Scale Reset to Midscale Latch Reset Value
^Denotes positive edge triggered.
OPERATION
The AD8582 is a complete, ready-to-use dual 12-bit digital-toanalog converter. Only one +5 V power supply is necessary for operation. It contains two voltage-switched, 12-bit, lasertrimmed digital-to-analog converters, a curvature-corrected bandgap reference, rail-to-rail output op amps, input registers, and DAC registers. The parallel data interface consists of twelve data bits, DB0-DB11, an address select pin A/B, two load strobe pins (LDA, LDB) and an active low CS strobe. In addition an asynchronous RST pin will set all DAC register bits to zero causing the VOUT to become zero volts, or to midscale for trimming applications when the MSB pin is programmed to Logic 1. This function is useful for power on reset or system failure recovery to a known state.
D/A CONVERTER SECTION
BANDGAP REFERENCE
VREF 2.5V
VOLTAGE SWITCHED 12-BIT R-2R D/A CONVERTER 2R R BUFFER 2R R1
RAIL-TO-RAIL OUTPUT AMPLIFIER VOUT R2
R 2R
AV = 4.095/2.5 = 1.638V/V
SPDT N CH FET SWITCHES
2R 2R
The internal DAC is a 12-bit voltage-mode device with an output that swings from AGND potential to the 2.5 volt internal bandgap voltage. It uses a laser trimmed R-2R ladder which is switched by N channel MOSFETs. The output voltage of the DAC has a constant resistance independent of digital input code. The DAC output (not available to the user) is internally connected to the rail-to-rail output op amp.
AMPLIFIER SECTION
Figure 3. Equivalent Schematic of Analog Portion
OUTPUT SECTION
The internal DAC's output is buffered by a low power consumption precision amplifier. This low power amplifier contains a differential PNP pair input stage which provides low offset voltage and low noise, as well as the ability to amplify the zeroscale DAC output voltages. The rail-to-rail amplifier is configured in a gain of 1.6384 (= 4.095 V/2.5 V) in order to set the 4.095 volt full-scale output (1 mV/LSB). See Figure 3 for an equivalent circuit schematic of the analog section. The op amp has a 16 s typical settling time to 0.01%. There are slight differences in settling time for negative slewing signals versus positive. See the oscilloscope photos in the Typical Performances section of this data sheet.
The rail-to-rail output stage of this amplifier has been designed to provide precision performance while operating near either power supply. Figure 4 shows an equivalent output schematic of the rail-to-rail amplifier with its N channel pull-down FETs that will pull an output load directly to GND. The output sourcing current is provided by a P channel pull-up device that can supply GND terminated loads, especially important at the -5% supply tolerance value of 4.75 volts.
VDD P-CH
N-CH
VOUT
AGND
Figure 4. Equivalent Analog Output Circuit
-4-
REV. 0
AD8582
Figures 5 and 6 in the typical performance characteristics section provide information on output swing performance near ground and full-scale as a function of load. In addition to resistive load driving capability, the amplifier has also been carefully designed and characterized for up to 500 pF capacitive load driving capability.
REFERENCE SECTION
One advantage of the rail-to-rail output amplifiers used in the AD8582 is the wide range of usable supply voltage. The part is fully specified and tested over temperature for operation from +4.75 V to +5.25 V. If reduced linearity and source current capability near full scale can be tolerated, operation of the AD8582 is possible down to +4.3 volts. The minimum operating supply voltage versus load current plot, in Figure 1, provides information for operation below VDD = +4.75 V.
TIMING AND CONTROL
The internal 2.5 V curvature-corrected bandgap voltage reference is laser trimmed for both initial accuracy and low temperature coefficient. The voltage generated by the reference is available at the VREF pin. Since VREF is not intended to drive external loads, it must be buffered. The equivalent emitter follower output circuit of the VREF pin is shown in Figure 3. Bypassing the VREF pin will improve noise performance; however, bypassing is not required for proper operation. Figure 8 shows broadband noise performance.
POWER SUPPLY
The very low power consumption of the AD8582 is a direct result of a circuit design optimizing use of the CBCMOS process. By using the low power characteristics of the CMOS for the logic, and the low noise, tight matching of the complementary bipolar transistors good analog accuracy is achieved. For power-consumption sensitive applications it is important to note that the internal power consumption of the AD8582 is strongly dependent on the actual logic-input voltage levels present on the DB0-DB11, CS, A/B, MSB, LDA, LDB and RST pins. Since these inputs are standard CMOS logic structures they contribute static power dissipation dependent on the actual driving logic VOH and VOL voltage levels. The graph in Figure 9 shows the effect on total AD8582 supply current as a function of the actual value of input logic voltage. Consequently, for optimum dissipation use of CMOS logic versus TTL provides minimal dissipation in the static state. A VINL = 0 V on the DB0-11 pins provides the lowest standby dissipation of 1 mA typical with a +5 V power supply. As with any analog system, it is recommended that the AD8582 power supply be bypassed on the same PC card that contains the chip. Figure 10 shows the power supply rejection versus frequency performance. This should be taken into account when using higher frequency switched-mode power supplies with ripple frequencies of 100 kHz and higher.
The input registers are level triggered and acquire data from the data bus during the time period when CS is low. The input register selected is determined by the A/B select pin, see Table I. for a complete description. When CS goes high, the data is latched into the register and held until CS returns low. The minimum time required for the data to be present on the bus before CS returns high is called the data setup time (tDS) as seen in Timing Diagram. The data hold time (tDH) is the amount of time that the data has to remain on the bus after CS goes high. The high speed timing offered by the AD8582 provides for direct interface with no wait states in all but the fastest microprocessors. The data from the input registers is transferred to the DAC registers by the active low LDA and LDB pins. If these inputs are tied together, a single logic input can perform a double buffer update of the DAC registers, which in turn simultaneously changes the analog output voltages to a new value. If the LDA and LDB pins are wired low, they become transparent. In this mode the input register data will directly control the output voltages. Refer to the Control Logic Truth Table for a com-
plete description.
Unipolar Output Operation
This is the basic mode of operation for the AD8582. The AD8582 has been designed to drive loads as low as 820 in parallel with 500 pF. The code table for this operation is shown in Table II.
Table II. Unipolar Code Table Hexadecimal Number in DAC Register
Decimal Number in DAC Register
Analog Output Voltage (V)
FFF 801 800 7FF 000
4095 2049 2048 2047 0
+ 4.095 + 2.049 + 2.048 + 2.047 0
REV. 0
-5-
AD8582-Typical Performance Characteristics
5
OUTPUT PULL-DOWN VOLTAGE - mV
100
80
VDD = +5V DATA = 000H
VDD = +5V TA = +25C
60
OUTPUT VOLTAGE - Volts
OUTPUT CURRENT - mA
4 RL TIED TO AGND DATA = FFFH 3
POSITIVE0 CURRENT0 LIMIT0
10
40 20 0 -20 -40 -60 NEGATIVE CURRENT LIMIT 1 2 OUTPUT VOLTAGE - Volts 3 DATA = 800H RL TIED TO +2V
1 TA = +85C TA = -40C 0.1
2
1
RL TIED TO +5V DATA = 000H
TA = +25C
0 10 100 1k 10k 100k LOAD RESISTANCE -
0.01 1 10 100 1000 OUTPUT SINK CURRENT - A
-80
Figure 5. Output Swing vs. Load
Figure 6. Pull-Down Voltage vs. Output Sink Current Capability
Figure 7. IOUT vs. VOUT
5
100
TA = +25C
OUTPUT NOISE VOLTAGE - 200V/DIV
SUPPLY CURRENT - mA
TA = +25C NBW = 630kHz
POWER SUPPLY REJECTION - dB
VDD = +5V 200mV AC 80 TA = +25C DATA = FFFH
4
VDD = +4.75V VDD = +5V
3
60
2
40
1
20
0 TIME = 100s/DIV 0 1 2 3 4 LOGIC VOLTAGE VALUE - Volts 5
0 10
100
1k 10k FREQUENCY - Hz
100k
Figure 8. Broadband Noise
Figure 9. Supply Current vs. Logic Input Voltage
Figure 10. Power Supply Rejection vs. Frequency
LD
5
INPUT
5
100
DATA
5V
LDB 0 4
90
0 204810 TO 204710 2.048
VOUT - Volts
5 0 15s
VDD = +5V
2.038 2.028 2.018 2.008 TIME - 500ns/DIV
2 1 0
10 0%
OUTPUT VOLTAGE 1mV/DIV
OUTPUT
3
TA = +25C
VDD = +5V TA = +25C
1V
TIME = 20s/DIV
20s
TIME - 5s/DIV
Figure 11. Midscale Transition Performance
Figure 12. Large Signal Settling Time
Figure 13. Output Voltage Rise Time Detail
-6-
REV. 0
AD8582
45
5 0
35
FREQUENCY
FULL-SCALE OUTPUT - Volts
DATA
VDD = +5V TA = +25C
40
TUE = INL+ZS+FS SS = 297 UNITS V = +4.75V DD T = +25C A
4.115 4.110 4.105 4.100 4.095 4.090 4.085 4.080 AVG -1 AVG VDD = +4.75V NO LOAD SS = 298 UNITS
30 25 20 15 10 5
AVG +1
OUTPUT VOLTAGE 1mV/DIV
15s
TIME - 5s/DIV
0
-8 -7 -6 -5 -4 -3 -2 -1
0
1
4.075 -50
-25
0
25
50
75
100
125
TOTAL UNADJUSTED ERROR - mV
TEMPERATURE - C
Figure 14. Output Voltage Fall Time Detail
Figure 15. Total Unadjusted Error Histogram
Figure 16. Full-Scale Voltage vs. Temperature
3 VDD = +4.75V NO LOAD SS = 298 UNITS
100
3
OUTPUT NOISE DENSITY - V/ Hz
ZERO-SCALE OUTPUT - Volts
2
H
NOMINAL FULL-SCALE VOLTAGE CHANGE - mV
VDD = +5V TA = +25C DATA = FFF 10
2
VDD = +5V SS = 135 UNITS DATA = FFFH
1
AVG +2
0 AVG
1
1.0
-1
0
-2
AVG -2
0.1
-3
-1 -50
-25
0 25 50 75 TEMPERATURE - C
100
125
10
100
1k 10k FREQUENCY - Hz
100k
0
100 200 300 400 500 HOURS OF OPERATION AT +150C
600
Figure 17. Zero-Scale Voltage vs. Temperature
Figure 18. Output Voltage Noise Density vs. Frequency
Figure 19. Long-Term Drift Accelerated by Burn-In
8 7 VDATA = +2.4V NO LOAD
100 90
2V
1s
DATA
1 0
100 90
5V
CS = HIGH
5s
SUPPLY CURRENT - mA
6 VDD = +5.25V 5 4 3 2 1 0 -50 -25 0 25 50 75 100 125 VDD = +4.75V VDD = +5.00V 0V
VDD
TA = +25C RL =
VDD = +5V
VREF
0V
10 0%
VOUT 10mV/DIV
10 0%
2V
TIME - 1s/DIV
10mV
TIME - 5s/DIV
TEMPERATURE - C
Figure 20. Supply Current vs. Temperature
Figure 21. Reference Startup vs. Time
Figure 22. Digital Feedthrough vs. Time
REV. 0
-7-
AD8582
10
REF LOAD REGULATION - %/mA
0.000 VDD = +4.75V IL = 5mA AVG
REF LINE REGULATION - %/Volt
0.10 VDD = +4.75 TO +5.25V 0.08
8
REFERENCE ERROR - mV
VDD = +4.75V
6 4 2 0 -2 -4 -6 -8 AVG -1 -25 25 50 75 0 TEMPERATURE - C 100 125 AVG +1 AVG
-0.001 AVG +1 -0.002
0.06
AVG +1 AVG
-0.003
0.04
-0.004 AVG -1 -0.005 -50
0.02 AVG - 1 0.00 -50 -25 0 25 50 75 100 125
-10 -50
-25
0
25
50
75
100
125
TEMPERATURE - C
TEMPERATURE - C
Figure 23. Reference Error vs. Temperature
Figure 24. Reference Load Regulation vs. Temperature
Figure 25. Reference Line Regulation vs. Temperature
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
N-24 24-Pin Narrow Body Plastic DIP
PIN 1
24 1
13 0.280 (7.11) 0.240 (6.10) 12 1.275 (32.30) 1.125 (28.60)
0.210 (5.33) MAX 0.200 (5.05) 0.125 (3.18) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC 0.070 (1.77) 0.045 (1.15)
0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN SEATING PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.015 (0.381) 0.008 (0.204)
SOL-24 24-Lead Wide Body SOIC
24
13 0.2992 (7.60) 0.2914 (7.40) 0.4193 (10.65) 0.3937 (10.00)
PIN 1 1 12
0.6141 (15.60) 0.5985 (15.20)
0.1043 (2.65) 0.0926 (2.35)
0.0291 (0.74) x 45 0.0098 (0.25)
0.0118 (0.30) 0.0040 (0.10)
0.0500 (1.27) BSC
0.0192 (0.49) 0.0138 (0.35)
0.0125 (0.32) 0.0091 (0.23)
8 0
0.0500 (1.27) 0.0157 (0.40)
-8-
REV. 0
PRINTED IN U.S.A.
C1869-18-12/93


▲Up To Search▲   

 
Price & Availability of AD8582

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X