Part Number Hot Search : 
NRF902 ND3049 AD976ANZ 203902B MAE25003 P5600 UMX4NTR 2MR30
Product Description
Full Text Search
 

To Download 74LVT534 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVT534 3.3V Octal D-type flip-flop; inverting (3-State)
Product specification Supersedes data of 1996 Aug 13 IC23 Data Handbook 1998 Feb 19
Philips Semiconductors
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
FEATURES
* 3-State outputs for bus interfacing * Common output enable * TTL input and output switching levels * Input and output interface capability to systems at 5V supply * Bus-hold data inputs eliminate the need for external pull-up * Live insertion/extraction permitted * No bus current loading when output is tied to 5V bus * Power-up 3-State * Power-up reset * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model resistors to hold unused inputs
DESCRIPTION
The LVT534 is a high-performance BiCMOS product designed for VCC operation at 3.3V. This device is an 8-bit, edge triggered register coupled to eight 3-State output buffers. The two sections of the device are controlled independently by the clock (CP) and Output Enable (OE) control gates. The state of each D input (one set-up time before the Low-to-High clock transition) is transferred to the corresponding flip-flop's Q output. The 3-State output buffers are designed to drive heavily loaded 3-State buses, MOS memories, or MOS microprocessors. The active-Low Output Enable (OE) controls all eight 3-State buffers independent of the clock operation. When OE is Low, the stored data appears at the outputs. When OE is High, the outputs are in the High-impedance "off" state, which means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay CP to Qn Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 3.3V VI = 0V or 3.0V Outputs disabled; VI/O = 0V or 3.0V Outputs disabled; VCC = 3.6V TYPICAL 3.0 3.5 4 7 0.13 UNIT ns pF pF mA
ORDERING INFORMATION
PACKAGES 20-Pin Plastic SOL 20-Pin Plastic SSOP Type II 20-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVT534 D 74LVT534 DB 74LVT534 PW NORTH AMERICA 74LVT534 D 74LVT534 DB 74LVT534PW DH DWG NUMBER SOT163-1 SOT339-1 SOT360-1
PIN CONFIGURATION
LOGIC SYMBOL
OE Q0
1 2
20 VCC 19 Q7 18 D7 17 D6 16 Q6 15 Q5 14 D5 13 D4 12 Q4 11 CP 2 5 6 9 12 15 16 19 11 D0 CP D1 D2 D3 D4 D5 D6 D7 3 4 7 8 13 14 17 18
D0 3 D1 4 Q1 Q2 5 6
1
OE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
D2 7 D3 8 Q3 9
GND 10
SA00161
SA00162
1998 Feb 19
2
853-1855 18988
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
LOGIC SYMBOL (IEEE/IEC)
1 11 C1 EN
PIN DESCRIPTION
PIN NUMBER 1 3, 4, 7, 8, 13, 14, 17, 18
2 5 6 9 12 15 16 19
SYMBOL OE D0-D7 Q0-Q7 CP GND VCC
FUNCTION Output enable input (active-Low) Data inputs Inverting 3-State outputs Clock pulse input (active rising edge) Ground (0V) Positive supply voltage
3 4 7 8 13 14 17 18
1D
2, 5, 6, 9, 12, 15, 16, 19 11 10 20
SA00163
FUNCTION TABLE
INPUTS OE L L L H H CP Dn l h X X Dn INTERNAL REGISTER L H NC NC Dn OUTPUTS Q0 - Q7 H L NC Z Z Latch and read register Hold Disable outputs OPERATING MODE H = High voltage level h = High voltage level one set-up time prior to the Low-to-High clock transition L = Low voltage level l = Low voltage level one set-up time prior to the Low-to-High clock transition NC= No change X = Don't care Z = High impedance "off" state = Low-to-High clock transition = not a Low-to-High clock transition
LOGIC DIAGRAM
D0 2 D1 3 D2 4 D3 5 D4 6 D5 7 D6 8 D7 9
D
D
D
D
D
D
D
D
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
11 CP 1 OE 19 Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7
SV00168
1998 Feb 19
3
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IO OUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 VO < 0 Output in Off or High state Output in Low state DC output current Output in High state Storage temperature range -64 -65 to 150 C VI < 0 CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +7.0 -50 -0.5 to +7.0 128 mA UNIT V mA V mA V
DC output diode current DC output voltage3
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Input voltage High-level output current Low-level output current Low-level output current; current duty cycle 50%, f 1kHz Input transition rise or fall rate; outputs enabled Operating free-air temperature range -40 PARAMETER LIMITS MIN 2.7 0 2.0 0.8 -32 32 64 10 +85 MAX 3.6 5.5 UNIT V V V V mA mA ns/V C
1998 Feb 19
4
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL VIK VOH PARAMETER Input clamp voltage High-level output voltage TEST CONDITIONS VCC = 2.7V; IIK = -18mA VCC = 2.7 to 3.6V; IOH = -100A VCC = 2.7V; IOH = -8mA VCC = 3.0V; IOH = -32mA VCC = 2.7V; IOL = 100A VCC = 2.7V; IOL = 24mA VOL Low-level output voltage VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 32mA VCC = 3.0V; IOL = 64mA VRST Power-up output low voltage5 VCC = 3.6V; IO = 1mA; VI = GND or VCC VCC = 0 or 3.6V; VI = 5.5V II In ut Input leakage current VCC = 3.6V; VI = VCC or GND VCC = 3.6V; VI = VCC VCC = 3.6V; VI = 0 IOFF IHOLD Output off current Bus Hold current A inputs7 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current Quiescent supply current3 Additional supply current per input pin2 VCC = 0V; VI or VO = 0 to 4.5V VCC = 3V; VI = 0.8V VCC = 3V; VI = 2.0V VCC = 0V to 3.6V; VCC = 3.6V IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC VO = 5.5V; VCC = 3.0V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC; OE/OE = Don't care VCC= 3.6V; VO = 3V; VI = VIL or VIH VCC= 3.6V; VO = 0.5V; VI = VIL or VIH VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 06 VCC = 3V to 3.6V; One input at VCC -0.6V, Other inputs at VCC or GND 75 -75 500 60 1 1 1 0.13 3 0.13 0.1 125 100 5 -5 0.19 12 0.19 0.2 mA mA A A A A Control pins Data pins4 ins VCC-0.2 2.4 2.0 Temp = -40C to +85C MIN TYP1 -0.9 VCC-0.1 2.5 2.2 0.1 0.3 0.25 0.3 0.4 0.13 1 0.1 0.1 -1 1 150 -150 A 0.2 0.5 0.4 0.5 0.55 0.55 10 1 1 -5 100 A A V V V MAX -1.2 V UNIT
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V 0.3V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power. 6. ICCZ is measured with outputs pulled to VCC or down to GND. 7. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL fMAX tPLH tPHL tPZH tPZL PARAMETER Maximum clock frequency Propagation delay CP to Qn Output enable time to High and Low level WAVEFORM MIN 1 1 3 4 100 1.7 2.2 1.7 1.7 2.1 2.1 VCC = 3.3V 0.3V TYP1 150 3.0 3.5 3.2 3.3 3.5 3.4 4.6 4.9 5.4 5.5 3.0 4.8 MAX VCC = 2.7V MIN 100 5.4 5.2 7.0 5.6 5.3 4.6 MAX ns ns ns ns UNIT
tPHZ Output disable time 3 tPLZ from High and Low level 4 NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 1998 Feb 19 5
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V 0.3V MIN tS(H) tS(L) TH(H) TH(L) TW(H) TW(L) Setup time, High or Low, Dn to CP Hold time, High or Low, Dn to CP CP pulse width High or Low 2 2 1 2.0 2.6 0 0 1.5 4.2 TYP 1.0 1.3 -1.3 -0.9 0.8 3.0 VCC = 2.7V MIN 2.0 3.2 0 0 1.5 5.0 ns ns ns UNIT
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
1/fMAX 2.7V
2.7V
CP
1.5V
1.5V
1.5V 0V
OE
1.5V
1.5V 0V
tw(H) tPHL
tw(L) tPLH 1.5V 1.5V VOL VOH
tPZH
tPHZ VOH VOH -0.3V 0V
Qn
1.5V
Qn
SV00044
SV00119
Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width, and Maximum Clock Frequency
Waveform 3. 3-State Output Enable Time to High Level and Output Disable Time from High Level
Dn
CP
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
SV00108
1998 Feb 19
EEEEEEEEEE EEE E EEEEEEEEEE EEE E EEEEEEEEEE EEE E
1.5V 1.5V 1.5V 1.5V ts(H) th(H) ts(L) th(L) 1.5V 1.5V
2.7V 2.7V
0V
OE
1.5V
1.5V 0V
2.7V
tPZL
tPLZ 3V
0V
Qn
1.5V
VOL +0.3V VOL
SV00120
Waveform 2. Data Setup and Hold Times
Waveform 4. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
6
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
TEST CIRCUIT AND WAVEFORM
VCC 6.0V Open VIN PULSE GENERATOR RT D.U.T. CL RL tTHL (tF) tTLH (tR) VOUT RL GND tW VM 10% 10% 0V tTLH (tR) tTHL (tF) 90% VM 10% tW 0V AMP (V) VM AMP (V)
90% NEGATIVE PULSE
90%
Test Circuit for 3-State Outputs
90% POSITIVE PULSE 10% VM
SWITCH POSITION
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH SWITCH Open 6V GND
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74LVT 2.7V Rep. Rate v10MHz tW tR tF
500ns v2.5ns v2.5ns
SV00092
1998 Feb 19
7
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop; inverting (3-State)
74LVT534
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
1998 Feb 19
8
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop; inverting (3-State)
74LVT534
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
1998 Feb 19
9
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop; inverting (3-State)
74LVT534
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
1998 Feb 19
10
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop; inverting (3-State)
74LVT534
NOTES
1998 Feb 19
11
Philips Semiconductors
Product specification
3.3V Octal D-type flip-flop, inverting (3-State)
74LVT534
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03536
Philips Semiconductors
yyyy mmm dd 12


▲Up To Search▲   

 
Price & Availability of 74LVT534

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X