Part Number Hot Search : 
MBRB20 C5305DF 74LS76AP 1A353 TFK5070D SF510 MT6L51AE P6KE200C
Product Description
Full Text Search
 

To Download 112MT120KB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27503 08/97
MT..KB SERIES
THREE PHASE CONTROLLED BRIDGE Power Modules
Features
Package fully compatible with the industry standard INT-A-pak power modules series High thermal conductivity package, electrically insulated case Outstanding number of power encapsulated components Excellent power volume ratio 4000 VRMS isolating voltage UL E78996 approved
55 A 90 A 110 A
Description
A range of extremely compact, encapsulated three phase controlled bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications.
Major Ratings and Characteristics
Parameters
IO @ TC IFSM @ 50Hz @ 60Hz It
2
53MT.KB 93MT.KB 113MT.KB 52MT.KB 92MT.KB 112MT.KB Units 51MT.KB 91MT.KB 111MT.KB
55 85 390 410 770 700 7700 90 85 950 1000 4525 4130 45250 800 to 1600 - 40 to 125 - 40 to 125 110 85 1130 1180 6380 5830 63800 A C A A A2s A2 s A2s V C C
@ 50Hz @ 60Hz
I2t VRRM range TSTG range TJ range
www.irf.com
1
53-93-113MT..KB Series
Bulletin I27503 08/97
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code VRRM, maximum repetitive peak reverse voltage V
800 1000 1200 1400 1600 800 1000 1200 1400 1600
VRSM, maximum non-repetitive peak reverse voltage V
900 1100 1300 1500 1700 900 1100 1300 1500 1700
VDRM, max. repetitive IRRM/IDRM max. peak off-state voltage gate open circuit V
800 1000 1200 1400 1600 800 1000 1200 1400 1600 20 10 @ TJ = 125C
mA
80 100 53/52/51MT..KB 120 140 160 80 93/92/91MT..KB 113/112/111MT..KB 100 120 140 160
Forward Conduction
Parameter
IO ITSM Maximum DC output current @ Case temperature Maximum peak, one-cycle forward, non-repetitive on state surge current I2t Maximum I2t for fusing
53MT.KB 93MT.KB 113MT.KB 52MT.KB 92MT.KB 112MT.KB Units Conditions 51MT.KB 91MT.KB 111MT.KB
55 85 390 410 330 345 770 700 540 500 90 85 950 1000 800 840 4525 4130 3200 2920 45250 1.09 1.27 4.10 3.59 1.65 150 200 mA 400 110 85 1130 1180 950 1000 6380 5830 4510 4120 63800 1.04 1.27 3.93 3.37 1.57 V A/s m A 2s V A2 s A C A t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% V RRM reapplied No voltage reapplied 100% V RRM reapplied Initial TJ = TJ max. 120 Rect conduction angle
I2 t
Maximum I2t for fusing voltage
7700 1.17 1.45 12.40 11.04 2.68
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IT(AV) < I < x IT(AV)), @ TJ max. (I > x I T(AV)), @ T J max. (16.7% x x IT(AV) < I < x IT(AV)), @ TJ max. (I > x I T(AV)), @ T J max. Ipk = 150A, TJ = 25C tp = 400s single junction TJ = 25oC, from 0.67 VDRM , ITM = x I T(AV), Ig = 500mA, tr < 0.5 s, tp > 6 s TJ = 25o C, anode supply = 6V, resistive load, gate open circuit TJ = 25oC, anode supply = 6V, resistive load
VT(TO)1 Low level value of threshold VT(TO)2 High level value of threshold voltage rt1 rt2 VTM di/dt IH IL Low level value on-state slope resistance High level value on-state slope resistance Maximum on-state voltage drop Max. non-repetitive rate of rise of turned on current Max. holding current Max. latching current
2
www.irf.com
53-93-113MT..KB Series
Bulletin I27503 08/97
Blocking
Parameter
VINS RMS isolation voltage
53MT.KB 93MT.KB 113MT.KB 52MT.KB 92MT.KB 112MT.KB Units Conditions 51MT.KB 91MT.KB 111MT.KB
4000 500 V V/s TJ = 25 oC all terminal shorted f = 50Hz, t = 1s TJ = TJ max., linear to 0.67 VDRM, gate open circuit
dv/dt Max. critical rate of rise of off-state voltage (*)
(*) Available with dv/dt = 1000V/ms, to complete code add S90 i.e. 113MT160KBS90.
Triggering
Parameter
PGM Max. peak gate power
53MT.KB 93MT.KB 113MT.KB 52MT.KB 92MT.KB 112MT.KB Units Conditions 51MT.KB 91MT.KB 111MT.KB
10 2.5 2.5 10 A V W T J = TJ max.
PG(AV) Max. average gate power IGM -VGT VGT Max. peak gate current Max. peak negative gate voltage Max. required DC gate voltage to trigger IGT Max. required DC gate current to trigger VGD IGD Max. gate voltage that will not trigger Max. gate current that will not trigger
4.0 2.5 1.7 270 150 80 0.25
V
T J = - 40C T J = 25C T J = 125C T J = - 40C Anode supply = 6V, resistive load
mA V
T J = 25C T J = 125C
Anode supply = 6V, resistive load
@ TJ = TJ max., rated VDRM applied
6
mA
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case 0.18 1.07 0.19 1.17 RthCS Max. thermal resistance, case to heatsink T Mounting torque 10% wt to heatsink to terminal 4 to 6 3 to 4 225 g Nm 0.14 0.86 0.15 0.91 0.03 0.12 0.70 0.12 0.74 K/W K/W DC operation per module DC operation per junction 120 Rect condunction angle per module 120 Rect condunction angle per junction Per module Mounting surface smooth, flat an greased
A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads.
53MT.KB 93MT.KB 113MT.KB 52MT.KB 92MT.KB 112MT.KB Units Conditions 51MT.KB 91MT.KB 111MT.KB
-40 to 125 C
-40 to 125
C
Approximate weight
www.irf.com
3
53-93-113MT..KB Series
Bulletin I27503 08/97
R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Devices
53/52/51MT.KB 93/92/91MT.KB 113/112/111MT.KB
Sinusoidal conduction @ TJ max.
180o 0.072 0.033 0.027 120o 0.085 0.039 0.033 90o 0.108 0.051 0.042 60o 0.152 0.069 0.057 30o 0.233 0.099 0.081 180o 0.055 0.027 0.023
Rectangular conduction @ TJ max.
120o 0.091 0.044 0.037 90o 0.117 0.055 0.046 60o 0.157 0.071 0.059 30o 0.236 0.100 0.082
Units
K/W
Ordering Information Table
Device Code
11
1
3
2
MT
3
160
4
K
B
5
S90
6
1
-
Current rating code: 5 = 55 A (Avg) 9 = 90 A (Avg) 11 = 110 A (Avg)
2
-
Circuit configuration code: 3 = Full-controlled bridge 2 = Positive half-controlled bridge 1 = Negative half-controlled bridge
3 4 5 6
-
Essential part number Voltage code: Code x 10 = VRRM (See Voltage Ratings Table) Generation II Critical dv/dt: None = 500V/s (Standard value) S90 = 1000V/s (Special selection)
full-controlled bridge (53, 93, 113MT..KB)
positive half-controlled bridge (52, 92, 112MT..KB)
negative half-controlled bridge (51, 91, 111MT..KB)
NOTE: To order the Optional Hardware see Bulletin I27900
4 www.irf.com
53-93-113MT..KB Series
Bulletin I27503 08/97
Outline Table (with optional barriers)
All dimensions in millimeters (inches)
Outline Table (without optional barriers)
All dimensions in millimeters (inches)
www.irf.com
5
53-93-113MT..KB Series
Bulletin I27503 08/97
Maximum Allowable Case Temperature (C) 130 53MT..KB Series 120
Instantaneous On-state Current (A) T = 25C J T = 125C J 1000
110
120 (Rect)
100
100
10
90
53MT..KB Series Per Junction 1 0 1 2 3 4 5 6 7
80 0 10 20 30 40 50 60 Total Output Current (A)
Instantaneous On-state Voltage (V)
Fig. 1 - Current Ratings Characteristic
220
Fig. 2 - Forward Voltage Drop Characteristics
K/W .05 =0 A R thS /W 2K 0.1 /W 2K 0. W K/
200 Maximum Total Power Loss (W) 180 160 140 120 100 80 60 40 20 0 0
53MT..KB Series T = 125C J
4 0.
3 0.
0. 5
K/ W
/W K
120 (Rect)
0. 7K /W
1K /W
1.5 K/W
R elta -D
0 5 10 15 20 25 30 35 40 45 50 55 Total Output Current (A)
25
50
75
100
125
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Total Power Loss Characteristics
350 Peak Half Sine Wave On-state Current (A)
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial TJ = 125C
400
300
@ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
350
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ= 125C No Voltage Reapplied Rated VRRM Reapplied
300
250
250
200 53MT..KB Series Per Junction 150 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
200 53MT..KB Series Per Junction 150 0.01 0.1 Pulse Train Duration (s) 1
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
6
www.irf.com
53-93-113MT..KB Series
Bulletin I27503 08/97
Maximum Allowable Case Temperature (C) 130 93MT..KB Series 120
1000 Instantaneous On-state Current (A)
100
110
120 (Rect)
100
T = 25C J 10 T = 125C J
90
93MT..KB Series Per Junction 1 0.5 1 1.5 2 2.5 3 3.5 4
80 0 20 40 60 80 100 Total Output Current (A)
Instantaneous On-state Voltage (V)
Fig. 6 - Current Ratings Characteristic
300
Fig. 7 - Forward Voltage Drop Characteristics
R thS
Maximum Total Power Loss (W)
250 200
93MT..KB Series T = 125C J
12 0.
2 0.
K/ W 0. 4K /W 0. 5 K/ W 0.7 K/W 1K /W 0. 3
W K/
A
W K/
K/W .05 =0
120 (Rect) 150 100 50 0 0 10 20 30 40 50 60 70 80 0 90
aR elt -D
1.5 K /W
25
50
75
100
125
Total Output Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 8 - Total Power Loss Characteristics
850 Peak Half Sine Wave On-state Current (A) 800 750 700 650 600 550 500 450 400 1 10 100
Num Of Equal Amplitude Half Cycle Current Pulses (N) ber
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T J= 125C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
1000 900 800 700 600 500 400
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ = 125C No Voltage Reapplied Rated VRRM Reapplied
93MT..KB Series Per Junction
93MT..KB Series Per Junction 0.1 Pulse Train Duration (s) 1
300 0.01
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
www.irf.com
7
53-93-113MT..KB Series
Bulletin I27503 08/97
Maximum Allowable Case Temperature (C) 130 113MT..KB Series 120
1000 Instantaneous On-state Current (A)
110
120 (Rect)
100
T = 25C J 10 T = 125C J
100
90
113MT..KB Series Per Junction 1 0.5 1 1.5 2 2.5 3 3.5 4
80 0 20 40 60 80 100 120 Total Output Current (A)
Instantaneous On-state Voltage (V)
Fig. 11 - Current Ratings Characteristic
350 Maximum Total Power Loss (W ) 300 250 200 150 100 50 0 0 0 10 20 30 40 50 60 70 80 90 100110 Total Output Current (A) 25 120 (Rect) 113MT..KB Series T = 125C J
Fig. 12 - Forward Voltage Drop Characteristics
R thS
12 0. W K/
0. 3 K/ W 0.4 K/ W 0.5 K/W 0.7 K/W 1K /W
2 0. /W K
A
K/W .05 =0 aR elt -D
1.5 K /W
50
75
100
125
Maximum Allowable Ambient Temperature (C)
Fig. 13 - Total Power Loss Characteristics
1000 Peak Half Sine Wave On-state Current (A) 900 800 700 600 500 400 1 10 100
Num Of Equal Amplitude Half Cycle Current Pulses (N) ber
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial TJ = 125C
1200 1100 1000 900 800 700 600 500
@ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T = 125C J No Voltage Reapplied Rated V RRMReapplied
113MT..KB Series Per Junction
113MT..KB Series Per Junction 0.1 Pulse Train Duration (s) 1
400 0.01
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
8
www.irf.com
53-93-113MT..KB Series
Bulletin I27503 08/97
10
Transient Thermal Impedance ZthJC (K/W)
Steady State Value RthJC = 1.07 K/W 53MT..KB Series 93MT..KB Series RthJC = 0.86 K/W RthJC = 0.70 K/W (DC Operation) 113MT..KB Series
1
0.1
0.01 Per Junction
0.001 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 16 - Thermal Impedance ZthJC Characteristics
100 Instantaneous Gate Voltage (V)
Rectangular gate pulse a) Recommended load line for rated di/dt: 20 V, 30 ohms tr = 0.5 s, tp >= 6 s b) Recommended load line for <= 30% rated di/dt: 20 V, 65 ohms tr = 1 s, tp >= 6 s 10
(1) PGM = 100 W, tp = 500 s (2) PGM = 50 W, tp = 1 ms (3) PGM = 20 W, tp = 25 ms (4) PGM = 10 W, tp = 5 ms (a) (b)
TJ = -40 C TJ = 25 C
TJ = 125 C
1
(4) (3)
(2) (1)
VGD IGD 0.1 0.001 0.01 53/ 93/ 113MT..KB Series Frequency Limited by PG(AV) 0.1 1 10 100 1000
Instantaneous Gate Current (A)
Fig. 17 - Gate Characteristics
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 112MT120KB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X