Part Number Hot Search : 
ML120 INTERNA LTC372 MB905 KSP94 1206H SMCJ33C TM6203
Product Description
Full Text Search
 

To Download XC4085XL1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL Electrical Specifications
Definition of Terms
In the following tables, some specifications may be designated as Advance or Preliminary. These terms are defined as follows: Advance: Preliminary: Unmarked: Initial estimates based on simulation and/or extrapolation from other speed grades, devices, or devicefamilies. Values are subject to change. Use as estimates, not for production. Based on preliminary characterization. Further changes are not expected. Specifications not identified as either Advance or Preliminary are to be considered Final.
Except for pin-to-pin input and output parameters, the a.c. parameter delay specifications included in this document are derived from measuring internal test patterns. All specifications are representative of worst-case supply voltage and junction temperature conditions. All specifications subject to change without notice.
XC4000XL D.C. Characteristics
Absolute Maximum Ratings
Description VCC VIN VTS VCCt TSTG TSOL TJ Supply voltage relative to Ground Input voltage relative to Ground (Note 1) Voltage applied to 3-state output (Note 1) Longest Supply Voltage Rise Time from 1 V to 3V Storage temperature (ambient) Maximum soldering temperature (10 s @ 1/16 in. = 1.5 mm) Junction Temperature Ceramic packages Plastic packages -0.5 to 4.0 -0.5 to 5.5 -0.5 to 5.5 50 -65 to +150 +260 +150 +125 Units V V V ms C C C C
6
Note 1: Maximum DC excursion above Vcc or below Ground must be limited to either 0.5 V or 10 mA, whichever is easier to achieve. During transitions, the device pins may undershoot to -2.0 V or overshoot toVCC +2.0 V, provided this over or undershoot lasts less than 10 ns and with the forcing current being limited to 200 mA. Note: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time may affect device reliability.
Recommended Operating Conditions
Symbol VCC VIH VIL TIN
Notes:
Description Supply voltage relative to Gnd, TJ = 0 C to +85C High-level input voltage Low-level input voltage Input signal transition time Commercial
Min 3.0 3.0 50% of VCC 0
Max 3.6 3.6 5.5 30% of VCC 250
Units V V V V ns
Supply voltage relative to Gnd, TJ = -40C to +100C Industrial
At junction temperatures above those listed above, all delay parameters increase by 0.35% per C. Input and output measurement threshold is ~50% of VCC.
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-73
R
XC4000E and XC4000X Series Field Programmable Gate Arrays D.C. Characteristics Over Recommended Operating Conditions
Symbol VOH VOL VDR ICCO IL CIN IRPU IRPD IRLL
Note 1: Note 2:
Description High-level output voltage @ IOH = -4.0 mA, VCC min (LVTTL) High-level output voltage @ IOH = -500 A, (LVCMOS) Low-level output voltage @ IOL = 12.0 mA, VCC min (LVTTL) (Note 1) Low-level output voltage @ IOL = 1500 A, (LVCMOS) Data Retention Supply Voltage (below which configuration data may be lost) Quiescent FPGA supply current (Note 2) Input or output leakage current Input capacitance (sample tested) BGA, SBGA, PQ, HQ, MQ packages PGA packages Pad pull-up (when selected) @ Vin = 0 V (sample tested) Pad pull-down (when selected) @ Vin = 3.6 V (sample tested) Horizontal Longline pull-up (when selected) @ logic Low
Min 2.4 90% VCC
Max
Units V V
0.4 10% VCC 2.5 5 -10 +10 10 16 0.02 0.02 0.3 0.25 0.15 2.0
V V V mA A pF pF mA mA mA
With up to 64 pins simultaneously sinking 12 mA. With no output current loads, no active input or Longline pull-up resistors, all I/O pins Tri-stated and floating.
Power-0n Power Supply Requirements
Xilinx FPGAs require a minimum rated power supply current capacity to insure proper initialization, and the power supply ramp-up time does affect the current required. A fast ramp-up time requires more current than a slow ramp-up time. The slowest ramp-up time is 50 ms. Current capacity is not specified for a ramp-up time faster than 2ms. The current capacity varies linealy with ramp-up time, e.g., an XC4036XL with a ramp-up time of 25 ms would require a capacity predicted by the point on the straight line drawn from 1A at 120 s to 500 mA at 50 ms at the 25 ms time mark. This point is approximately 750 mA . Product XC4005 - 36XL XC4044- 62XL XC4085XL1 Description Minimum required current supply Minimum required current supply Minimum required current supply Ramp-up Time Fast (120 s) 1A 2A 2 A1 Slow (50 ms) 500 mA 500 mA 500 mA
Notes: 1. The XC4085XL fast ramp-up time is 5 ms. Devices are guaranteed to initialize properly with the minimum current listed above. A larger capacity power supply may result in a larger initialization current. This specification applies to Commercial and Industrial grade products only. Ramp-up Time is measured from 0 VDC to 3.6 VDC. Peak current required lasts less than 3 ms, and occurs near the internal power on reset threshold voltage. After initialization and before configuration, ICCmax is less than 10 mA.
6-74
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL A.C. Characteristics
Testing of the switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values where one global clock input drives one vertical clock line in each accessible column, and where all accessible IOB and CLB flip-flops are clocked by the global clock net. When fewer vertical clock lines are connected, the clock distribution is faster; when multiple clock lines per column are driven from the same global clock, the delay is longer. For more specific, more precise, and worst-case guaranteed data, reflecting the actual routing structure, use the values provided by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. These path delays, provided as a guideline, have been extracted from the static timing analyzer report. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature. Values apply to all XC4000XL devices and are expressed in nanoseconds unless otherwise noted.
Global Low Skew Buffer to Clock K
Speed Grade Description Delay from pad through GLS buffer to any clock input, K Symbol TGLS Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL All Min 0.3 0.4 0.5 0.6 0.7 0.9 1.1 1.2 1.3 1.4 1.6 -3 Max 2.1 2.7 3.2 3.6 4.0 4.4 4.8 5.3 5.7 6.3 7.2 -2 Max 1.8 2.3 2.8 3.1 3.5 3.8 4.2 4.6 5.0 5.4 6.2 -1 Max 1.6 2.0 2.4 2.7 3.0 3.3 3.6 4.0 4.5 4.7 5.7 -09 Max 1.5 1.9 2.3 2.6 2.9 3.2 3.5 3.9 4.4 4.6 5.5 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns
2.3
3.1
6
4.0
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-75
R
XC4000E and XC4000X Series Field Programmable Gate Arrays Global Early BUFGEs 1, 2, 5, and 6 to IOB Clock
Speed Grade Description Delay from pad through GE buffer to any IOB clock input. Symbol TGE Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL All Min 0.1 0.3 0.3 0.4 0.4 0.3 0.3 0.2 0.3 0.3 0.4 -3 Max 1.6 1.9 2.2 2.4 2.6 2.8 3.1 3.5 4.0 4.9 5.8 -2 Max 1.4 1.8 1.9 2.1 2.2 2.4 2.7 3.0 3.5 4.3 5.1 -1 Max 1.3 1.7 1.7 1.8 2.1 2.1 2.3 2.6 3.0 3.7 4.7 -09 Max 1.2 1.6 1.7 1.7 2.0 2.0 2.2 2.4 3.0 3.4 4.3 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns
1.5
1.9
3.0
Global Early BUFGEs 3, 4, 7, and 8 to IOB Clock
Speed Grade Description Delay from pad through GE buffer to any IOB clock input. Symbol TGE Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL All Min 0.5 0.7 0.7 0.7 0.8 0.9 0.9 1.0 1.1 1.2 1.3 -3 Max 2.8 3.1 3.5 3.8 4.1 4.4 4.7 5.1 5.5 5.9 6.8 -2 Max 2.5 2.8 3.1 3.3 3.6 3.9 4.2 4.5 4.8 5.2 6.0 -1 Max 2.1 2.7 2.8 2.9 3.4 3.4 3.7 4.0 4.3 4.8 5.5 -09 Max 1.7 2.5 2.7 2.8 3.2 3.3 3.6 3.7 4.3 4.5 5.2 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns
2.4
3.1
4.0
6-76
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL CLB Characteristics
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values. For more specific, more precise, and worst-case guaranteed data, use the values reported by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature). Values apply to all XC4000XL devices and are expressed in nanoseconds unless otherwise noted.
CLB Switching Characteristic Guidelines
Description Combinatorial Delays F/G inputs to X/Y outputs F/G inputs via H' to X/Y outputs F/G inputs via transparent latch to Q outputs C inputs via SR/H0 via H to X/Y outputs C inputs via H1 via H to X/Y outputs C inputs via DIN/H2 via H to X/Y outputs C inputs via EC, DIN/H2 to YQ, XQ output (bypass) CLB Fast Carry Logic Operand inputs (F1, F2, G1, G4) to COUT Add/Subtract input (F3) to COUT Initialization inputs (F1, F3) to COUT CIN through function generators to X/Y outputs CIN to COUT, bypass function generators Carry Net Delay, COUT to CIN Sequential Delays Clock K to Flip-Flop outputs Q Clock K to Latch outputs Q Setup Time before Clock K F/G inputs F/G inputs via H C inputs via H0 through H C inputs via H1 through H C inputs via H2 through H C inputs via DIN C inputs via EC C inputs via S/R, going Low (inactive) CIN input via F/G CIN input via F/G and H Hold Time after Clock K F/G inputs F/G inputs via H C inputs via SR/H0 through H C inputs via H1 through H C inputs via DIN/H2 through H C inputs via DIN/H2 C inputs via EC C inputs via SR, going Low (inactive) Clock Clock High time Clock Low time Set/Reset Direct Width (High) Delay from C inputs via S/R, going High to Q Global Set/Reset Speed Grade Symbol TILO TIHO TITO THH0O THH1O THH2O TCBYP TOPCY TASCY TINCY TSUM TBYP TNET TCKO TCKLO TICK TIHCK THH0CK THH1CK THH2CK TDICK TECCK TRCK TCCK TCHCK TCKI TCKIH TCKHH0 TCKHH1 TCKHH2 TCKDI TCKEC TCKR TCH TCL TRPW TRIO TMRW TMRQ FTOG (MHz) 1.1 2.2 2.0 1.9 2.0 0.9 1.0 0.6 2.3 3.4 0 0 0 0 0 0 0 0 3.0 3.0 3.0 3.7 19.8 -3 Min Max 1.6 2.7 2.9 2.5 2.4 2.5 1.5 2.7 3.3 2.0 2.8 0.26 0.32 2.1 2.1 1.0 1.9 1.7 1.6 1.7 0.8 0.9 0.5 2.1 3.0 0 0 0 0 0 0 0 0 2.8 2.8 2.8 3.2 17.3 Min -2 Max 1.5 2.4 2.6 2.2 2.1 2.2 1.3 2.3 2.9 1.8 2.6 0.23 0.28 1.9 1.9 0.9 1.7 1.6 1.4 1.6 0.7 0.8 0.5 1.9 2.7 0 0 0 0 0 0 0 0 2.5 2.5 2.5 2.8 15.0 Min -1 Max 1.3 2.2 2.2 2.0 1.9 2.0 1.1 2.0 2.5 1.5 2.4 0.20 0.25 1.6 1.6 0.8 1.6 1.4 1.2 1.4 0.6 0.7 0.4 1.3 2.1 0 0 0 0 0 0 0 0 2.3 2.3 2.3 2.7 14.0 Min -09 Max 1.2 2.0 2.0 1.8 1.6 1.8 1.0 1.6 1.8 1.0 1.7 0.14 0.24 1.5 1.5 0.8 1.5 1.4 1.1 1.4 0.6 0.7 0.4 1.2 2.0 0 0 0 0 0 0 0 0 2.1 2.1 2.3 2.6 14.0 238 Min -08 Max 1.1 1.9 1.8 1.8 1.5 1.8 0.9 1.6 1.8 0.9 1.5 0.14 0.24 1.4 1.4
6
Minimum GSR Pulse Width Delay from GSR input to any Q
Toggle Frequency (MHz) (for export control)
See Table on page 85 for TRRI values per device. 166 179 200 217
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-77
R
XC4000E and XC4000X Series Field Programmable Gate Arrays CLB Single-Port RAM Synchronous (Edge-Triggered) Write Operation Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values. For more specific, more precise, and worst-case guaranteed data, use the values reported by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature). Values apply to all XC4000XL devices and are expressed in nanoseconds unless otherwise noted.
Single Port RAM
Write Operation
Speed Grade Size
-3 Min
-2 Max Min
-1
-09
-08
Symbol Min Max
Max Min Max Min Max
Address write cycle time (clock K period) 16x2 TWCS 32x1 TWCTS Clock K pulse width (active edge) Address setup time before clock K Address hold time after clock K DIN setup time before clock K DIN hold time after clock K WE setup time before clock K WE hold time after clock K Data valid after clock K Read Operation Address read cycle time Data Valid after address change (no Write Enable) Address setup time before clock K 16x2 TRC 32x1 TRCT 16x2 TILO 32x1 TIHO 16x2 TICK 32x1 TIHCK 16x2 TWPS 32x1 TWPTS 16x2 TASS 32x1 TASTS 16x2 TAHS 32x1 TAHTS 16x2 TDSS 32x1 TDSTS 16x2 TDHS 32x1 TDHTS 16x2 TWSS 32x1 TWSTS 16x2 TWHS 32x1 TWHTS 16x2 TWOS 32x1 TWOTS
9.0 9.0 4.5 4.5 2.2 2.2 0 0 2.0 2.5 0 0 2.0 1.8 0 0 6.8 8.1
8.4 8.4 4.2 4.2 2.0 2.0 0 0 1.9 2.3 0 0 1.8 1.7 0 0 6.3 7.5
7.7 7.7 3.9 3.9 1.7 1.7 0 0 1.7 2.1 0 0 1.6 1.5 0 0 5.8 6.9
7.4 7.4 3.7 3.7 1.7 1.7 0 0 1.7 2.1 0 0 1.6 1.5 0 0 5.8 6.7
7.4 7.4 3.7 3.7 1.6 1.7 0 0 1.7 2.1 0 0 1.6 1.5 0 0 5.7 6.7
4.5 6.5 1.6 2.7 1.1 2.2
3.1 5.5 1.5 2.4 1.0 1.9
2.6 3.8 1.3 2.2 0.9 1.7
2.6 3.8 1.2 2.0 0.8 1.6
2.6 3.8 1.1 1.9 0.8 1.5
6-78
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays CLB Dual-Port RAM Synchronous (Edge-Triggered) Write Operation Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values. For more specific, more precise, and worst-case guaranteed data, use the values reported by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature). Values apply to all XC4000XL devices and are expressed in nanoseconds unless otherwise noted.
Dual Port RAM
Speed Grade Size
-3
-2
--1
-09
-08
Symbol Min Max
Min Max Min Max Min Max Min Max
Address write cycle time (clock K period) Clock K pulse width (active edge) Address setup time before clock K Address hold time after clock K DIN setup time before clock K DIN hold time after clock K WE setup time before clock K WE hold time after clock K Data valid after clock K
16x1 16x1 16x1 16x1 16x1 16x1 16x1 16x1 16x1
TWCDS TWPDS TASDS TAHDS TDSDS TDHDS TWSDS TWHDS TWODS
9.0 4.5 2.5 0 2.5 0 1.8 0 7.8
8.4 4.2 2.0 0 2.3 0 1.7 0 7.3
7.7 3.9 1.7 0 2.0 0 1.6 0 6.7
7.4 3.7 1.7 0 2.0 0 1.6 0 6.7
7.4 3.7 1.6 0 2.0 0 1.6 0 6.6
CLB RAM Synchronous (Edge-Triggered) Write Timing Waveforms
6
TWPDS
TWPS WCLK (K) TWSS WE TDSS DATA IN TASS ADDRESS TILO TAHS TDHS TWHS
WCLK (K) TWSDS WE TDSDS DATA IN TASDS ADDRESS
TILO
TWHDS
TDHDS
TAHDS
TWOS OLD
TILO TWODS
TILO
DATA OUT
NEW
X6461
DATA OUT
OLD
NEW
X6474
Single-Port RAM
Dual-Port RAM
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-79
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL Pin-to-Pin Output Parameter Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Pin-to-pin timing parameters are derived from measuring external and internal test patterns and are guaranteed over worst-case operating conditions (supply voltage and junction temperature). Listed below are representative values for typical pin locations and normal clock loading. For more specific, more precise, and worst-case guaranteed data, reflecting the actual routing structure, use the values provided by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. These path delays, provided as a guideline, have been extracted from the static timing analyzer report. Values are expressed in nanoseconds unless otherwise noted.
Output Flip-Flop, Clock to Out
Speed Grade Description Global Low Skew Clock to Output using Output Flip Flop Symbol TICKOF Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL All Devices All Min 1.2 1.3 1.4 1.5 1.6 1.8 2.0 2.1 2.2 2.3 2.5 0.5 -3 Max 7.1 7.7 8.2 8.6 9.0 9.4 9.8 10.3 10.7 11.3 12.2 3.0 -2 Max 6.1 6.6 7.1 7.4 7.8 8.1 8.5 8.9 9.3 9.7 10.5 2.5 -1 Max 5.4 5.8 6.2 6.5 6.8 7.1 7.4 7.8 8.3 8.5 9.5 2.0 -09 Max 5.1 5.4 5.8 6.1 6.4 6.7 7.0 7.4 7.9 8.1 9.0 1.7 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns ns
5.6
6.4
7.3 1.6
For output SLOW option add
TSLOW
Notes: Clock-to-out minimum delay is measured with the fastest route and the lightest load, Clock-to-out maximum delay is measured using the farthest distance and a reference load of one clock pin (IK or OK) per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be added to the AC parameter Tokpof and used as a worst-case pin-to-pin clock-to-out delay for clocked outputs for FAST mode configurations. Output timing is measured at ~50% VCC threshold with 50 pF external capacitive load. For different loads, see Figure 1.
Capacitive Load Factor
Delta Delay (ns)
Figure 60 shows the relationship between I/O output delay and load capacitance. It allows a user to adjust the specified output delay if the load capacitance is different than 50 pF. For example, if the actual load capacitance is 120 pF, add 2.5 ns to the specified delay. If the load capacitance is 20 pF, subtract 0.8 ns from the specified output delay. Figure 60 is usable over the specified operating conditions of voltage and temperature and is independent of the output slew rate control.
3 2 1 0 -1 -2 0 20 40 60 80 100 Capacitance (pF) 120 140
X8257
Figure 60: Delay Factor at Various Capacitive Loads
6-80
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays Output Flip-Flop, Clock to Out, BUFGE #s 1, 2, 5, and 6
Speed Grade Description Symbol Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL Global Early Clock to Output using TICKEOF Output Flip Flop. Values are for BUFGE #s 1, 2, 5, and 6. All Min 1.0 1.2 1.2 1.3 1.3 1.2 1.2 1.1 1.2 1.2 1.3 -3 Max 6.6 6.9 7.2 7.4 7.6 7.8 8.1 8.5 9.0 9.9 10.8 -2 Max 5.7 6.1 6.2 6.4 6.5 6.7 7.0 7.3 7.8 8.6 9.4 -1 Max 5.1 5.5 5.5 5.6 5.9 5.9 6.1 6.4 6.8 7.5 8.5 -09 Max 4.8 5.2 5.3 5.3 5.6 5.6 5.8 6.0 6.6 7.0 7.9 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns
4.8
5.2
6.3
Notes: Clock-to-out minimum delay is measured with the fastest route and the lightest load, Clock-to-out maximum delay is measured using the farthest distance and a reference load of one clock pin (IK or OK) per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be added to the AC parameter Tokpof and used as a worst-case pin-to-pin clock-to-out delay for clocked outputs for FAST mode configurations. Output timing is measured at ~50% VCC threshold with 50 pF external capacitive load. For different loads, see Figure 1.
Output Flip-Flop, Clock to Out, BUFGE #s 3, 4, 7, and 8
Speed Grade Description Symbol Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL Global Early Clock to Output using TICKEOF Output Flip Flop. Values are for BUFGE #s 3, 4, 7, and 8. All Min 1.3 1.5 1.6 1.6 1.7 1.7 1.8 1.9 2.0 2.0 2.2 -3 Max 7.8 8.1 8.5 8.8 9.1 9.4 9.7 10.1 10.5 10.9 11.8 -2 Max 6.8 7.1 7.4 7.6 7.9 8.2 8.5 8.8 9.1 9.5 10.3 -1 Max 5.9 6.5 6.6 6.7 7.2 7.2 7.5 7.8 8.1 8.6 9.3 -09 Max 5.3 6.1 6.3 6.4 6.8 6.9 7.2 7.3 7.9 8.1 8.8 -08 Max Units ns ns ns ns ns ns ns ns ns ns ns
6
5.7
6.4
7.3
Notes: Clock-to-out minimum delay is measured with the fastest route and the lightest load, Clock-to-out maximum delay is measured using the farthest distance and a reference load of one clock pin (IK or OK) per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be added to the AC parameter Tokpof and used as a worst-case pin-to-pin clock-to-out delay for clocked outputs for FAST mode configurations. Output timing is measured at ~50% VCC threshold with 50 pF external capacitive load. For different loads, see Figure 1.
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-81
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL Pin-to-Pin Input Parameter Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Pin-to-pin timing parameters are derived from measuring external and internal test patterns and are guaranteed over worst-case operating conditions (supply voltage and junction temperature). Listed below are representative values for typical pin locations and normal clock loading. For more specific, more precise, and worst-case guaranteed data, reflecting the actual routing structure, use the values provided by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. These path delays, provided as a guideline, have been extracted from the static timing analyzer report. Values are expressed in nanoseconds unless otherwise noted
Global Low Skew Clock, Set-Up and Hold
Description Input Setup and Hold Times No Delay Global Low Skew Clock and IFF Global Low Skew Clock and FCL Speed Grade Symbol Device TPSN/TPHN XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL -3 Min 2.5 / 1.5 1.2 / 2.6 1.2 / 3.0 1.2 / 3.2 1.2 / 3.7 1.2 / 4.4 1.2 / 5.5 1.2 / 5.8 1.2 / 7.1 1.2 / 7.0 1.2 / 9.4 8.4 / 0.0 10. 5 / 0.0 11.1 / 0.0 6.1 / 1.0 11.9 / 1.0 12.3 / 1.0 6.4 / 1.0 13.1 / 1.0 11.9 / 1.0 6.7 / 1.2 12.9 / 1.2 6.8 / 0.0 8.8 / 0.0 9.0 / 0.0 6.4 / 0.0 8.8 / 0.0 9.3 / 0.0 6.6 / 0.0 10.6 / 0.0 11.2 / 0.0 6.8 / 0.0 12.7 / 0.0 -2 Min 2.2 / 1.3 1.1 / 2.2 1.1 / 2.6 1.1 / 2.8 1.1 / 3.2 1.1 / 3.8 1.1 / 4.8 1.1 / 5.0 1.1 / 6.2 1.1 / 6.1 1.1 / 8.2 7.3 / 0.0 9.1 / 0.0 9.7 / 0.0 5.3 / 1.0 10.3 / 1.0 10.7 / 1.0 5.6 / 1.0 11.4 / 1.0 10.3 / 1.0 5.8 / 1.2 11.2 / 1.2 6.0 / 0.0 7.6 / 0.0 7.8 / 0.0 6.0 / 0.0 7.6 / 0.0 8.1 / 0.0 6.2 / 0.0 9.2 / 0.0 9.7 / 0.0 6.4 / 0.0 11.0 / 0.0 -1 Min 1.9 / 1.2 0.9 / 2.0 0.9 / 2.3 0.9 / 2.4 0.9 / 2.8 0.9 / 3.3 0.9 / 4.1 0.9 / 4.4 0.9 / 5.4 0.9 / 5.3 0.9 / 7.1 6.3 / 0.0 7.9 / 0.0 8.4 / 0.0 4.6 / 1.0 9.0 / 1.0 9.3 / 1.0 4.8 / 1.0 9.9 / 1.0 9.0 / 1.0 5.1 / 1.2 9.8 / 1.2 5.2 / 0.0 6.6 / 0.0 6.8 / 0.0 5.6 / 0.0 6.6 / 0.0 7.0 / 0.0 5.8 / 0.0 8.0 / 0.0 8.4 / 0.0 6.0 / 0.0 9.6 / 0.0 -09 Min 1.7 / 1.0 0.8 / 1.7 0.8 / 2.0 0.8 / 2.1 0.8 / 2.4 0.8 / 2.9 0.8 / 3.6 0.8 / 3.8 0.8 / 4.7 0.8 / 4.6 0.8 / 6.2 5.5 / 0.0 6.9 / 0.0 7.3 / 0.0 4.0 / 1.0 7.8 / 1.0 8.1 / 1.0 4.2 / 1.0 8.6 / 1.0 7.8 / 1.0 4.4 / 1.2 8.5 / 1.2 4.5 / 0.0 5.6 / 0.0 5.8 / 0.0 4.8 / 0.0 6.2 / 0.0 6.4 / 0.0 5.3 / 0.0 6.8 / 0.0 7.0 / 0.0 5.5 / 0.0 8.4 / 0.0 -08 Min Units
0.8 / 2.1
0.8 / 3.6
0.8 / 4.6
Partial Delay Global Low Skew Clock and IFF Global Low Skew Clock and FCL
TPSP/TPHP
3.7 / 0.5
4.0/ 0.8
4.2/ 1.0
Full Delay Global Low Skew Clock and IFF
TPSD/TPHD
4.8 / 0.0
5.3 / 0.0
5.5 / 0.0
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
IFF = Input Flip-Flop or Latch * The XC4013XL, XC4036XL, and 4062XL have significantly faster partial and full delay setup times than other devices. Notes: Input setup time is measured with the fastest route and the lightest load. Input hold time is measured using the furthest distance and a reference load of one clock pin per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be used as a worst-case pin-to-pin no-delay input hold specification.
6-82
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays Global Early Clock BUFGEs 1, 2, 5, and 6 Set-up and Hold for IFF and FCL
Description Symbol Input Setup and Hold Times No Delay Global Early Clock and IFF TPSEN/TPHEN Global Early Clock and TPFSEN/TPFHEN FCL Speed Grade Device -3 Min -2 Min -1 Min -09 Min -08 Min Units
Partial Delay Global Early Clock and IFF TPSEP/TPHEP Global Early Clock and TPFSEP/TPFHEP FCL
Full Delay Global Early Clock and IFF TPSED/TPHED
XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL
2.8 / 1.5 1.2 / 4.1 1.2 / 4.4 1.2 / 4.7 1.2 / 4.6 1.2 / 5.3 1.2 / 6.7 1.2 / 6.5 1.2 / 6.7 1.2 / 8.4 1.2 / 8.7 8.1 / 0.9 9.0 / 0.0 11.9 / 0.0 6.4 / 0.0 10.8 / 0.0 14.0 / 0.0 7.0 / 0.0 14.6 / 0.0 16.4 / 0.0 9.0 / 0.8 16.7 / 0.0 6.7 / 0.0 10.8 / 0.0 10.3 / 0.0 10.0 / 0.0 12.0 / 0.0 12.6 / 0.0 12.2 / 0.0 13.8 / 0.0 14.1 / 0.0 13.1 / 0.0 17.9 / 0.0
2.5 / 1.3 1.1 / 3.6 1.1 / 3.8 1.1 / 4.1 1.1 / 4.0 1.1 / 4.6 1.1 / 5.8 1.1 / 5.7 1.1 / 5.8 1.1 / 7.3 1.1 / 7.5 7.0 / 0.8 8.5 / 0.0 10.4 / 0.0 5.9 / 0.0 10.3 / 0.0 12.2 / 0.0 6.6 / 0.0 12.7 / 0.0 14.3 / 0.0 8.6 / 0.8 14.5 / 0.0 5.8 / 0.0 9.4 / 0.0 9.0 / 0.0 8.7 / 0.0 10.4 / 0.0 11.0 / 0.0 10.6 / 0.0 12.0 / 0.0 12.3 / 0.0 11.4 / 0.0 15.6 / 0.0
2.2 / 1.2 0.9 / 3.1 0.9 / 3.3 0.9 / 3.6 0.9 / 3.5 0.9 / 4.0 0.9 / 5.1 0.9 / 4.9 0.9 / 5.1 0.9 / 6.3 0.9 / 6.6 6.1 / 0.7 8.0 / 0.0 9.0 / 0.0 5.4 / 0.0 9.8 / 0.0 10.6 / 0.0 6.2 / 0.0 11.0 / 0.0 12.4 / 0.0 8.2 / 0.8 12.6 / 0.0 5.1 / 0.0 8.2 / 0.0 7.8 / 0.0 7.6 / 0.0 9.1 / 0.0 9.5 / 0.0 9.2 / 0.0 10.5 / 0.0 10.7 / 0.0 9.9 / 0.0 13.6 / 0.0
1.9 / 1.0 0.8 / 2.7 0.8 / 2.9 0.8 / 3.1 0.8 / 3.0 0.8 / 3.5 0.8 / 4.4 0.8 / 4.3 0.8 / 4.4 0.8 / 5.5 0.8 / 5.7 5.3 / 0.6 7.5 / 0.0 8.0 / 0.0 4.9 / 0.0 9.0 / 0.0 9.8 / 0.0 5.2 / 0.0 10.8 / 0.0 11.4 / 0.0 7.0 / 0.8 11.6 / 0.0 4.4 / 0.0 7.1 / 0.0 6.8 / 0.0 6.6 / 0.0 7.9 / 0.0 8.3 / 0.0 8.0 / 0.0 9.1 / 0.0 9.3 / 0.0 8.6 / 0.0 11.8 / 0.0
0.5 / 2.7
0.5 / 3.7
0.5 / 4.7
4.4 / 0.0
4.7 / 0.0
6.3 / 0.5
6.0 / 0.0
7.2 / 0.0
7.8 / 0.0
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
6
IFF = Input Flip-Flop or Latch, FCL = Fast Capture Latch * The XC4013XL, XC4036XL, and 4062XL have significantly faster partial and full delay setup times than other devices. Notes: Input setup time is measured with the fastest route and the lightest load. Input hold time is measured using the furthest distance and a reference load of one clock pin per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be used as a worst-case pin-to-pin no-delay input hold specification.
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-83
R
XC4000E and XC4000X Series Field Programmable Gate Arrays Global Early Clock BUFGEs 3, 4, 7, and 8 Set-up and Hold for IFF and FCL
Description Symbol Input Setup & Hold Times No Delay Global Early Clock and TPSEN/TPHEN IFF TPFSEN/TPFHEN Global Early Clock and FCL Speed Grade Device XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL XC4002XL XC4005XL XC4010XL XC4013XL* XC4020XL XC4028XL XC4036XL* XC4044XL XC4052XL XC4062XL* XC4085XL -3 Min 3.0 / 2.0 1.2 / 4.1 1.2 / 4.4 1.2 / 4.7 1.2 / 4.6 1.2 / 5.3 1.2 / 6.7 1.2 / 6.5 1.2 / 6.7 1.2 / 8.4 1.2 / 8.7 7.3 / 1.5 8.4 / 0.0 10.3 / 0.0 5.4 / 0.0 9.8 / 0.0 12.7 / 0.0 6.4 / 0.8 13.8 / 0.0 14.5 / 0.0 8.4 / 1.5 14.5 / 0.0 5.9 / 0.0 10.8 / 0.0 10.3 / 0.0 10.0 / 0.0 12.0 / 0.0 12.6 / 0.0 12.2 / 0.0 13.8 / 0.0 14.1 / 0.0 13.1 / 0.0 17.9 / 0.0 -2 Min 2.6 / 1.7 1.1 / 3.6 1.1 / 3.8 1.1 / 4.1 1.1 / 4.0 1.1 / 4.6 1.1 / 5.8 1.1 / 5.7 1.1 / 5.8 1.1 / 7.3 1.1 / 7.5 6.4 / 1.3 7.9 / 0.0 9.0 / 0.0 4.9 / 0.0 9.3 / 0.0 11.0 / 0.0 5.9 / 0.8 12.0 / 0.0 12.7 / 0.0 7.9 / 1.5 12.7 / 0.0 5.2 / 0.0 9.4 / 0.0 9.0 / 0.0 8.7 / 0.0 10.4 / 0.0 11.0 / 0.0 10.6 / 0.0 12.0 / 0.0 12.3 / 0.0 11.4 / 0.0 15.6 / 0.0 -1 Min 2.3 / 1.5 0.9 / 3.1 0.9 / 3.3 0.9 / 3.6 0.9 / 3.5 0.9 / 4.0 0.9 / 5.1 0.9 / 4.9 0.9 / 5.1 0.9 / 6.3 0.9 / 6.6 5.5 / 1.2 7.4 / 0.0 7.8 / 0.0 4.4 / 0.0 8.8 / 0.0 9.6 / 0.0 5.4 / 0.8 10.4 / 0.0 11.0 / 0.0 7.4 / 1.5 11.0 / 0.0 4.5 / 0.0 8.2 / 0.0 7.8 / 0.0 7.6 / 0.0 9.1 / 0.0 9.5 / 0.0 9.2 / 0.0 10.5 / 0.0 10.7 / 0.0 9.9 / 0.0 13.6 / 0.0 -09 Min 2.0 / 1.3 0.8 / 2.7 0.8 / 2.9 0.8 / 3.1 0.8 / 3.0 0.8 / 3.5 0.8 / 4.4 0.8 / 4.3 0.8 / 4.4 0.8 / 5.5 0.8 / 5.7 4.8 / 1.0 7.2 / 0.0 7.4 / 0.0 4.3 / 0.0 8.5 / 0.0 9.3 / 0.0 5.0 / 0.8 10.2 / 0.0 10.7 / 0.0 6.8 / 1.5 10.8 / 0.0 3.9 / 0.0 7.1 / 0.0 6.8 / 0.0 6.6 / 0.0 7.9 / 0.0 8.3 / 0.0 8.0 / 0.0 9.1 / 0.0 9.3 / 0.0 8.6 / 0.0 11.8 / 0.0 -08 Min Units
0.5 / 2.7
0.5 / 3.7
0.5 / 4.7
Partial Delay Global Early Clock and IFF Global Early Clock and FCL
TPSEP/TPHEP TPFSEP/TPFHEP
4.0 / 0.0
4.6 / 0.2
6.2 / 0.0
Full Delay Global Early Clock and IFF
TPSED/TPHED
6.0 / 0.0
7.2 / 0.0
7.8 / 0.0
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
* The XC4013XL, XC4036XL, and 4062XL have significantly faster partial and full delay setup times than other devices. IFF = Input Flip Flop or Latch. FCL = Fast Capture Latch Notes: Input setup time is measured with the fastest route and the lightest load. Input hold time is measured using the furthest distance and a reference load of one clock pin per IOB as well as driving all accessible CLB flip-flops. For designs with a smaller number of clock loads, the pad-to-IOB clock pin delay as determined by the static timing analyzer (TRCE) can be used as a worst-case pin-to-pin no-delay input hold specification.
6-84
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL IOB Input Switching Characteristic Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values. For more specific, more precise, and worst-case guaranteed data, use the values reported by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. These path delays, provided as a guideline, have been extracted from the static timing analyzer report. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature).
Description Clocks Clock Enable (EC) to Clock (IK) Delay from FCL enable (OK) active edge to IFF clock (IK) active edge Setup Times Pad to Clock (IK), no delay Symbol TECIK TOKIK Speed Grade Device All devices XC4002XL XC4013, 36, 62XL Balance of Family XC4002XL XC4013, 36, 62XL Balance of Family XC4002XL XC4013, 36, 62XL Balance of Family XC4013, 36, 62XL Balance of Family All Devices TMRW TRRI* All devices XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL -3 Min 0.1 3.0 2.2 2.2 2.6 1.7 1.7 3.2 2.3 2.3 1.2 1.2 0 19.8 Max 9.8 11.3 13.9 15.9 18.6 20.5 22.5 25.1 27.2 29.1 34.4 -2 Min 0.1 2.7 1.9 1.9 2.3 1.5 1.5 2.9 2.0 2.0 1.0 1.0 0 17.3 Max 8.5 9.8 12.1 13.8 16.1 17.9 19.6 21.9 23.6 25.3 29.9 -1 Min 0.1 2.3 1.6 1.6 2.0 1.3 1.3 2.5 1.8 1.8 0.9 0.9 0 15.0 Max 7.4 8.5 10.5 12.0 14.0 15.5 17.0 19.0 20.5 22.0 26.0 -09 Min 0.1 2.3 1.6 1.6 2.0 1.3 1.3 2.4 1.7 1.7 0.9 0.9 0 14.0 Max 7.0 8.1 10.0 11.4 13.3 14.3 16.2 18.1 19.5 20.9 24.7 -08 Min 0.1 1.6 Units
ns ns ns ns ns ns ns ns ns ns ns ns
TPICK
1.2
Pad to Clock (IK), via transparent Fast Capture Latch, no delay Pad to Fast Capture Latch Enable (OK), no delay Hold Times All Hold Times Global Set/Reset Minimum GSR Pulse Width Global Set/Reset Delay from GSR input to any Q
TPICKF
1.6 0.9
TPOCK
0 14.0 Max ns ns ns ns ns ns ns ns ns ns ns ns
6
10.9
16.2
20.4
Propagation Delays Pad to I1, I2 Pad to I1, I2 via transparent input latch, no delay Pad to I1, I2 via transparent FCL and input latch, no delay Clock (IK) to I1, I2 (flip-flop) Clock (IK) to I1, I2 (latch enable, active Low) FCL Enable (OK) active edge to I1, I2 (via transparent standard input latch)
TPID TPLI
TPFLI
TIKRI TIKLI TOKLI
All devices XC4002XL XC4013, 36, 62XL Balance of Family X4002XL XC4013, 36, 62XL Balance of Family All devices All devices XC4002XL XC4013, 36, 62XL Balance of Family
1.6 4.7 3.1 3.1 5.4 3.7 3.7 1.7 1.8 5.2 3.6 3.6
1.4 4.2 2.7 2.7 4.7 3.3 3.3 1.5 1.6 4.6 3.1 3.1
1.2 3.6 2.4 2.4 4.1 2.8 2.8 1.3 1.4 4.0 2.7 2.7
1.1 3.5 2.2 2.2 3.9 2.7 2.7 1.2 1.3 3.8 2.6 2.6
1.0 2.1
2.5 1.2 1.3 2.5
ns ns ns ns ns ns ns ns ns ns ns ns
IFF = Input Flip-Flop or Latch, FCL = Fast Capture Latch * Indicates Minimum Amount of Time to Assure Valid Data.
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-85
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
XC4000XL IOB Output Switching Characteristic Guidelines
Testing of switching parameters is modeled after testing methods specified by MIL-M-38510/605. All devices are 100% functionally tested. Internal timing parameters are derived from measuring internal test patterns. Listed below are representative values. For more specific, more precise, and worst-case guaranteed data, use the values reported by the static timing analyzer (TRCE in the Xilinx Development System) and back-annotated to the simulation netlist. These path delays, provided as a guideline, have been extracted from the static timing analyzer report. All timing parameters assume worst-case operating conditions (supply voltage and junction temperature). For Propagation Delays, slew-rate = fast unless otherwise noted. Values are expressed in nanoseconds unless otherwise noted. -3 Description Clocks Clock High Clock Low Propagation Delays Clock (OK) to Pad Output (O) to Pad 3-state to Pad hi-Z (slew-rate independent) 3-state to Pad active and valid Output (O) to Pad via Fast Output MUX Select (OK) to Pad via Fast MUX Setup and Hold Times Output (O) to clock (OK) setup time Output (O) to clock (OK) hold time Clock Enable (EC) to clock (OK) setup time Clock Enable (EC) to clock (OK) hold time Global Set/Reset Minimum GSR pulse width Delay from GSR input to any Pad XC4002XL XC4005XL XC4010XL XC4013XL XC4020XL XC4028XL XC4036XL XC4044XL XC4052XL XC4062XL XC4085XL Slew Rate Adjustment For output SLOW option add TSLOW 3.0 2.5 2.0 1.7 1.6 TMRW TRPO* 19.8 14.3 15.9 18.5 20.5 23.2 25.1 27.1 29.7 31.7 33.7 39.0 17.3 12.5 13.8 16.1 17.8 20.1 21.9 23.6 25.9 27.6 29.3 33.9 15.0 10.9 12.0 14.0 15.5 17.5 19.0 20.5 22.5 24.0 25.5 29.5 14.0 10.3 11.4 13.3 14.7 16.6 17.6 19.4 21.4 22.8 24.2 28.0 14.0 TOOK TOKO TECOK TOKEC 0.5 0.0 0.0 0.3 0.4 0.0 0.0 0.2 0.3 0.0 0.0 0.1 0.3 0.0 0.0 0.0 0.3 0.0 0.0 0.0 TOKPOF TOPF TTSHZ TTSONF TOFPF TOKFPF 5.0 4.1 4.0 4.4 5.5 5.1 4.3 3.6 3.5 3.8 4.8 4.5 3.8 3.1 3.0 3.3 4.2 3.9 3.5 3.0 2.9 3.3 4.0 3.7 3.3 2.8 2.9 3.3 3.7 3.4 TCH TCL 3.0 3.0 2.8 2.8 2.5 2.5 2.3 2.3 2.1 2.1 Symbol Min Max Min -2 Max Min -1 Max -09 Min Max -08 Min Max
14.0
19.3
23.5
Note: Output timing is measured at ~50% VCC threshold, with 50 pF external capacitive loads. * Indicates Minimum Amount of Time to Assure Valid Data.
6-86
DS005 (v. 1.8 October 18, 1999 - Product Specification
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
Revision Control
Version Nature of Changes 2/1/99 (1.5) Release included in the 1999 data book, section 6 5/14/99 (1.6) Replaced Electrical Specification and pinout pages for E, EX, and XL families with separate updates and added URL link on placeholder page for electrical specifications/pinouts for WebLINX users 9/30/99 (1.7) Added Power-on specification. 10/18/99 (1.8) Corrected posted file to include missing page (IOB Output Parameters).
6
DS005 (v. 1.8 October 18, 1999 - Product Specification
6-87
R
XC4000E and XC4000X Series Field Programmable Gate Arrays
6-88
DS005 (v. 1.8 October 18, 1999 - Product Specification


▲Up To Search▲   

 
Price & Availability of XC4085XL1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X