Part Number Hot Search : 
D789101 AT91S RO2170 HT82K AD9621AN AMS1505 1C471M HT2012H
Product Description
Full Text Search
 

To Download UPD72107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD72107
LAP-B CONTROLLER Link Access Procedure Balanced mode
The PD72107 is an LSI that supports LAP-B protocol specified by the ITU-T recommended X.25 on a single chip.
FEATURES
* Complied with ITU-T recommended X.25 (LAP-B84 edition) HDLC frame control Sequence control Flow control * ITU-T recommended X.75 supported * TTC standard JT-T90 supported * Optional functions Option frame Global address frame Error check deletion frame * Powerful test functions Data loopback function Loopback test link function Frame trace function * Abundant statistical information * Detailed mode setting function * Modem control function * On-chip DMAC (Direct Memory Access Controller) 24-bit address Byte/word transfer enabled (switch with external pin) * Memory-based interface Memory-based command Memory-based status Memory-based transmit/receive data * MAX.4 Mbps serial transfer rate * NRZ, NRZI coding
ORDERING INFORMATION
Part Number Package 64-pin plastic shrink DIP (750 mils) 80-pin plastic QFP (14 x 14 mm) 68-pin plastic QFJ (950 x 950 mils)
PD72107CW PD72107GC-3B9 PD72107L
The information in this document is subject to change without notice. Document No. S12962EJ5V0DS00 (5th edition) Date Published October 1998 N CP(K) Printed in Japan
(c)
1998
PD72107
BLOCK DIAGRAM
D0-D7 A16D8 -A23D15 A0-A15 IORD IOWR MRD MWR UBE CS ASTB AEN READY HLDRQ HLDAK CRQ INT CLRINT B/W PU VCC GND RESET CLK
TxC TxD Internal controller TxFIFO Transmitter RTS CTS Bus interface Internal bus
CD Receiver RxFIFO DMAC RxC RxD
Name Bus interface Internal controller DMAC (Direct Memory Access Controller) TxFIFO RxFIFO Transmitter Receiver Internal bus
Function An interface between the PD72107 and external memory or external host processor Manages LAP-B protocol including control of the DMAC block, transmitter block, and receiver block Controls the transfer of data on the external memory to the internal controller or transmitter block, and controls the writing of data in the internal controller or receiver block to the external memory
A 16-byte buffer for when transmit data is sent from the DMAC to the transmitter block A 32-byte buffer for when receive data is sent from the receiver block to the DMAC Converts the contents of TxFIFO into an HDLC frame and transmits it as serial data Receives HDLC frame and writes internal data to RxFIFO An 8-bit address bus and 8-bit data bus that connect the internal controller, DMAC, FIFO, serial block, and bus interface block
2
PD72107
PIN CONFIGURATION (Top View)
64-pin plastic shrink DIP (750 mils)
PD72107CW
IC RxC RxD TxC TxD CTS IC RESET NC IC B/W PU CLK GND A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16D8 A17D9
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
RTS CD CRQ AEN ASTB READY HLDAK HLDRQ CLRINT INT UBE MWR MRD GND IOWR IORD CS VCC D7 D6 D5 D4 D3 D2 D1 D0 A23D15 A22D14 A21D13 A20D12 A19D11 A18D10
3
PD72107
80-pin plastic QFP (14 x 14 mm)
PD72107GC-3B9
CLRINT
GND IOWR IORD
UBE MWR MRD
INT
VCC NC VCC D7 D6
NC
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 NC HLDRQ HLDAK READY ASTB AEN NC CRQ CD RTS NC IC RxC RxD NC TxC TxD CTS IC NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 D1 D0 A23D15 A22D14 A21D13 NC A20D12 A19D11 A18D10 NC NC A17D9 A16D8 A15 A14 A13 A12 A11 A10 NC
NC
RESET
IC
B/W PU CLK
GND GND NC
4
NC
A0
A1 A2 A3 A4 A5
A6 A7 A8
A9
NC
CS
D5 D4 D3
D2
PD72107
68-pin plastic QFJ (950 x 950 mils)
PD72107L
9 RESET IC B/W PU CLK GND GND A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
8
7
6
5
4
3
2
1
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45
HLDRQ
READY
HLDAK
ASTB
CRQ
AEN
CTS
RTS
RxD
RxC
TxD
TxC
NC
NC
CD
IC
IC
CLRINT INT UBE MWR MRD GND IOWR IORD CS VCC VCC D7 D6 D5 D4 D3 D2
26 44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
A10
A11
A12
A13
A14
A15
A16D8
A17D9
NC
D0
A18D10
A19D11
A20D12
A21D13
A22D14
A23D15
D1
5
PD72107
1. PINS 1.1 Pin Functions
SDIP Pin Name Pin No. VCC 47 Pin No. 68 70 GND 14 51 27 28 74 CLK (Clock) RESET (Reset) 8 22 10 I L 13 26 Pin No. 50 51 15 16 55 14 I - System clock input Input clock of 1 MHz to 8.2 MHz. Initializes the internal PD72107. Active width of more than 7 CLK clock cycles is required (clock input is required). After reset, this pin becomes a bus slave. PU (Pull Up) CS (Chip Select) 48 71 52 I L When bus master Set to disable. When bus slave Read/write operation from the host processor at low level is enabled. MRD (Memory Read) 52 75 56 O 3-state L When bus master Reads the data of the external memory at low level. When bus slave High impedance MWR (Memory Write) 53 76 57 O 3-state L When bus master Writes the data to the external memory at low level. When bus slave High impedance IORD (I/O Read) 49 72 53 I L This pin is used when the external host processor reads the contents of the internal registers of the 12 25 13 I - Pull up to high level when using in normal operation. - - Ground (0 V) Note that there is more than one ground pin. - QFP QFJ I/O Level - +5 V power supply Active Function
PD72107.
IOWR (I/O Write) 50 73 54 I L This pin is used when the external host processor writes the data to the internal registers of the
PD72107.
ASTB (Address Strobe) 60 5 64 O H This pin is used to latch the address output from the PD72107 externally.
6
PD72107
SDIP Pin Name Pin No. NC (No Connection) 9 Pin No. 1, 7, 11, 15, 20, 21, 29, 40, 41, 50, 51, 55, 61, 69, 80 IC (Internally Connected) UBE (Upper Byte Enable) 1 7 10 54 12 19 23 77 2 9 11 58 I/O 3-state L/H When bus master (output) The signal output from this pin changes according to the input value of the B/W pin. * Byte transfer mode (B/W = 0) UBE is always high impedance. * Word transfer mode (B/W = 1) Indicates that valid data is either in pins D0 to D7 or pins A16D8 to A23D15 (or both). UBE 0 0 1 1 A0 0 1 0 1 x x x x D0 to D7 A16D8 to A23D15 - - Do not connect anything to this pin. Pin No. 1 5 35 - QFP QFJ I/O Level - Use this pin open. Active Function
When bus slave (input) UBE pin becomes input, and indicates that valid data is either in pins D0 to D7 or pins A16D8 to A23D15. UBE 0 0 1 1 A0 0 1 0 1 x x x D0 to D7 A16D8 to A23D15 x
7
PD72107
SDIP Pin No. B/W (Byte/Word) 11 QFP Pin No. 24 QFJ Pin No. 12 I Active Level L/H Specifies the data bus that accesses the external memory when bus master. B/W = 0 B/W = 1 Byte units (8 bits) Word units (16 bits)
Pin Name
I/O
Function
After power-on, fix the status of the B/W pin. In the case of word access, the lower data bus is the contents data of even addresses. READY (Ready) 59 4 63 I H An input signal that is used to extend the MRD and MWR signal widths output by the PD72107 to adapt to low-speed memory. When the READY signal is low level, the MRD and MWR signals maintain active low. Do not change the READY signal at any time other than the specified setup/ hold time. HLDRQ (Hold Request) 57 2 61 O H A hold request signal to the external host processor. When a DMA operation is performed in the PD72107, this signal is activated to switch from bus slave to bus master. HLDAK (Hold Acknowledge) 58 3 62 I H A hold acknowledge signal from the external host processor. When the PD72107 detects that this signal is active, the bus slave switches to bus master, and a DMA operation is started. AEN (Address Enable) 61 6 65 O H When bus master, this signal enables the latched higher addresses and outputs them to system address bus. This signal is also used for disabling other system bus drivers. A0, A1 15, 16 30, 31 17, 18 I/O 3-state - Bidirectional 3-state address lines. When bus master (output) Indicate the lower 2-bit addresses of memory access. When bus slave (input) Input addresses when the external host processor I/O accesses the PD72107. A2 to A15 17 to 30 32 to 47 (except 40, 41) 19 to 32 O 3-state - When bus master Output bit 2 to bit 15 of memory access addresses. When bus slave Become high impedance.
8
PD72107
SDIP Pin Name A16D8 to A23D15 Pin No. 31 to 38 QFP Pin No. 48 to 58 QFJ Pin No. 33 to 41 I/O I/O Active Level - Function Bidirectional 3-state address/data buses. Multiplex pins of the higher 16 bits to 23 bits of addresses and the higher 8 bits to 15 bits of data. 42 to 49 I/O 3-state - Bidirectional 3-state data buses. When bus master When writing to external memory, these pins become input if reading at output. When bus slave Usually, these pins become high impedance. When the external host processor reads I/O of the PD72107, the internal register data is output. CRQ (Command Request) 62 8 66 I H A signal requesting command execution to the
(except 50, (except 35) 3-state 51, 55) D0 to D7 39 to 46 59 to 67 (except 61)
PD72107 by the external host processor. The PD72107 starts fetching commands from on the
external memory at the rising edge of this signal. An interrupt signal from the PD72107 to the external host processor. 56 79 60 I H A signal inactivating the INT signal being output by the PD72107. The PD72107 generates the CLRINT signal in the LSI internal circuit at the rising edge of this signal, and forcibly makes the INT output signal low.
INT (Interrupt) CLRINT (Clear Interrupt)
55
78
59
O
H
CTS (Clear To Send)
6
18
8
I
-
A general-purpose input pin. The PD72107 reports the "CTS pin change detection status" to the external host processor when the input level of this pin is changed in the generalpurpose input/output pin support (setting RSSL to 1 by the "system initialization command"). The
change of input level is recognized only when the same level is sampled twice in succession after sampling in 8-ms cycles and detecting the change. Moreover, when the external host processor issues a "general-purpose input/output pin read command" to the PD72107, the PD72107 reports the pin information of this pin to the external host processor by a "general-purpose input/output pin read response status". The change can be detected even in the clock input stop status of TxC and RxC.
9
PD72107
SDIP Pin Name RTS (Request To Send) Pin No. 64 QFP Pin No. 10 QFJ Pin No. 68 I/O O Active Level - Function A general-purpose output pin. The output value of this pin can be changed by issuing an "RTS pin write command" from the external host processor to the PD72107. Moreover, when the external host processor issues a "general-purpose input/output pin read command" to the PD72107, the PD72107 reports the pin information of this pin to the external host processor by a "general-purpose input/output pin read response status". CD (Carrier Detect) 63 9 67 I - A general-purpose input pin. The PD72107 reports the "CD pin change detection status" to the external host processor when the input level of this pin is changed in the generalpurpose input/output pin support (setting RSSL to 1 by the "system initialization command"). The
change of input level is recognized only when the same level is sampled twice in succession after sampling in 8-ms cycles and detecting the change. Moreover, when the external host processor issues a "general-purpose input/output pin read command" to the PD72107, the PD72107 reports the pin information of this pin to the external host processor by a "general-purpose input/output pin read response status". The change can be detected even in the clock input stop status of TxC and RxC. TxD (Transmit Data) TxC (Transmit Clock) 4 16 6 I/O 3-state - When CLK is set to 01 or 10 by "operation mode setting LCW" (output) Outputs a clock that divides by 16 the input signal of the RxC pin or CLK pin made by the PD72107. Caution TxC becomes input because CLK = 00 is the default after reset. It becomes output after setting CLK to 01 or 10 by "operation mode setting LCW". When CLK is set to 00 by "operation mode setting LCW" (input) Inputs transmit clock externally. 5 17 7 O - A serial transmit data output pin.
Remark LCW: abbreviation for Link Command Word
10
PD72107
SDIP Pin Name Pin No. RxD (Receive Data) RxC (Receive Clock) 2 13 3 I - When CLK is set to 01 or 10 by "operation mode setting LCW" Sixteen times the clock input of the transmit/receive clock for the on-chip DPLL of the PD72107 When CLK is set to 00 by "operation mode setting LCW" One time the clock input of the receive clock 3 Pin No. 14 Pin No. 4 I QFP QFJ I/O Level - A serial receive data input pin. Active Function
Remark LCW: abbreviation for Link Command Word
1.2 Pin Status after Reset of PD72107
The status of the output pins and input/output pins after reset in the PD72107 is as shown in Table 1-1. Table 1-1. Pin Status after Reset
Pin Number Pin Name 64-pin SDIP 4 5 15, 16 17 to 30 80-pin QFP 16 17 30, 31 32 to 47 (except 40, 41) 48 to 58 (except 50, 51, 55) 59 to 67 (except 61) 75 76 77 78 2 5 6 10 68-pin QFJ 6 7 17, 18 19 to 32 TxC TxD A0, A1 A2 to A15 I/O Note O I/O Note O Note High impedance H High impedance High impedance I/O
During Reset
31 to 38
33 to 41 (except 35) 42 to 49
A16D8 to A23D15
I/O Note
High impedance
39 to 46
D0 to D7
I/O Note
High impedance
52 53 54 55 57 60 61 64
56 57 58 59 61 64 65 68
MRD MWR UBE INT HLDRQ ASTB AEN RTS
O Note O Note I/O Note O O O O O
High impedance High impedance High impedance L L L L H
Note 3-state Remarks 1. The status after reset is released is the same as the status during reset. 2. Input low level to the RESET pin for more than 7 clocks of the system clock.
11
PD72107
2. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25C)
Parameter Power supply voltage Input voltage Output voltage Operating ambient temperature Storage temperature Symbol VDD VI VO TA Tstg Conditions Ratings -0.5 to +7.0 -0.5 to VDD + 0.3 -0.5 to VDD + 0.3 -40 to +85 -40 to +125 Unit V V V C C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical damage, and therefore the product must be used under conditions that ensure that the absolute maximum ratings are not exceeded. DC Characteristics (TA = -40 to +85C, VDD = 5 V 10%)
Parameter Input voltage, low Symbol VILC VIL Input voltage, high VIHC VIH Output voltage, low Output voltage, high Power supply current Input leakage current Output leakage current VOL VOH IDD ILI ILO CLK pin Other pins CLK and PU pins Other pins IOL = 2.5 mA IOH = -400 A At operation 0 V VIN VDD 0 V VOUT VDD 0.7 x VDD 20 50 10 10 Conditions MIN. -0.5 -0.5 +3.3 +2.2 TYP. MAX. +0.8 +0.8 VDD + 0.3 VDD + 0.3 0.4 Unit V V V V V V mA
A A
Capacitance (TA = +25C, VDD = 0 V)
Parameter Input capacitance Output capacitance I/O capacitance Symbol CI CO CIO fC = 1 MHz Unmeasured pins returned to 0 V Conditions MIN. - - - TYP. 8 8 8 MAX. 15 15 20 Unit pF pF pF
12
PD72107
AC Characteristics (TA = -40 to +85C, VDD = 5 V 10%) When bus master (1)
Parameter CLK cycle time CLK low-level time CLK high-level time CLK rise time CLK fall time Symbol tCYK tKKL tKKH tKR tKF 1.5 - 3.0 V 3.0 - 1.5 V Conditions MIN. 121 50 50 10 10 MAX. 1000 Unit ns ns ns ns ns
Load condition
DUT
CL = 50 pF
CL includes jig capacitance.
Caution If the load capacitance exceeds 50 pF due to the configuration of the circuit, keep the load capacitance of this device to within 50 pF by inserting a buffer or by some other means. Remark DUT: device under test AC test input/output waveform (except clock)
2.4 V 2.2 V Test points 0.8 V 0.4 V 0.8 V 2.2 V
System clock
tKF tKKL 3.0 V CLK 1.5 V tCYK tKKH tKR
13
PD72107
When bus master (2)
Parameter HLDRQ delay time (vs. CLK ) HLDRQ delay time (vs. CLK ) HLDAK setup time (vs. CLK ) HLDAK hold time (vs. CLK ) AEN delay time (vs. CLK ) AEN delay time (vs. CLK ) ASTB delay time (vs. CLK ) ASTB high-level width ASTB delay time (vs. CLK ) ADR/UBE/MRD/MWR delay time (vs. CLK ) ADR/UBE/MRD/MWR float time (vs. CLK ) ADR setup time (vs. ASTB ) ADR hold time (vs. ASTB ) MRD delay time (vs. ADR float) MRD delay time (vs. CLK ) MRD low-level width MRD delay time (vs. CLK ) Data setup time (vs. MRD ) Data hold time (vs. MRD ) MWR delay time (vs. CLK ) MWR low-level width MWR delay time (vs. CLK ) READY setup time (vs. CLK ) READY hold time (vs. CLK ) Symbol tDHQH tDHQL tSHA tHHA tDAEH tDAEL tDSTH tSTSTH tDSTL tDA tKKH-15 100 100 35 20 100 100 70 Conditions MIN. MAX. 100 100 Unit ns ns ns ns ns ns ns ns ns ns
tFA
70
ns
tSAST tHSTA tDAR tDRL tRRL2 tDRH tSDR tHRD tDWL tWWL2 tDWH tSRY tHRY
tKKH-35 tKKL-20 0 70 2tCYK-50 70 100 0 70 2tCYK-50 70 35 20
ns ns ns ns ns ns ns ns ns ns ns ns ns
14
When bus master
CLK tDHQH HLDRQ tSHA tHHA tHHA tDHQL
HLDAK tDAEH AEN tDSTH ASTB tSTSTH A16D8-A23D15 Hi-Z Address tSAST A0, A1/A2-A15 UBE Hi-Z tHSTA Address tWWL2 MWR Hi-Z tDWL tHRY tHRY tDWH Hi-Z Hi-Z tDA Output data Hi-Z tDSTL tDAEL
READY tFA A16D8-A23D15 Hi-Z tSRY Address tDA Hi-Z MRD tRRL2 tDRL tDAR tSRY Input data tSDR tDRH tHRD tFA Hi-Z Hi-Z
PD72107
15
PD72107
When bus slave (1)
Parameter IOWR low-level width CS low-level hold time (vs. IOWR ) ADR/UBE/CS low-level setup time (vs. IOWR ) ADR/UBE hold time (vs. IOWR ) Data setup time (vs. IOWR ) Data hold time (vs. IOWR ) IORD low-level width ADR/CS low-level setup time (vs. IORD ) ADR/CS low-level hold time (vs. IORD ) Data delay time (vs. IORD ) Data float time (vs. IORD ) RESET low-level width VDD setup time (vs. RESET ) RESET -1st * IOWR/IORD IOWR/IORD recovery time Symbol tWWL tHWCS Conditions MIN. 100 0 MAX. Unit ns ns
tSAW
0
ns
tHWA tSDW tHWD tRRL tSAR
0 100 0 150 35
ns ns ns ns ns
tHRA
0
ns
tDRD tFRD tRSTL tSVDD tSYWR tRVWR 10 7tCYK 1000 2tCYK 200
120 100
ns ns ns ns ns ns
16
PD72107
When bus slave
CS tSAW IOWR tHWA A0-A23 UBE tSDW tHWD
tWWL
tHWCS
D0-D15
CS
A0-A23 tSAR tRRL IORD tDRD Hi-Z tFRD Hi-Z tHRA
D0-D15
VDD
tSVDD tRSTL
RESET tSYWR
IORD/IOWR
tRVWR
IORD tRVWR tRVWR
IOWR tRVWR
17
PD72107
When bus slave (2)
Parameter IOWR/IORD high-level setup time (vs. HLDAK ) IOWR/IORD high-level hold time (vs. AEN ) Symbol tSWR Conditions MIN. -20 MAX. Unit ns
tHWR
100
ns
HLDAK tSWR
IOWR/IORD
AEN tHWR
IOWR/IORD
When bus slave (3)
Parameter CLRINT high-level width INT delay time (vs. CLK ) INT delay time (vs. CLRINT ) CRQ high-level width Symbol tCLCLH tDIH tDIL tCRCRH 100 Conditions MIN. 100 100 100 MAX. Unit ns ns ns ns
CLK
CLRINT tCLCLH
INT tDIH CRQ tCRCRH tDIL
18
PD72107
Serial block (1)
Parameter TxC/RxC cycle time TxC/RxC low-level time TxC/RxC high-level time TxC/RxC rise time TxC/RxC fall time TxD delay time (vs. TxC ) RxD setup time (vs. RxC ) RxD hold time (vs. RxC ) Symbol tCYS tSSL tSSH tSR tSF tDTXD tSRXD tHRXD 50 70 Conditions When on-chip DPLL is not used MIN. 250 110 110 20 12 100 MAX. DC Unit ns ns ns ns ns ns ns ns
Serial clock (when on-chip DPLL is not used)
tSF
tSSL
tSR 2.2 V
TxC/RxC 0.8 V tCYS tSSH
TxC (input) tDTXD TxD tDTXD
RxC tSRXD tHRXD
RxD
19
PD72107
Serial block (2)
Parameter RxC cycle time Symbol tCYR Conditions When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used (source clock = RxC) When on-chip DPLL is used (source clock = CLK) When on-chip DPLL is used 500 2000 0.5tCYD-25 0.5tCYD-25 50 0.5tCYD-25 MIN. 30.3 125 10 50 10 50 5 10 5 10 MAX. Unit ns 1000 ns
RxC low-level time
tSSRL
RxC high-level time
tSSRH
ns
RxC rise time
tSRR
ns
RxC fall time
tSRF
ns
Transmit/receive data cycle
tCYD
ns 16000 ns ns ns ns
TxC low-level time TxC high-level time TxD delay time (vs. TxC ) TxD hold time (vs. TxC )
tTCTCL tTCTCH tDTCTD tHTCTD
Serial clock (when on-chip DPLL is used)
tCYR tSSRL tSRF RxC tSSRH tSRR
TxC tTCTCL tDTCTD tTCTCH tHTCTD
TxD tCYD
20
PD72107
Serial block (3)
Parameter RTS delay time (vs. CLK ) RTS delay time (vs. CLK ) CD setup time (vs. CLK ) CD hold time (vs. CLK ) CTS setup time (vs. CLK ) CTS hold time (vs. CLK ) Symbol tDRTH tDRTL tSCD tHCD tSCT tHCT 35 20 35 20 Conditions MIN. MAX. 100 100 Unit ns ns ns ns ns ns
CLK
RTS tDRTL tHCD CD tSCD tHCT CTS tDRTH
tSCT
21
PD72107
3. APPLICATION CIRCUIT EXAMPLE
(1) Connection with SIFC (PD98201)
PD72107
PD98201
TxD RxD LAP-B TxC RxC
BINA BOUT1 SIFC BCLK
22
4. SYSTEM CONFIGURATION EXAMPLES
PD72107 System Configuration Example (Local Memory Type)
Local memory 64 Kbytes Host processor MEMR MEMW IOR IOW RD WR CS UBE A0-A15 D0-D15
PD72107
MRD MWR IORD IOWR CS
A B PD71086 OE Decoder
AB0-AB7 AB8-AB15
A B PD71086 OE
A0-A15
A0-A15
D0-D7 AB16-AB19 BHE A B PD71086 OE
A16D8-A23D15 UBE
DB0-DB15
A B PD71086 OE
D0-D15 AEN
INT Local bus request WAIT
INT Access contention resolution circuit HLDRQ
PD72107
HLDAK
23
24
PD72107 System Configuration Example (Main Memory Sharing Type)
Host processor INTP CS A0
PD72107
INT
PD70116
INT INTAK RD WR HLDRQ HLDAK ASTB INT INTAK
PD71059
RD WR D0-D7
IORD IOWR CS MRD MWR HLDRQ HLDAK AEN ASTB Decoder D0-D7 OE STB PD71082
A16-A19
STB OE A16-A19
A16D8-A23D15
AD8-AD15
PD71082x3
A0-A15 AD0-AD7 UBE BUF R/W BUFEN D8-D15 UBE A0-A15
PD71086x2
T OE
D0-D7
RD WR
CS UBE D0-D7 D8-D15 Memory
PD72107
PD72107
5. PACKAGE DRAWINGS
64 PIN PLASTIC SHRINK DIP (750 mil)
64 33
1 A
32
K J I L
H G
NOTES
F D
C N
M
B
M
R
ITEM
MILLIMETERS 58.0 +0.68 -0.20 1.78 MAX. 1.778 (T.P.) 0.500.10 0.9 MIN. 3.20.3 0.51 MIN. 4.05 +0.26 -0.20 5.08 MAX. 19.05 (T.P.) 17.00.2 0.25 +0.10 -0.05 0.17 0 to 15
INCHES 2.283 +0.028 -0.008 0.070 MAX. 0.070 (T.P.) 0.020 +0.004 -0.005 0.035 MIN. 0.1260.012 0.020 MIN. 0.159 +0.011 -0.008 0.200 MAX. 0.750 (T.P.) 0.669 +0.009 -0.008 0.010 +0.004 -0.003 0.007 0 to 15 P64C-70-750A,C-3
1. Controlling dimension
millimeter.
A B C D F G H I J K L M N R
2. Each lead centerline is located within 0.17 mm (0.007 inch) of its true position (T.P.) at maximum material condition. 3. Item "K" to center of leads when formed parallel.
25
PD72107
80 PIN PLASTIC QFP (14x14)
A B
60 61
41 40
detail of lead end
CD
S Q R
80 1
21 20
F G H P I
M
J K M N L
NOTE Each lead centerline is located within 0.13 mm (0.005 inch) of its true position (T.P.) at maximum material condition.
ITEM A B C D F G H I J K L M N P Q R S
MILLIMETERS 17.20.4 14.00.2 14.00.2 17.20.4 0.825 0.825 0.300.10 0.13 0.65 (T.P.) 1.60.2 0.80.2 0.15 +0.10 -0.05 0.10 2.70.1 0.10.1 55 3.0 MAX.
INCHES 0.6770.016 0.551 +0.009 -0.008 0.551 +0.009 -0.008 0.6770.016 0.032 0.032 0.012 +0.004 -0.005 0.005 0.026 (T.P.) 0.0630.008 0.031 +0.009 -0.008 0.006 +0.004 -0.003 0.004 0.106 +0.005 -0.004 0.0040.004 55 0.119 MAX. S80GC-65-3B9-5
26
PD72107
68 PIN PLASTIC QFJ (950 x 950 mil)
A B
68 1
CD
G
H
J
F
E U K M N P
M
S Q S T
ITEM A B C D
MILLIMETERS 25.20.2 24.200.1 24.200.1 25.20.2 1.940.15 0.6 4.40.2 2.80.2 0.9 MIN. 3.40.1 1.27 (T.P.) 0.420.08 0.12 23.120.2 0.15 R 0.8 0.22 +0.08 -0.07
INCHES 0.9920.008 0.953 +0.004 -0.005 0.953 +0.004 -0.005 0.9920.008 0.076 +0.007 -0.006 0.024 0.173 +0.009 -0.008 0.110 +0.009 -0.008 0.035 MIN. 0.134 +0.004 -0.005 0.050 (T.P.) 0.017 +0.003 -0.004 0.005 0.910 +0.009 -0.008 0.006 R 0.031 0.009 +0.003 -0.004 P68L-50A1-3
I
NOTES 1. Controlling dimension millimeter.
E F
2. Each lead centerline is located within 0.12 mm of its true position (T.P.) at maximum material condition.
G H I J K M N P Q T U
27
PD72107
6. RECOMMENDED SOLDERING CONDITIONS
The PD72107 should be soldered and mounted under the following recommended conditions. For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology Manual (C10535E). For soldering methods and conditions other than those recommended below, contact your NEC sales representative. Surface mounting type * PD72107GC-3B9: 80-pin plastic QFP (14 x 14 mm)
Soldering Method Infrared reflow Soldering Conditions Package peak temperature: 235C, Time: 30 sec. Max. (at 210C or higher), Count: three times or less Package peak temperature: 215C, Time: 40 sec. Max. (at 200C or higher), Count: three times or less Solder bath temperature: 260C, Time: 10 sec. Max., Count: one time, Preheating temperature: 120C Max. (package surface temperature) Pin temperature: 300C Max., Duration: 3 sec. Max. (per pin row) Recommended Condition Symbol IR35-00-3
VPS
VP15-00-3
Wave soldering
WS60-00-1
Partial heating
-
Caution Do not use different soldering methods together (except for partial heating). * PD72107L: 68-pin plastic QFJ (950 x 950 mils)
Soldering Method VPS Soldering Conditions Package peak temperature: 215C, Time: 40 sec. Max. (at 200C or higher), Count: one time Pin temperature: 300C Max., Duration: 3 sec. Max. (per pin row) Recommended Condition Symbol VP15-00-1
Partial heating
-
Insertion type * PD72107CW: 64-pin plastic shrink DIP (750 mils)
Soldering Method Wave soldering (pin only) Partial heating Soldering Conditions Solder bath temperature: 260C Max., Time: 10 sec. Max. Pin temperature: 300C Max., Duration: 3 sec. Max. (per a pin)
Caution Wave soldering must be applied only to pins. Be sure to avoid jet soldering the package body.
28
PD72107
[MEMO]
29
PD72107
[MEMO]
30
PD72107
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it.
2 HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS device behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices.
3 STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
31
PD72107
The export of this product from Japan is prohibited without governmental license. To export or re-export this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
2


▲Up To Search▲   

 
Price & Availability of UPD72107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X