Part Number Hot Search : 
2SB858 EPR1201 C0959A AOZ8102 IRS2302S DD90F160 TFS1575G 426205
Product Description
Full Text Search
 

To Download UPC8163TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
PC8163TB
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
DESCRIPTION
The PC8163TB is a silicon monolithic integrated circuit designed as frequency up-converter for cellular telephone transmitter stage. The PC8163TB has improved intermodulation performance and smaller package. The PC8163TB is manufactured using NEC's 20 GHz fT NESATTMlll silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
* * * * * Recommended operating frequency Supply voltage High-density surface mounting Higher IP3 Minimized carrier leakage : fRFout = 0.8 GHz to 2.0 GHz, fIFin = 50 MHz to 300 MHz : VCC = 2.7 to 3.3 V : 6-pin super minimold package : OIP3 = +9.5 dBm @ fRFout = 830 MHz : Due to double balanced mixer
APPLICATIONS
* Digital cellular phones
ORDERING INFORMATION
Part Number Package Supplying Form Embossed tape 8 mm wide. Pin 1, 2, 3 face to tape perforation side. Qty 3 kp/reel
PC8163TB-E3
6-pin super minimold
Remark
To order evaluation samples, please contact your local NEC sales office. (Part number for sample order: PC8163TB)
Caution
Electro-static sensitive device
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. P13636EJ2V0DS00 (2nd edition) Date Published June 1999 N CP(K) Printed in Japan
The mark
shows major revised points.
(c)
1998, 1999
PC8163TB
PIN CONNECTIONS
(Top View) 3 (Bottom View) 4 4 3
Pin No. 1 2 3 4
Pin Name IFinput GND LOinput GND VCC RFoutput
2
C2Y
5
5
2
1
6
6
1
5 6
SERIES PRODUCTS (TA = +25C, VCC = VRFout = 3.0 V, ZL = ZS = 50 )
Type Part No. VCC (V) 2.7 to 5.5 2.7 to 5.5 2.7 to 3.3 ICC (mA) 9 CG1 (dB) 9 CG2 (dB) 7 PO(sat) 1 (dBm) -2 PO(sat) 2 (dBm) -4 OIP31 (dBm) +5.5 OIP32 (dBm) +2.0
High IP3
PC8106TB PC8109TB PC8163TB
Low Power Consumption
5
6
4
-5.5
-7.5
+1.5
-1.0
Higher IP3
16.5
9
5.5
0.5
-2
+9.5
+6.0
Caution
The above table lists the typical performance of each model. See ELECTRICAL CHARACTERISTICS for the test conditions.
BLOCK DIAGRAM (FOR THE PC8163TB)
(Top View)
LOinput
GND
GND
VCC
IFinput
RFoutput
2
Data Sheet P13636EJ2V0DS00
PC8163TB
SYSTEM APPLICATION EXAMPLES (SCHEMATICS OF IC LOCATION IN THE SYSTEM)
RX
DEMO.
I Q
VCO SW
/N
PLL PLL
I 0 TX PA Phase shifter 90
PC8163TB
Q
Data Sheet P13636EJ2V0DS00
3
PC8163TB
PIN EXPLANATION
Applied Voltage V Pin Voltage V
Note
Pin No. 1
Pin Name IFinput
Function and Explanation
Equivalent Circuit
1.2
This pin is IF input to double balanced mixer (DBM). The input is designed as high impedance. The circuit contributes to suppress spurious signal. Also this symmetrical circuit can keep specified performance insensitive to process-condition distribution. For above reason, double balanced mixer is adopted. GND pin. Ground pattern on the board should be formed as wide as possible. Track Length should be kept as short as possible to minimize ground impedance. Local input pin. Recommendable input level is -10 to 0 dBm. Supply voltage pin. This pin is RF output from DBM. This pin is designed as open collector. Due to the high impedance output, this pin should be externally equipped with LC matching circuit to next stage.
3
5 6
2 4
GND
0
1
3
LOinput
2.1
5 6
VCC RFoutput
2.7 to 3.3 Same bias as VCC through external inductor
2
Note Each pin voltage is measured with VCC = VRFout = 3.0 V.
4
Data Sheet P13636EJ2V0DS00
PC8163TB
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Power Dissipation of Package Symbol VCC PD Test Conditions TA = +25C, Pin 5 and 6 Mounted on double-sided copperclad 50 x 50 x 1.6 mm epoxy glass PWB TA = +85C Rating 3.6 200 Unit V mW
Operating Ambient Temperature Storage Temperature Maximum Input Power
TA Tstg Pin
-40 to +85 -55 to +150 +10
C C dBm
RECOMMENDED OPERATING CONDITIONS
Parameter Supply Voltage Symbol VCC Test Conditions The same voltage should be applied to pin 5 and 6 MIN. 2.7 -40 Zs = 50 (without matching) With external matching circuit -10 0.8 50 TYP. 3.0 MAX. 3.3 Unit V
Operating Ambient Temperature Local Input Level RF Output Frequency IF Input Frequency
TA PLOin fRFout fIFin
+25 -5 - -
+85 0 2.0 300
C dBm GHz MHz
ELECTRICAL CHARACTERISTICS (TA = +25C, VCC = VRFout = 3.0 V, fIFin = 150 MHz, PLOin = -5 dBm)
Parameter Circuit Current Conversion Gain 1 Conversion Gain 2 Maximum RF Output Power 1 Maximum RF Output Power 2 Symbol ICC CG1 CG2 PO(sat) 1 PO(sat) 2 No Signal fRFout = 830 MHz, PIFin = -20 dBm fRFout = 1.9 GHz, PIFin = -20 dBm fRFout = 830 MHz, PIFin = 0 dBm fRFout = 1.9 GHz, PIFin = 0 dBm Conditions MIN. 11.5 6 2.5 -1.5 -4.5 TYP. 16.5 9 5.5 0.5 -2 MAX. 23 12 8.5 - - Unit mA dB dB dBm dBm
OTHER CHARACTERISTICS, FOR REFERENCE PURPOSES ONLY (TA = +25C, VCC = VRFout = 3.0 V, PLOin = -5 dBm)
Parameter Input Third Order Distortion Intercept Point Output Third-Order Distortion Intercept Point SSB Noise Figure Symbol IIP3 1 IIP3 2 OIP3 1 OIP3 2 SSB NF fIFin1 = 150.0 MHz fIFin2 = 150.4 MHz fIFin1 = 150.0 MHz fIFin2 = 150.4 MHz Conditions fRFout = 830 MHz fRFout = 1.9 GHz fRFout = 830 MHz fRFout = 1.9 GHz Data 0.5 0.5 +9.5 +6.0 12.5 dB dBm Unit dBm
fRFout = 830 MHz, fIFin = 150 MHz
Data Sheet P13636EJ2V0DS00
5
PC8163TB
TEST CIRCUIT 1 (fRFout = 830 MHz)
RF = 830 MHz matched Spectrum Analyzer 50 1 000 pF 1 pF 10 nH 10 000 pF VCC 1 000 pF PLoin = -5 dBm 6 5 4 RFoutput VCC GND IFinput GND LOinput 1 2 Signal Generator 3 100 pF 50 100 pF Signal Generator 50
ILLUSTRATION OF TEST CIRCUIT 1 ASSEMBLED ON EVALUATION BOARD
RFOUT 1 000 pF
1 pF
IFIN 100 pF
1 000 pF 10 nH nH 10
1
100 pF
PC8163TB
LOIN
10 000 pF
EVALUATION BOARD CHARACTERS (1) 35 m thick double-sided copper clad 35 x 42 x 0.4 mm polyimide board (2) Back side: GND pattern (3) Solder plated patterns (4)
{{:
Through holes
ATTENTION Test circuit or print pattern in this sheet is for testing IC characteristics. In the case of actual system application, external circuits including print pattern and matching circuit constant of output port should be designed in accordance with IC's S parameters and environmental components.
6
Data Sheet P13636EJ2V0DS00
PC8163TB
TEST CIRCUIT 2 (fRFout = 1.9 GHz)
RF = 1.9 GHz matched Spectrum Analyzer 50 1 000 pF Strip Line 2.5 pF 10 000 pF VCC 1 000 pF PLoin = -5 dBm 100 nH 6 5 4 RFoutput VCC GND IFinput GND LOinput 1 2 Signal Generator 3 100 pF 50 100 pF Signal Generator 50
ILLUSTRATION OF TEST CIRCUIT 2 ASSEMBLED ON EVALUATION BOARD
2 pF RFOUT 1 000 pF 0.5 pF IFIN 100 pFpF 100
1 000 pF
100 nH
1
100 pFpF 100
PC8163TB
LOIN
10 000 pF
EVALUATION BOARD CHARACTERS (1) 35 m thick double-sided copper clad 35 x 42 x 0.4 mm polyimide board (2) Back side: GND pattern (3) Solder plated patterns (4)
{{:
Through holes
Data Sheet P13636EJ2V0DS00
7
PC8163TB
TYPICAL CHARACTERISTICS (TA = +25C, unless otherwise specified VCC = VRFout)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE 25 30 no signals 25 no signals CIRCUIT CURRENT vs. OPERATING AMBIENT TEMPERATURE
Circuit Current ICC (mA)
Circuit Current ICC (mA)
0 1 2 3 Supply Voltage VCC (V) 4
1; 53.422 -14.973 12.807 pF 830.000 000 MHz
20
20
15
15
10
10
5
5
0
0 -60 -40 -20 0 20 40 60 80 100 Operating Ambient Temperature TA (C)
S-PARAMETER FOR MATCHED RF OUTPUT (VCC = VRFout = 3.0 V) - with TEST CIRCUITS 1 and 2 - (monitored at RF connector on board) * RF output matched at 830 MHz
CH1 S11 1 U FS [hp] PRm Cor Del MARKER1 830 MHz Hld 1
* RF output matched at 1.9 GHz
CH1 S11 1 U FS [hp] PRm Cor Del Smo Hld 2 2; 53.846 -3.7441 22.373 pF 1 900.000 000 MHz
MARKER2 1.9 GHz
START 100.000 000 MHz
STOP 3 000.000 000 MHz
START 100.000 000 MHz
STOP 3 000.000 000 MHz
CH1 S11 log MAG [hp] PRm Cor Del Hld MARKER1 830 MHz
10 dB/ REF 0 dB 1;-17.331 dB 830.000 000 MHz
CH1 S11 log MAG [hp] PRm Cor Del Smo Hld MARKER2 1.9 GHz
10 dB/ REF 0 dB
2;-24.741 dB 1;-.5113 dB 830 MHz
1 900.000 000 MHz
1
1 2
START 100.000 000 MHz
STOP 3 000.000 000 MHz
START 100.000 000 MHz
STOP 3 000.000 000 MHz
8
Data Sheet P13636EJ2V0DS00
PC8163TB
S-PARAMETERS FOR EACH PORT (VCC = VRFout = 3.0 V) LO port
S11 Z REF 1.0 Units 1 200.0 mUnits/ 22.676 -77.055 hp C D MARKER 1 1.0 GHz MARKER 2 1.75 GHz C D
RF port (no matching)
S22 Z REF 1.0 Units 1 200.0 mUnits/ 41.813 -196.16 hp MARKER 1 850.0 MHz MARKER 2 1.9 GHz
1 1 2 2
START STOP
0.100000000 GHz 3.000000000 GHz
START STOP
0.100000000 GHz 3.000000000 GHz
IF port
S11 Z REF 1.0 Units 1 200.0 mUnits/ 463.8 -496.48 hp C D MARKER 1 150.0 GHz
1
START STOP
0.050000000 GHz 1.000000000 GHz
Data Sheet P13636EJ2V0DS00
9
PC8163TB
CONVERSION GAIN vs. LO INPUT LEVEL 12 11 10 Conversion Gain CG (dB) Conversion Gain CG (dB) 9 8 7 6 5 4 3 2 1 0 -1 -20 -15 -10 -5 0 fRFout = 830 MHz fIFin = 150 MHz PIFin = -20 dBm 5 10 15 VCC = 2.7 V VCC = 3.0 V VCC = 3.3 V CONVERSION GAIN vs. LO INPUT LEVEL 10 8 6 VCC = 3.0 V 4 2 0 -2 -4 -6 -20 -15 -10 fRFout = 1.9 GHz fIFin = 150 MHz PIFin = -20 dBm -5 0 5 10 15 VCC = 2.7 V VCC = 3.3 V
LO Input Level PLOin (dBm)
LO Input Level PLOin (dBm)
CONVERSION GAIN vs. LO INPUT LEVEL 12 11 10 Conversion Gain CG (dB) Conversion Gain CG (dB) 9 8 7 6 5 4 3 2 1 0 -1 -20 -15 -10 -5 fRFout = 830 MHz fIFin = 150 MHz PIFin = -20 dBm VCC = 3.0 V 0 5 10 15 TA = +85 C TA = +25 C TA = -40 C
CONVERSION GAIN vs. LO INPUT LEVEL 10 8 6 4 2 0 -2 -4 -6 -20 -15 -10 -5 0 TA = +25 C TA = +85 C TA = -40 C
fRFout = 1.9 GHz fIFin = 150 MHz PIFin = -20 dBm VCC = 3.0 V 5 10 15
LO Input Level PLOin (dBm)
LO Input Level PLOin (dBm)
10
Data Sheet P13636EJ2V0DS00
PC8163TB
CONVERSION GAIN vs. IF INPUT FREQUENCY 12 10 8 VCC = 2.7 V 6 4 2 0 fRFout = 830 MHz PIFin = -20 dBm PLOin = -5 dBm 0 50 100 150 200 250 300 VCC = 3.3 V VCC = 3.0 V
Conversion Gain CG (dB)
CONVERSION GAIN vs. IF INPUT FREQUENCY 12 10 8 VCC = 2.7 to 3.3 V 6 4 2 0 fRFout = 1.9 GHz PIFin = -20 dBm PLOin = -5 dBm 0 50 100 150 200 250 300
Conversion Gain CG (dB)
IF Input Frequency fIFin (MHz)
IF Input Frequency fIFin (MHz)
CONVERSION GAIN vs. IF INPUT FREQUENCY 12 10 8 6 4 2 0 fRFout = 830 MHz PIFin = -20 dBm PLOin = -5 dBm VCC = 3.0 V 0 50 100 150 200 250 300 TA = -40 C
Conversion Gain CG (dB)
CONVERSION GAIN vs. IF INPUT FREQUENCY 12 10 8 6 4 2 0 TA = +85 C fRFout = 1.9 GHz PIFin = -20 dBm PLOin = -5 dBm VCC = 3.0 V 0 50 100 150 200 250 300
Conversion Gain CG (dB)
TA = +25 C
TA = +85 C
TA = -40 C
TA = +25 C
IF Input Frequency fIFin (MHz)
IF Input Frequency fIFin (MHz)
Data Sheet P13636EJ2V0DS00
11
PC8163TB
RF OUTPUT LEVEL vs. IF INPUT LEVEL 5 0 VCC = 3.3 V 5 VCC = 3.3 V 0 VCC = 3.0 V VCC = 2.7 V RF OUTPUT LEVEL vs. IF INPUT LEVEL
RF Output Level PRFout (dBm)
-5 -10 -15 -20 -25
RF Output Level PRFout (dBm)
-5 -10 -15 -20 -25
VCC = 3.0 V
VCC = 2.7 V
fRFout = 830 MHz fLOin = 980 MHz PLOin = -5 dBm 0 5 10 15
fRFout = 1.9 GHz fLOin = 1.75 GHz PLOin = -5 dBm 0 5 10 15
-30 -30 -25 -20 -15 -10 -5
-30 -30 -25 -20 -15 -10 -5
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
RF OUTPUT LEVEL vs. IF INPUT LEVEL 5 0 TA = -40 C 5
RF OUTPUT LEVEL vs. IF INPUT LEVEL TA = -40 C 0
RF Output Level PRFout (dBm)
-5 -10 -15 -20 -25
TA = +25 C TA = +85 C
RF Output Level PRFout (dBm)
-5 -10 -15 -20 -25
TA = +85 C TA = +85 C
fRFout = 830 MHz fLOin = 980 MHz PLOin = -5 dBm VCC = 3.0 V 0 5 10 15
-30 -30 -25 -20 -15 -10 -5
fRFout = 1.9 GHz fLOin = 1.75 GHz PLOin = -5 dBm VCC = 3.0 V 0 5 10 15
-30 -30 -25 -20 -15 -10 -5
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm) RF OUTPUT LEVEL OF EACH TONE AND IM3 vs. IF INPUT LEVEL
RF OUTPUT LEVEL OF EACH TONE AND IM3 vs. IF INPUT LEVEL
RF Output Level of Each Tone PRFout (dBm) Third Order Intermodulation Distortion IM3 (dBm)
VCC = 3.3 V 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -30 -20 IM3 fRFout = 830 MHz fIFin1 = 150 MHz fIFin2 = 150.4 MHz fLOin = 980 MHz PLOin = -5 dBm -10 0 10 PRFout VCC = 3.3 V VCC = 3.0 V VCC = 2.7 V VCC = 3.0 V VCC = 2.7 V
RF Output Level of Each Tone PRFout (dBm) Third Order Intermodulation Distortion IM3 (dBm)
10
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -30 -20 IM3 fRFout = 1.9 GHz fIFin1 = 150 MHz fIFin2 = 150.4 MHz fLOin = 1.75 GHz PLOin = -5 dBm -10 0 10 VCC = 2.7 V VCC = 3.0 V VCC = 3.3 V PRFout VCC = 3.3 V VCC = 3.0 V VCC = 2.7 V
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
12
Data Sheet P13636EJ2V0DS00
PC8163TB
LO LEAKAGE AT IF PIN vs. LO INPUT FREQUENCY LO LEAKAGE AT IF PIN vs. LO INPUT FREQUENCY
LO Leakage at IF Pin LOif (dBm)
LO Leakage at IF Pin LOif (dBm)
0 fRFout = 830 MHz PLOin = -5 dBm -10 -20 VCC = 2.7 V -30 -40 -50 VCC = 3.0 V VCC = 3.3 V
0 fRFout = 1.9 GHz PLOin = -5 dBm -10 -20 VCC = 2.7 V -30 -40 -50 VCC = 3.0 V VCC = 3.3 V
600
800
1000
1200
1600
1800
2000
2200
LO Input Frequency fLOin (MHz)
LO Input Frequency fLOin (MHz)
LO LEAKAGE AT RF PIN vs. LO INPUT FREQUENCY
LO LEAKGE AT RF PIN vs. LO INPUT FREQUENCY
LO Leakage at RF Pin LOrf (dBm)
LO Leakage at RF Pin LOrf (dBm)
0 -10 -20 -30 -40 -50 VCC = 2.7 V VCC = 3.0 V VCC = 3.3 V fRFout = 830 MHz PLOin = -5 dBm
0 fRFout = 1.9 GHz PLOin = -5 dBm -10 VCC = 2.7 V -20 -30 -40 -50 VCC = 3.0 V VCC = 3.3 V
600
800
1000
1200
1600
1800
2000
2200
LO Input Frequency fLOin (MHz)
LO Input Frequency fLOin (MHz)
Data Sheet P13636EJ2V0DS00
13
PC8163TB
PACKAGE DIMENSIONS
6 pin super minimold (Unit: mm)
0.2 +0.1 -0
0.1 MIN.
0.15 +0.1 -0
1.250.1
2.10.1
0 to 0.1
0.65 1.3
0.65
0.7 0.90.1
2.00.2
14
Data Sheet P13636EJ2V0DS00
PC8163TB
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electrostatic sensitive devices. (2) Form a ground pattern as wide as possible to keep the minimum ground impedance (to prevent undesired oscillation). (3) Keep the track length of the ground pins as short as possible. (4) Connect a bypass capacitor (example: 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions. For soldering methods and conditions other than those recommended below, contact your NEC sales representative.
Soldering Method Infrared Reflow Soldering Conditions Package peak temperature: 235 C or below Time: 30 seconds or less (at 210 C) Note Count: 3, Exposure limit: None Package peak temperature: 215 C or below Time: 40 seconds or less (at 200 C) Note Count: 3, Exposure limit: None Soldering bath temperature: 260 C or below Time: 10 seconds or less Note Count: 1, Exposure limit: None Pin temperature: 300 C Time: 3 seconds or less (per side of device) Note Exposure limit: None Recommended Condition Symbol IR35-00-3
VPS
VP15-00-3
Wave Soldering
WS60-00-1
Partial Heating
-
Note After opening the dry pack, keep it in a place below 25 C and 65 % RH for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
Data Sheet P13636EJ2V0DS00
15
PC8163TB
NESAT (NEC Silicon Advanced Technology) is a trademark of NEC Corporation.
* The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. * NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. * Descriptions of circuits, software, and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software, and information in the design of the customer's equipment shall be done under the full responsibility of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third parties arising from the use of these circuits, software, and information. * While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. * NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance.
M7 98. 8


▲Up To Search▲   

 
Price & Availability of UPC8163TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X