Part Number Hot Search : 
BSY53 98810 EA111 PS9005VG R15120 P0900EC AX1006 TC1427C
Product Description
Full Text Search
 

To Download UPC8125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SILICON MMIC UPCONVERTER UPC8125GR WITH AGC + IQ MODULATOR
FEATURES
* WIDE SUPPLY VOLTAGE RANGE: 2.7 to 5.5 V * OUTPUT FREQUENCY RANGE: 1.8 to 2.0 GHz * INTERNAL LPF TO REJECT LO & SPURIOUS LEAKAGE * PORTS FOR EXTERNAL IF FILTER * AGC FUNCTION: 40 dB RANGE * POWER SAVE FUNCTION * SMALL 20 PIN SSOP PACKAGE * TAPE AND REEL PACKAGING AVAILABLE
Vcc (MOD) Filter 1 Filter 2 I Ib Q Qb Lo1 in Lo1 inb
INTERNAL BLOCK DIAGRAM
1 2 3 4 5 6 7 8 x2 9
GND 10 LPF LPF
90 deg. Phase Shifter (/ 2)
(Top View)
Reg.
Reg.
20 Vcc (Up-con) 19 RFout 18 GND 17 GND 16 Vps 15 VAGC 14 GND 13 Lo2 in 12 Lo2 inb 11 GND
DESCRIPTION
The UPC8125GR is a Silicon MMIC manufactured with the NESAT IIITM silicon bipolar process. The IC consists of a 1.8 2.0 GHz upconverter with AGC function and a 220 - 270 MHz IQ modulator. The device operates over a wide 2.7 - 5.5 V supply voltage range and features a power save function. The device was specifically designed for digital mobile communication applications such as 1900 MHz PCS and PHS handsets. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25C, VCC = 3.0 V, unless otherwise specified)
PART NUMBER PACKAGE OUTLINE SYMBOLS ICC UP CONVERTER + QUADRATURE MODULATOR TOTAL ICC(PS) PRFout 1 PRFout 2 LOL ImR IM3 I/Q GCR TPS(RISE) TPS (FALL) ZI/Q II/Q ZLO1 EVM Padj PARAMETERS AND CONDITIONS Total Circuit Current (no input signal) Total Circuit Current at Sleep Mode Total Output Power 1 Total Output Power 2 Lo Carrier Leak Image Rejection (Side Band leak) I/Q 3rd Order Intermodulation Distortion2 AGC Amp. Gain control range Power Save Rise Time Power Save Fall Time Input Impedance I and Q I/Q Bias Current Lo1 Input VSWR Error Vector Magnitude Adjacent Channel Power Ports2 VAGC = 3 V to 0.5 V VPS (OFF) VPS (ON) VPS (ON) VPS (OFF) fI/Q = 24 KHZ,I Ib,Q Qb I Ib,Q Qb fLO1= 220 MHz to 270 MHz MOD Pattern : PN9 f = 600 KHZ MOD Pattern : PN9 %rms dBc VPS 0.5 V (Low) VAGC = 3.0 V VAGC = 0.5 V fLO1 + fLO2 UNITS mA A dBm dBm dBc dBc dBc dB S S k A 25 MIN UPC8125GR S20 (SSOP 20) TYP 36 0.3 -10 -50 -37 -35 -50 40 2 2 200 5 1.2:1 2.5 -68 5 5 -30 -30 -30 10 MAX
Notes: 1. PIFIN = -20 dBm 2. VI/Q = 1.5 V (DC) +0.5 Vp-p (AC)
California Eastern Laboratories
UPC8125GR ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC VPS VAGC PD TOP TSTG PARAMETERS Supply Voltage Power Save Control Voltage AGC Control Voltage Power Dissipation2 Operating Temperature Storage Temperature UNITS V V V mW C C RATINGS 6.0 6.0 6.0 430 -40 to +85 -55 to +150
RECOMMENDED OPERATING CONDITIONS
SYMBOLS VCC TOP fRFout fUPCONin fMODout fLO1in PARAMETERS Supply Voltage Operating Temperature Up Converter RF Frequency Up Converter Input Freq. Modulator Output Frequency Lo1 Input Frequency, PLO1in = -10 dBm Lo2 Input Frequency, PLO2in = -10 dBm I/Q Input Frequency, VI/Qin = 500 mVp-p MAX (Single ended) Lo1 Input Level Lo2 Input Level I/Q Input Amplitude, Single ended Input Differential Input MHz 1500 MHz DC 1800 10 UNITS MIN TYP MAX V C GHz MHz 2.7 -40 1.8 220 3.0 5.5
+25 +85 2.0 270
Notes: 1. Operation in excess of any one of these conditions may result in permanent damage. 2. TA = 25C Mounted on a 50x50x1.6 mm double copper clad epoxy glass board.
fLO2in fI/Qin
PLO1in PLO2in VI/Qin
dBm (-13) -10 dBm (-15) -10 mVp-p
-5 -5 500 250
Notes: 1. IF frequency range includes Up-Converter IF input, Modulator IF Output and Modulator LO Input Frequency (LO1). 2. VI/QIN = 600 mVp-p maximum.
TYPICAL PERFORMANCE CURVES (TA = 25C)
ERROR VECTOR MAGNITUDE, AMPLITUDE ERROR, PHASE ERROR, AND I/Q OFFSET vs. I/Q INPUT VOLTAGE
0
RF OUTPUT POWER vs. I/Q INPUT VOLTAGE
10 -20
Error Vector Magnitude EVM (%rms) Amplitude Error A (%rms) Phase Error o (rms)
PRFout -10
RF Output Power, PRFOUT (dBm)
8
-20
6 I/Q offset 4 EVM 2 A 0 -60 100 200 500 1000 -50 -40
-30 ImR -40 IM3I/Q -50 LoL
-60
100
200
500
1000
I/Q Input Voltage, VI/Qin (mVp-p)
I/Q Input Voltage, VI/Qin (mVp-p)
LOL, ImR, IM3I/Q (dBc)
-30
I/Q offset (dB)
UPC8125GR TYPICAL PERFORMANCE CURVES (TA = 25C)
RF OUTPUT POWER vs. LO1 INPUT POWER RF OUTPUT POWER vs. LO2 INPUT POWER
RF Output Power, PRFOUT (dBm)
0 PRFout -10 -20 -30 ImR -40 -50 -60 -70 -20 -10 0 IMSI/Q LoL
0 -10 -20 -30 -40 -50 -60 -70
RF Output Power, PRFOUT (dBm)
0 -10 -20 -30 -40 VAGC = 1.2 V -50 -60 -70 -30 -20 -10 0 VAGC = 3.0 V
LOL, ImR, IMSI/Q (dBc)
LO1 Input Power, PLO1IN (dBm)
LO2 Input Power, PLO2IN (dBm)
ERROR VECTOR MAGNITUDE, AMPLITUDE ERROR, PHASE ERROR, AND I/Q OFFSET vs. AGC VOLTAGE
10
ERROR VECTOR MAGNITUDE, AMPLITUDE ERROR, PHASE ERROR, AND I/Q OFFSET vs. LO1 INPUT POWER
10 -20
Error Vector Magnitude EVM (%rms) Amplitude Error A (%rms) Phase Error o (rms)
8 -30 6
Error Vector Magnitude EVM (%rms) Amplitude Error A (%rms) Phase Error o (rms)
8 -30 6 EVM -40 4 I/Q offset A -50
EVM -40
4
I/2 offset A
2
-50
I/Q offset (dB)
2
0 0 1 2 3
-60
0 -20 -10 0
-60
AGC Voltage, VAGC (V)
LO1 Input Power, PLO1IN (dBm)
RF OUTPUT vs. AGC VOLTAGE
-10 -15
TYPICAL OUTPUT SPECTRUM
0 -10
Output Power, POUT (dBm)
-20
-20 -30 -40 -50 -60 -70 -80 -90 IM3I/Q -48.5 dBc
ImR -32.7 dBc LoL -48.3 dBc
RF Output, (dBm)
-25 -30 -35 -40 -45 -50 -55 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
AGC Voltage, VAGC (V)
Frequency, f (MHz)
I/Q offset (dB)
UPC8125GR APPLICATION CIRCUIT
1000pF
1
Vcc (MOD)
Vcc (UP-CON) RFout GND GND Vps VAGC GND Lo2in Lo2inb GND
20 1000pF 19 18 17 16 15 1000pF 14 Zo = 50 13 C2=3pF 100pF 12 100pF 11 Matching circuit at fRFout = 190 MHz 1k Zo = 50 C3 = 3pF L2 = 100nH 100pF
2 Filter1 L1 = 47 nH C1=7pF 3 Filter2 BPF at fMODout = 250 MHz 4 5 1000pF 6 7 1000pF 8 100pF 9 1000pF 10 GND Lo1inb Lo1in Q Qb I Ib
RAGC Matching circuit at fLo2in = 1650 MHz
APPLICATION CIRCUIT
(PHS) RX
DEMO
I Q
/N SW
PLL PLL UPC8125GR I 0
TX PA 90
Q
Filter
UPC8125GR PACKAGE DIMENSIONS (Units in mm)
PACKAGE OUTLINE SSOP 20
20
11
N 3 1 10 6.40.2 4.40.1 1.5 0.1 1.8 MAX 0.1 0.1 +0.10 0.22 - 0.05 +0.10 0.16 -0.05 1.00.2 +7 - 3
7.00 MAX
0.50.2 0.65 0.575 MAX
ORDERING INFORMATION
PART NUMBER UPC8125GR-E1 QUANTITY 2500/Reel
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -7/97 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of UPC8125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X