Part Number Hot Search : 
R2000 MM3Z12 03515 R2000 29F040 CCN1002 N5400 1205D
Product Description
Full Text Search
 

To Download UPA800T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
SILICON TRANSISTOR
PA800T
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR (WITH BUILT-IN 2 ELEMENTS) MINI MOLD
The PA800T has built-in 2 low-voltage transistors which are designed to amplify low noise in the VHF band to the UHF band.
PACKAGE DRAWINGS
(Unit: mm)
2.10.1 1.250.1
FEATURES
* Low Noise
0.65 0.65
1.3
* High Gain |S21e|2 = 6.5 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA * A Mini Mold Package Adopted * Built-in 2 Transistors (2 x 2SC4228)
2.00.2
2
3
0.7
PART NUMBER
QUANTITY Loose products (50 PCS)
PACKING STYLE Embossed tape 8 mm wide. Pin 6 (Q1 Base), Pin 5 (Q2 Base), Pin 4 (Q2 Emitter) face to perforation side of the tape.
PA800T
PIN CONFIGURATION (Top View)
PA800T-T1
Taping products (3 KPCS/Reel)
6 Q1
5
0~0.1
4
Remark If you require an evaluation sample, please contact an NEC Sales Representative. (Unit sample quantity is 50 pcs.)
1 2
Q2
3
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
PARAMETER Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation SYMBOL VCBO VCEO VEBO IC PT RATING 20 10 1.5 35 150 in 1 element 200 in 2 elements Note 150 -65 to +150 UNIT V V V mA mW
PIN CONNECTIONS 1. Collector (Q1) 4. Emitter (Q2) 2. Emitter (Q1) 5. Base (Q2) 3. Collector (Q2) 6. Base (Q1)
Junction Temperature Storage Temperature
Tj Tstg
C C
Note 110 mW must not be exceeded in 1 element.
The information in this document is subject to change without notice. Document No. ID-3634 (O.D. No. ID-9141) Date Published April 1995 P Printed in Japan
(c)
0.15 -0
+0.1
ORDERING INFORMATION
0.90.1
4
5
0.2 -0
1
6
NF = 1.9 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
+0.1
XY
1995
PA800T
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feed-back Capacitance Insertion Power Gain (1) Insertion Power Gain (2) Noise Figure (1) Noise Figure (2) SYMBOL ICBO IEBO hFE fT Cre |S21e|2 |S21e|2 NF NF CONDITION VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 5 mANote 1 80 5.5 MHzNote 2 4.5 5.5 6.5 7.5 1.9 1.9 3.2 3.2 80 0.7 MIN. TYP. MAX. 1.0 1.0 200 GHz pF dB dB dB dB UNIT
A A
VCE = 3 V, IC = 5 mA VCB = 3 V, IE = 0, f = 1
VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 5 mA, f = 2 GHz VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 5 mA, f = 2 GHz
Notes 1. Pulse Measurement: Pw 350 s, Duty cycle 2 % 2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank Marking hFE Value KB RL 80 to 200
TYPICAL CHARACTERISTICS (TA = 25 C)
PT - TA Characteristics 25 Total Power Dissipation PT (mW) Free Air Collector Current IC (mA) 200
2 El
160 A
IC - VCE Characteristics
20
em
15
en
A 140 A 120 100 A
100
Pe
ts
rE
in
lem
To
en
ta
l
10
80 A
60 A
t
5
40 A IB = 20 A
0
50
100
150
0
5 Collector to Emitter Voltage VCE (V)
1.0
Ambient Temperature TA (C)
IC - VBE Characteristics 20 VCE = 3 V Collector Current IC (mA) DC Current Gain hFE 100 200 VCE = 3 V
hFE - IC Characteristics
10
50
20
0
0.5 Base to Emitter Voltage VBE (V)
1.0
10 0.5
1
5
10
50
Collector Current IC (mA)
2
PA800T
Cre - VCB Characteristics 5.0 Feed-back Capacitance Cre (pF) f = 1 MHz 2.0 1.0 0.5 Gain Bandwidth Product fT (GHz) 10 VCE = 3 V f = 2 GHz 8 fT - IC Characteristics
6
4
0.2 0.1
2 0 0.5
1
2
5
10
20
50
1
5
10
50
Collector to Base Voltage VCB (V)
Collector Current IC (mA)
l S21e l 2 - IC Characteristics 12 Insertion Power Gain | S21e | 2 (dB) Insertion Power Gain | S21e | 2 (dB) VCE = 3 V f = 2 GHz 25
| S21e | 2 - f Characteristics VCE = 3 V IC = 5 mA 20
8
15
10
4
5 0 0.1
0 0.5
1
5
10
50
0.5
1.0
2.0
5.0
Collector Current IC (mA)
Frequency f (GHz)
NF - IC Characteristics 5 VCE = 3 V f = 2 GHz 4 Noise Figure (dB)
3
2
1 0 0.5
1
5
10
50
Collector Current IC (mA)
3
PA800T
S-PARAMETERS
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 S11 MAG .875 .762 .677 .565 .495 .425 .372 .327 .289 .255 .236 .214 .195 .182 .165 .153 .145 .139 .134 .129 ANG -18.6 -35.0 -47.2 -59.4 -67.5 -76.1 -81.6 -88.5 -93.6 -100.5 -105.2 -112.2 -117.6 -123.8 -129.9 -137.4 -144.3 -151.8 -157.0 -164.7 MAG 14.087 12.290 10.888 9.275 8.300 7.184 6.454 5.818 5.231 4.820 4.444 4.142 3.842 3.554 3.343 3.218 3.091 2.857 2.764 2.624 S21 ANG 161.1 145.1 133.6 123.6 115.7 108.9 104.8 99.5 95.5 92.0 88.8 85.3 83.2 79.3 77.4 75.3 73.6 70.4 68.7 66.4 MAG .018 .034 .048 .055 .063 .074 .084 .089 .092 .104 .105 .113 .122 .127 .139 .140 .152 .162 .168 .176 S12 ANG 78.2 68.6 66.6 65.8 63.5 61.1 63.8 62.7 64.6 62.8 64.2 64.2 63.6 65.0 64.1 64.5 65.4 64.3 62.3 64.8 MAG .958 .888 .800 .719 .669 .610 .600 .560 .543 .519 .512 .497 .476 .481 .467 .466 .458 .456 .451 .445 S22 ANG -10.1 -17.7 -24.4 -26.7 -28.7 -30.3 -30.6 -31.3 -30.1 -33.4 -31.8 -33.4 -33.2 -34.2 -34.6 -34.8 -37.2 -36.1 -38.4 -39.0
VCE = 3 V, IC = 3 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 S11 MAG .943 .868 .815 .717 .655 .577 .518 .468 .420 .380 .344 .321 .291 .273 .250 .228 .219 .199 .193 .182 ANG -13.4 -26.6 -37.7 -48.9 -56.8 -65.5 -71.2 -78.1 -83.7 -90.6 -94.8 -101.6 -105.9 -111.7 -117.2 -122.4 -128.5 -135.3 -139.6 -146.9 MAG 9.384 8.668 8.165 7.279 6.780 6.061 5.504 5.074 4.632 4.340 3.951 3.717 3.485 3.306 3.134 2.959 2.819 2.699 2.572 2.474 S21 ANG 165.9 152.8 142.9 132.9 125.5 118.0 112.8 106.7 102.8 98.3 94.8 90.5 87.6 84.3 80.7 79.0 76.0 73.9 71.9 68.3 MAG .020 .038 .051 .062 .075 .084 .091 .098 .102 .105 .112 .121 .128 .135 .140 .145 .153 .161 .163 .175 S12 ANG 84.1 77.2 67.9 63.9 63.9 60.0 59.7 57.0 59.0 56.6 57.8 59.0 58.7 59.8 58.0 59.5 59.0 58.4 60.3 59.8 MAG .969 .936 .876 .804 .764 .708 .685 .639 .611 .592 .579 .551 .532 .535 .511 .516 .504 .493 .489 .482 S22 ANG -7.7 -13.8 -20.9 -23.5 -26.7 -29.7 -31.1 -32.0 -32.8 -35.0 -34.1 -35.0 -35.9 -36.6 -37.5 -37.7 -39.0 -39.9 -41.4 -41.4
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 MAG 1.023 .983 .975 .922 .899 .849 .812 .774 .727 .680 .651 .616 .575 .546 .512 .481 .463 .440 .419 .394 S11 ANG -7.6 -16.1 -22.4 -31.8 -36.9 -44.7 -50.6 -57.1 -62.9 -69.3 -74.1 -79.8 -85.2 -90.6 -95.8 -100.6 -106.3 -111.8 -116.4 -121.2 MAG 3.505 3.400 3.368 3.219 3.186 3.046 2.905 2.830 2.694 2.597 2.479 2.392 2.302 2.207 2.110 2.034 1.989 1.903 1.854 1.779 S21 ANG 172.1 163.3 157.3 149.1 143.3 135.7 131.1 124.4 119.2 114.1 109.3 104.8 101.1 96.0 92.1 88.8 85.5 82.2 78.9 75.5 MAG .025 .039 .061 .075 .093 .105 .113 .128 .134 .146 .146 .155 .155 .160 .168 .165 .176 .173 .174 .173 S12 ANG 86.4 79.3 74.6 70.7 66.4 62.2 61.7 55.7 55.6 53.7 50.3 49.8 46.2 46.7 43.6 45.5 45.3 43.8 43.5 43.7 MAG .995 .986 .976 .936 .922 .885 .880 .846 .808 .790 .766 .741 .714 .708 .685 .676 .667 .649 .633 .630 S22 ANG -4.6 -7.8 -12.8 -15.1 -18.8 -22.5 -24.4 -27.2 -28.8 -31.8 -32.8 -34.9 -35.9 -36.8 -38.4 -40.1 -41.8 -42.3 -44.2 -45.2
4
PA800T
[MEMO]
5
PA800T
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11
6


▲Up To Search▲   

 
Price & Availability of UPA800T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X