Part Number Hot Search : 
LM3844AD 1N527 ZVN0535A MLL5231B A324506 5962F 100505 2N7002K
Product Description
Full Text Search
 

To Download UF1001FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
UF1000FCT - UF1008FCT
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Ultra-Fast Switching High Current Capability C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I L H B
ITO-220 Dim Min Max 14.9 15.1 A -- 10.5 B 2.62 2.87 C 3.56 4.06 D 13.46 14.22 E 0.68 0.94 F 3.74 O 3.91 O G 5.84 6.86 H 4.44 4.70 I 2.54 2.79 J 0.35 0.64 K 1.14 1.40 L 2.41 2.67 P All Dimensions in mm
A
PIN1 2 3
Mechanical Data
! ! ! ! ! ! Case: ITO-220 Full Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
E
PIN 1 -
+ PIN 2
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 5.0A
Symbol VRRM VRWM VR VR(RMS) IO
UF UF UF UF UF UF UF 1000FCT 1001FCT 1002FCT 1003FCT 1004FCT 1006FCT 1008FCT
Unit
50 35
100 70
200 140
300 210 10
400 280
600 420
800 560
V V A
IFSM VFM IRM trr Cj Tj, TSTG 50 80 1.0
125 1.3 10 400 100 50 -65 to +150 1.7
A V A nS pF C
Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 125C Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
UF1000FCT - UF1008FCT
1 of 3
(c) 2002 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 I(AV), AVERAGE FORWARD CURRENT (A)
100
1000 - 1002
1003 - 1004
10
6
4
1006 - 1008
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
180 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
150
1000 - 1004
120
Cj, CAPACITANCE (pF)
100
90
60
1006 - 1008
30
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
UF1000FCT - UF1008FCT
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
UF1000FCT UF1001FCT UF1002FCT UF1003FCT UF1004FCT UF1006FCT UF1008FCT
Package Type
ITO-220 ITO-220 ITO-220 ITO-220 ITO-220 ITO-220 ITO-220
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
UF1000FCT - UF1008FCT
3 of 3


▲Up To Search▲   

 
Price & Availability of UF1001FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X