Part Number Hot Search : 
25D431K 34071 4CV68BE 1N5364A UM3865P LT3083T N4754 RGE600
Product Description
Full Text Search
 

To Download TIL194 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIL194, TIL195, TIL196, TIL194X, TIL195X, TIL196X TIL194A, TIL195A,TIL196A, TIL194AX, TIL195AX,TIL196AX TIL194B, TIL195B, TIL196B, TIL194BX, TIL195BX, TIL196BX
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS l VDE 0884 in 3 available lead form: - STD - G form - SMD approved to CECC 00802 l TIL194X/AX/BX Certified to EN60950 by the following Test Bodies :Nemko - Certificate No. P01102465 Fimko - Certificate No. FI18162 Semko - Reference No. 0202041/01-25 Demko - Certificate No. 311161-01 l TIL194X/AX/BX : BSI approved - Certificate No. 8001 DESCRIPTION The TIL194, TIL195, TIL196 series of optically coupled isolators consist of two infrared light emitting diodes connected in inverse parallel and NPN silicon photo transistors in space efficient dual in line plastic packages. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l AC or polarity insensitive input l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l Computer terminals l Industrial systems controllers l Telephone sets, Telephone exchangers l Signal transmission between systems of different potentials and impedances
SURFACE MOUNT
TIL194 TIL194A TIL194B
2.54 7.0 6.0 1 2
Dimensions in mm
4 3
1.2 5.08 4.08 7.62 4.0 3.0 0.5 13 Max 0.26 0.5 2.54 1 7.0 6.0 1.2 10.16 9.16 4.0 3.0 0.5 3.0 0.5 3.35 1 2 3 4 5 7.0 6.0 6 7 8 20.32 19.32 4.0 3.0 0.5 3.0 0.5 3.35 0.26 7.62 0.26 16 15 14 13 12 11 10 9 13 Max 2 3 4 7.62 8 7 6 5 3.35
TIL195 TIL195A TIL195B
3.0
TIL196 TIL196A TIL196B
2.54
OPTION SM
OPTION G 7.62
1.2
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
13 Max
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
14/5/03
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB92398m-AAS/A6
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 125C Operating Temperature -30C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Power Dissipation 50mA 70mW
OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION Total Power Dissipation 200mW (derate linearly 2.67mW/C above 25C) ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) MIN TYP MAX UNITS 1.2 1.4 V TEST CONDITION IF = 20mA 35V 6V 150mW
Output
Collector-emitter Breakdown (BVCEO)
( Note 2 )
35 6 100
V V nA
IC = 0.5mA IE = 100A VCE = 20V 5mAIF , 5V VCE
Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) Coupled Current Transfer Ratio (CTR) (Note 2) TIL194, TIL195, TIL196 TIL194A, TIL195A, TIL196A TIL194B, TIL195B, TIL196B Collector-Emitter Saturation VoltageVCE (SAT) Input to Output Isolation Voltage VISO
20 50 100 0.4 5300 7500
% % % V VRMS VPK
5mAIF , 1mAIC See note 1 See note 1 VIO = 500V (note 1) VCE = 2V , IC= 2mA, RL= 100
Input-output Isolation Resistance RISO 5x1010 Response Time (Rise), tr Response Time (Fall), tf 4 3
s s
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
14/5/03
DB92398m-AAS/A6
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation PC (mW) 25 Collector current IC (mA) 150 20 15 10 5 0 -30 0 25 50 75 100 125 0
Collector Current vs. Low Collector-emitter Voltage TA = 25C 50 40 30 20 10
100
50
5 IF = 2mA
0 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60
0.2
0.4
0.6
0.8
1.0
Collector-emitter voltage VCE ( V ) Collector Current vs. Collector-emitter Voltage 50 TA = 25C 50 30 20 15 20 10 0 10 IF = 5mA
Forward current IF (mA)
50 Collector current IC (mA) -30 0 25 50 75 100 125 40 30 40 30 20 10 0 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 IF = 5mA IC = 1mA Current transfer ratio CTR (%) 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
0
2
4
6
8
10
Collector-emitter voltage VCE ( V ) Current Transfer Ratio vs. Forward Current 320 280 240 200 160 120 80 40 0 1 2 5 10 20 50 Forward current IF (mA)
DB92398m-AAS/A6
Collector-emitter saturation voltage VCE(SAT) (V)
VCE = 5V TA = 25C
14/5/03


▲Up To Search▲   

 
Price & Availability of TIL194

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X