Part Number Hot Search : 
BFR93A 834116 ISL84391 80007 MC68HC1 ZMY56G ALD555DA 05205G0A
Product Description
Full Text Search
 

To Download TEA6840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TEA6840H New In Car Entertainment (NICE) car radio
Preliminary specification File under Integrated Circuits, IC01 1999 Jul 12
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
FEATURES * FM mixer for conversion of FM RF from 65 to 108 MHz to IF of 10.7 MHz; the mixer provides inherent image rejection * FM RF mixer can be set to receive weather band radio up to 162.55 MHz; weather band radio flag output * AM mixer 1 for conversion of AM RF to AM IF1 10.7 MHz * LC tuner oscillator providing mixer frequencies for FM mixer and AM mixer 1 * AM mixer 2 for conversion of AM IF1 to AM IF2 450 kHz * Crystal oscillator providing mixer frequencies for AM mixer 2 and reference for synthesizer PLL, IF count, timing for Radio Data System (RDS) update and reference frequency for car audio signal processor IC * Fast synthesizer PLL tuning system with local control for inaudible RDS updating * Timing function for RDS update algorithm and control signal output for car audio signal processor ICs (TEA688x, SAA77xx) * Digital alignment circuit for conversion of LC oscillator tuning voltage to controlled alignment voltage of FM antenna tank circuit * AGC pin diode drive circuit for FM RF AGC; AGC detection at FM mixer input; the AGC pin diode drive can be activated by the I2C-bus as a local/distance function; AGC threshold is a programmable and keyed function switchable via the I2C-bus * FM IF linear amplifiers with high dynamic input range * FM quadrature demodulator with automatic centre frequency adjustment and Total Harmonic Distortion (THD) compensation ORDERING INFORMATION TYPE NUMBER TEA6840H PACKAGE NAME QFP64 DESCRIPTION plastic quad flat package; 64 leads (lead length 1.95 mm); body 14 x 20 x 2.8 mm
TEA6840H
* Level detector for AM and FM with temperature compensated output voltage; starting point and slope of level output is programmable via the I2C-bus * AM RF pin diode drive circuit; AGC threshold detection at AM mixer 1 and IF2 AGC input; threshold is programmable via the I2C-bus; AM IF2 AGC and demodulator * AM AF output switchable to provide AM IF2 for AM stereo decoder * AM noise blanker with blanking at AM IF2 * Several test modes available for fast IC and system tests. GENERAL DESCRIPTION The TEA6840H is a single chip car radio tuner for AM and FM intended for microcontroller tuning with the I2C-bus providing the following functions: * AM double conversion receiver for LW/MW/SW (31 m, 41 m and 49 m bands) with IF1 = 10.7 MHz and IF2 = 450 kHz * FM single conversion receiver with integrated image rejection for IF = 10.7 MHz capable of selecting US FM, US weather, Europe FM, East Europe FM and Japan FM bands.
VERSION SOT319-2
1999 Jul 12
2
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
QUICK REFERENCE DATA SYMBOL VDDA1 IDDA1 VDDA2 IDDA2 VDDD IDDD fAM(ant) PARAMETER analog supply voltage 1 analog supply current 1 analog supply voltage 2 analog supply current 2 digital supply voltage digital supply current AM input frequency FM mode AM mode LW MW SW fFM(ant) fFM(WB)(ant) Tamb S+N/N THD FM input frequency FM weather band input frequency operating ambient temperature FM mode AM mode FM mode AM mode CONDITIONS 8 45 39 4.75 6.5 4.7 4.75 18 18 0.144 0.522 5.85 65 162.4 -40 m = 0.3 m = 0.8 m = 0.9 FM overall system parameters (3 x SFE10.7MS3) S+N/N THD signal plus noise-to-noise ratio total harmonic distortion f = 22.5 kHz; de-emphasis = 50 s f = 75 kHz - - 65 0.6 - - - MIN. TYP. 8.5 56 49 5 8.1 5.9 5 23 23 - - - - - - 58 0.3 0.5
TEA6840H
MAX. 9 67 59 5.25 9.8 7.1 5.25 28 28 0.288 1.710 9.99 108 162.55 +85 - - - - 1 V
UNIT mA mA V mA mA V mA mA MHz MHz MHz MHz MHz C dB % %
AM overall system parameters (1 x SFE10.7; 1 x SFR450H) signal plus noise-to-noise ratio total harmonic distortion
dB %
1999 Jul 12
3
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
BLOCK DIAGRAM
handbook, full pagewidth
Vtune 10 k 2.2 k 3.9 nF antenna 100 nF 1.2 k 22 nF 3.3 nF 22 3.3 H fref PLL 5V digital
TEA6840H
A B
DGND
100 nF 19 470 k Vt BB814 AM
(1)
18
17
16
15
14
13
20 22 k 21 DAC TUNING SYSTEM D 120 nH 8.2 pF 22 100 nF 1 M 23 24 470 nH 1 F BA595 560 pF 8.2 pF BA595 3.3 H 22 4:7 25 26 27 FM AGC F 10.25 MHz E C
1 nF
TEA6840H
WX
6.8 H
47 pF
1st FM I/Q MIXER
x
N1
/2
G
90
220 nH 5V analog 270
RFGND 100 nF 47 F 22 nF 28 90 AM-NOISE DETECTOR PEAK/ AVERAGE
H
I
J BAQ800 29 30 270 100 nF WB FLAG 31 AM RF AGC K N2 L M N
/5/10
220 nF 1 mH 220 H 1.5 k 1.2 M 470 pF 1 nF 470 k 100 pF 100 H 680 H 1 nF 180 pF
32
1st AM MIXER
x
O
P 33 34 35 36 37 38 39
330 pF
22 nF 4.7 F 100 nF
22 nF
22 nF
BF861C
BAV99
22 nF
L1
SFE10.7 MS3 10 Q
MHB481
47
22
22
COILS: L1: P392BE-2104GNL = S; L2: P7PSAE-2119D = S; L3: 392BC-1977Z (1) 1 to 5 pF trimmer without DAA; (2) series NPO.
Fig.1 Block diagram (continued in Fig.2).
1999 Jul 12
4
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
handbook, full pagewidthA
B
8.5 V
(2) 4.7 k 270 pF
AF AF SAMPLE HOLD BB156 22
AM RSD/ AUDIO/IF MPX
FM MPX
5V analog
3.3 H
3.3 H
22 nF 2.7 1.8 pF pF 12 11 10 9 47 F 8 7 6
10 nF
100 nF 47 F 5 4 3 2 1
100 nF
VCO C
SEQUENTIAL CIRCUIT FOR RDS UPDATING
AM DETECTOR
MUTE
POWER SUPPLY VDD (I2C-bus)
D E I2C-bus F FM IF AM IF2 IF COUNT
2 ms/ 20 ms 64 I2C-BUS 63 62 61 AM IF AGC LEVEL DAA DEMODULATOR 60
39 k
39 k SDA SCL IF2GND
G
4.7 k
L3
H BLANK PULSE AM LEVEL
59
AFC 47 F
I
58 AM/FM LEVEL
J K L M N 57
2nd AM MIXER
x
FM LIMITER/ LEVEL
CRYSTAL OSCILLATOR
56 55 54 120 k
20.5 MHz
220 nF L2
TEA6840H
O 53 52 40 41 42 43 44 45 46 47 48 49 330 22 nF 220 nF IF1GND 100 nF 100 nF 100 nF 10 F 50 51 22 nF
P
SFE10.7 MS3 SFR450H
SFE10.7 MS3 22
Q
MHB482
8.5 V
Fig.2 Block diagram (continued from Fig.1).
1999 Jul 12
5
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
PINNING SYMBOL VDDA1 VDDA2 FMMPX RDSMPX AMAFIF2 TRDSMUTE AFHOLD AFSAMPLE VDDA3 OSCTNK OSCFDB VCOGND DGND VDDD fref VDDA4 CPOUT Vtune DAAIN DAATD DAAOUT T1FMAGC T2FMAGC IFMAGC FMMIXIN1 RFGND FMMIXIN2 Vref(FMMIX1) IAMAGC T2AMAGC T1AMAGC AMMIX1IN1 AMMIX1IN2 VDDA5 MIX1OUT1 MIX1OUT2 IFAMP1DEC VDDA6 IFAMP1IN IFAMP1OUT 1999 Jul 12 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 DESCRIPTION analog supply voltage 1 (8.5 V) for on-chip power supply analog supply voltage 2 (5 V) for on-chip power supply FM demodulator MPX output MPX for RDS decoder and signal processor (not muted) AM demodulator AF output or IF2 for AM stereo (multiplexed by I2C-bus) time constant for RDS update mute AF hold flag output for car audio signal processor IC AF sample flag output for car audio signal processor IC analog supply voltage 3 (8.5 V) for VCO VCO tank circuit VCO feedback VCO ground digital ground digital supply voltage (5 V) reference frequency output for signal processor IC analog supply voltage 4 (8.5 V) for tuning PLL charge pump output tuning voltage input of digital alignment circuit for antenna tank circuit
TEA6840H
temperature compensation diode for digital alignment circuit of antenna tank circuit output of digital alignment circuit for antenna tank circuit 1st time constant of FM front-end AGC 2nd time constant of FM front-end AGC pin diode drive current output of FM front-end AGC input 1 of FM RF mixer RF ground input 2 of FM RF mixer reference voltage for FM mixer pin diode drive current output of AM front-end AGC 2nd time constant of AM front-end AGC 1st time constant output of AM front-end AGC 1st AM mixer input 1 1st AM mixer input 2 analog supply voltage 5 (8.5 V) for FM and AM RF 1st AM/FM mixer IF (10.7 MHz) output (HIGH) 1st AM/FM mixer IF (10.7 MHz) output (LOW) 2nd AM mixer and 1st FM IF amplifier decoupling analog supply voltage 6 (8.5 V) for 1st and 2nd IF amplifier 1st IF amplifier/2nd AM mixer (10.7 MHz) input 1st IF amplifier (10.7 MHz) output 6
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL IFAMP2DEC Coffset IFAMP2IN IF1GND AMIF2IN AMNBHOLD IFAMP2OUT AMIF2DEC FMLIMIN FMLIMDEC CAGC AMMIX2OUT1 AMMIX2OUT2 Iref XTAL1 XTALGND XTAL2 Vlevel CAFC QDET1 QDET2 IF2GND SCL SDA
PIN 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
DESCRIPTION 2nd IF amplifier decoupling and AGC capacitor for AM noise blanker DC feedback for offset compensation RDS mute 2nd IF amplifier (10.7 MHz) input AM IF1 ground AM IF2 (450 kHz) input for demodulator AGC and AM level detector AM noise blanker hold output 2nd IF amplifier (10.7 MHz) output decoupling for AM IF2 input FM limiter (10.7 MHz) input FM limiter decoupling AMIFAGC capacitor 2nd AM mixer (450 kHz) output 1 2nd AM mixer (450 kHz) output 2 reference current for power supply crystal oscillator 1 crystal oscillator ground crystal oscillator 2 level voltage output for AM and FM FM demodulator AFC capacitor quadrature demodulator tank 1 quadrature demodulator tank 2 AM IF2 ground I2C-bus clock line input I2C-bus data line input/output
1999 Jul 12
7
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
handbook, full pagewidth
52 AMMIX2OUT1 51 CAGC 50 FMLIMDEC 49 FMLIMIN 48 AMIF2DEC 47 IFAMP2OUT 46 AMNBHOLD 45 AMIF2IN 44 IF1GND 43 IFAMP2IN 42 Coffset 41 IFAMP2DEC 40 IFAMP1OUT 39 IFAMP1IN 38 VDDA6 37 IFAMP1DEC 36 MIX1OUT2 35 MIX1OUT1 34 VDDA5 33 AMMIX1IN2 AMMIX1IN2 32
VDDA1 VDDA2 FMMPX RDSMPX AMAFIF2 TRDSMUTE AFHOLD AFSAMPLE VDDA3
1 2 3 4 5 6 7 8 9
OSCTNK 10 OSCFDB 11 VCOGND 12 DGND 13 VDDD 14 fref 15 VDDA4 16 CPOUT 17 Vtune 18 DAAIN 19 DAATD 20 DAAOUT 21 T1FMAGC 22 T2FMAGC 23 IFMAGC 24
TEA6840H
FMMIXIN1 25
RFGND 26
FMMIXIN2 27
Vref(FMMIX1) 28
IFMAGC 29
T2AMAGC 30
T1AMAGC 31
53 AMMIX2OUT2
56 XTALGND
62 IF2GND
61 QDET2
60 QDET1
57 XTAL2
55 XTAL1
58 Vlevel
59 CAFC
64 SDA
63 SCL
54 Iref
MHB483
Fig.3 Pin configuration.
1999 Jul 12
8
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
FUNCTIONAL DESCRIPTION FM mixer 1 FM quadrature mixer converts FM RF (65 to 162.55 MHz) to an IF of 10.7 MHz. The FM mixer provides inherent image rejection and high RF sensitivity. It is capable of tuning the US FM, US weather, Europe FM, Japan FM and East Europe FM bands. * US FM = 87.9 to 107.9 MHz * US weather = 162.4 to 162.55 MHz * Europe FM = 87.5 to 108 MHz * Japan FM = 76.0 to 91 MHz * East Europe FM = 65.8 to 74 MHz. VCO The L and C tuned VCO provides the Local Oscillator (LO) signal for both FM and AM mixer 1. It has a frequency range of 151.2 to 248.2 MHz. Crystal oscillator The crystal oscillator provides a 20.5 MHz signal that is used for: * Reference frequency for frequency synthesizer PLL * LO for 2nd AM mixer * Reference frequency for the IF counter * Timing signal for the RDS update algorithm * Reference frequency (75.4 kHz) for the TEA6880H. PLL Fast synthesizer PLL tuning system with local control for inaudible RDS updating. DAA Digital Auto Alignment circuitry (FM RF DAA) for the conversion of the VCO tuning voltage to a controlled alignment voltage for the FM antenna tank circuit. FM keyed AGC FM contains keyed wide-band RF AGC. AGC detection occurs at the FM mixer. The wide-band RF signal switches a narrow band signal (IF) from the FM IF level detector circuitry that controls the FM RF AGC block. It includes an AGC pin diode drive circuit for the FM RF AGC. The pin diode drive can be activated via the I2C-bus as a local/distance function.
TEA6840H
The AGC threshold is programmable and the keyed AGC function is switchable via the I2C-bus. FM IF amplifiers The two FM IF amplifiers provide 10 dB and 4 dB amplification with high linearity and dynamic range. FM demodulator The FM quadrature demodulator includes automatic centre frequency adjustment and THD compensation. AM tuner The AM tuner is realized in a double conversion technique and is capable of selecting LW/MW and SW bands. AM mixer 1 converts AM RF to an IF1 of 10.7 MHz, while AM mixer 2 converts 10.7 MHz IF1 to 450 kHz IF2. * LW = 144 to 288 kHz * MW = 530 to 1710 kHz (US AM band) * SW = 5.85 to 9.99 MHz (including the 31 m, 41 m and 49 m bands). AM RF and IF2 AGC The AM RF includes a pin diode drive circuit. The threshold detection points for AM AGC are performed at AM mixer 1 and AM IF2. AGC thresholds are programmable via the I2C-bus. AM detector The AM detector provides AM level information and AM AF or AM IF2. AM AF/IF2 SWITCH The AM output provides either a detected AM Audio Frequency (AF) or the corresponding AM IF2 signal. The IF2 signal can be used for AM stereo decoder processing. AM noise blanker The detection point for the AM noise blanker is the output stage of AM mixer 1, while blanking is realized at the output of the 2nd mixer. Trigger sensitivity can be modified by changing the resistor value at pin 46.
1999 Jul 12
9
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
FM/AM level detector FM and AM level detectors provide the temperature compensated output voltage. The starting points and slopes of the level detector outputs are programmable via the I2C-bus. Test mode The test mode of the IC is activated by: * Sending the test byte (byte 5) to the IC * Connecting pin 15 through a 100 k resistor to VDDA1 * Applying 50 A to pin 15. If the test mode is enabled by pin 15: * The settling time of the AM IF2 AGC is reduced to less than 100 ms in the nominal application LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDDA1 VDDA2 VDDA4 VDDA5 VDDA6 VDDA7 VDDD Tstg Tamb Ves PARAMETER analog supply voltage 1 for on-chip power supply analog supply voltage 2 for on-chip power supply analog supply voltage 4 for tuning PLL analog supply voltage 5 for FM and AM RF analog supply voltage 6 for 1st IF amplifier analog supply voltage 7 for 2nd IF amplifier digital supply voltage storage temperature operating ambient temperature electrostatic handling note 1 note 2 Notes 1. Charge device model (R = 0 , C = 200 pF). 2. Human body model (R = 1.5 k, C = 100 pF). THERMAL CHARACTERISTICS SYMBOL Rth(j-a) PARAMETER thermal resistance from junction to ambient CONDITIONS in free air VALUE 48 CONDITIONS MIN. -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -55 -40 -200 -2000
TEA6840H
* The digital-to-analog converters for the antenna Data Access Arrangement (DAA) and the level DAA can be clocked directly by the SCL line of the I2C-bus * The output at pin 15 can be selected by the I2C-bus: TEA6880H reference frequency, PLL reference frequency or PLL programmable divider output frequency * The RDS update control circuit can be clocked directly via pin 20 * Pin 31 can be used to enable the load PLL circuit of the RDS update control circuit * Charge pumps can be set into 3-state mode.
MAX. +10 +6.5 +10 +10 +10 +10 +6.5 +150 +85 +200 +2000 V V V V V V V
UNIT
C C V V
UNIT K/W
1999 Jul 12
10
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
DC CHARACTERISTICS VDDA1 = 8.5 V; VDDA2 = 5 V; VDDD = 5 V; Tamb = 25 C; unless otherwise specified. SYMBOL Supplies VDDA1 VDDA2 VDDD IDDA IDDD FM mode I35 I36 I38 IDDA1 IDDA4 IDDA3 IDDA5 AM mode I35 I36 I52 I53 IDDA1 IDDA4 IDDA3 IDDA5 Power supply REFERENCE CURRENT GENERATOR; PIN 54 Vo(ref) RO Io(source)(max) output reference voltage output resistance maximum output source current 4 8 -100 4.25 11 - bias current AM mixer 1 output 1 bias current AM mixer 1 output 2 bias current AM mixer 2 output 1 bias current AM mixer 2 output 2 analog supply current internal power supply analog supply current tuning PLL analog supply current VCO analog supply current RF test mode; data byte 5 bit 3 = 1 4.8 4.8 3.6 3.6 - - - - 6 6 4.5 4.5 17.5 1.6 6.5 1.8 bias current FM mixer output 1 bias current FM mixer output 2 supply current FM IF amplifier 1 and 2 analog supply current internal power supply analog supply current tuning PLL analog supply current VCO analog supply current RF test mode; data byte 5 bit 3 = 1 4.8 4.8 12 - - - - 6 6 14 15 2.9 6.5 5 analog supply voltage at pins 1, 9, 16, 34, 35, 36, 38, 42, 52 and 53 analog supply voltage at pin 2 digital supply voltage at pin 14 analog supply current internal power supply digital supply current FM mode AM mode FM mode AM mode 8 4.75 4.75 6.5 4.7 18 18 8.5 5 5 8.1 5.9 23 23 PARAMETER CONDITIONS MIN. TYP.
TEA6840H
MAX.
UNIT
9 5.25 5.25 9.8 7.1 28 28
V V V mA mA mA mA
7.2 7.2 16 - - - - 7.2 7.2 5.4 5.4 - - - -
mA mA mA mA mA mA mA
mA mA mA mA mA mA mA mA
4.5 13 +100
V k nA
1999 Jul 12
11
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
AC CHARACTERISTICS VDDA1 = 8.5 V; VDDA2 = 5 V; VDDD = 5 V; Tamb = 25 C; see Figs 8 and 9; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. - 2.8 6.1 1.5 101 97 TYP. MAX. UNIT
Voltage controlled oscillator fosc V11 V10 V10(rms) C/N RR oscillator frequency input bias voltage DC output voltage AC output voltage (RMS value) carrier-to-noise ratio ripple rejection fosc = 200 MHz fosc = 200 MHz; f = 10 kHz 151.2 2.2 5 - - 248.2 3.4 7.2 - - - MHz V V V dBc ----------Hz dB
fripple = 100 Hz; - VDDA3(ripple) = 100 mV (RMS); fosc = 250 MHz - fripple = 100 Hz; VDDA3(ripple) = 100 mV (RMS); fosc = 200 MHz
99
-
dB
Crystal oscillator; pins 55, 56 and 57 fosc Vbias(XTAL) R55-57 standard frequency DC bias voltage (pins 55 and 57) real part of input impedance (pins 55 to 57) input capacitance (pins 55 to 57) crystal motional resistance crystal shunt capacitance crystal voltage (pins 55 to 57) (RMS value) carrier-to-noise ratio start-up current operating current fosc = 20.5 MHz (10.25 MHz); f = 10 kHz V55 = V57 = 2.1 V V55 - V57 = 400 mV start of operation V55-57 = 1 mV 20.4996 20.5 1.7 -500 2.1 - 20.5004 MHz 2.5 - V
C55-57 RXTAL CXTAL VXTAL(rms)
8 - - -
10 - - 350
12 500 18 -
pF pF mV
C/N I56
- - -
112 9 1.5
- - -
dBc ----------Hz mA mA
1999 Jul 12
12
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL Oscillator divider N1 D/DN1
PARAMETER
CONDITIONS
MIN.
TYP. -
MAX.
UNIT
oscillator divider ratio N1 data byte 4 bit 0 = 0, bit 1 = 0 - and bit 2 = 0 for FM standard; bit 1 = 0, bit 2 = 1 for FM EE; bit 1 = 1, bit 2 = 0 for FM local data byte 4 bit 0 = 0, bit 1 = 1 and bit 2 = 1 for FM WX -
2
1
-
Oscillator divider N2 D/DN2 oscillator divider ratio N2 data byte 4 bit 0 = 1, bit 2 = 1; - AM mode data byte 4 bit 0 = 1, bit 2 = 0; - AM mode Synthesizer PROGRAMMABLE DIVIDER D/Dprog D/Dstep programmable divider ratio programmable divider step size 512 - - 1 32767 - 10 5 - -
REFERENCE FREQUENCY DIVIDER D/DNref crystal oscillator divider ratio Nref fosc = 20.5 MHz; data byte 4 bit 4 = 0, bit 5 = 0 and bit 6 = 0; fref = 100 kHz fosc = 20.5 MHz; data byte 4 bit 4 = 0, bit 5 = 0 and bit 6 = 1; fref = 50 kHz fosc = 20.5 MHz; data byte 4 bit 4 = 0, bit 5 = 1 and bit 6 = 0; fref = 25 kHz fosc = 20.5 MHz; data byte 4 bit 4 = 0, bit 5 = 1 and bit 6 = 1; fref = 20 kHz fosc = 20.5 MHz; data byte 4 bit 4 = 1, bit 5 = 0 and bit 6 = 0; fref = 10 kHz - 205 -
-
410
-
-
820
-
-
1025
-
-
2050
-
1999 Jul 12
13
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT A
CHARGE PUMP: PINS 17 AND 18 Isink(lcp1) low charge pump 1 peak V17 = 0.4 to 7.6 V; data byte 4 200 sink current (pin 17) bit 0 = 0, bit 1 = 1 and bit 2 = 1 for FM WX low charge pump 1 peak V17 = 0.4 to 7.6 V; data byte 4 -200 source current (pin 17) bit 0 = 0, bit 1 = 1 and bit 2 = 1 for FM WX high charge pump 1 peak sink current (pin 17) high charge pump 1 peak source current (pin 17) charge pump 2 peak sink current (pin 17) charge pump 2 peak source current (pin 17) charge pump 3 peak sink current (pin 18) charge pump 3 peak source current (pin 17) charge pumps 3-state currents (pins 17 and 18) V17 = 0.4 to 7.6 V; data byte 4 0.7 bit 0 = 1, bit 1 = 1 and bit 2 = 1; AM stereo; N2 divider set to 10 (LW, MW) V17 = 0.4 to 7.6 V; data byte 4 -0.7 bit 0 = 1, bit 1 = 1 and bit 2 = 1; AM stereo; N2 divider set to 10 (LW, MW) V17 = 0.3 to 7.1 V; data byte 4 100 bit 0 = 0, bit 1 = 0 and bit 2 = 0; FM standard V17 = 0.3 to 7.6 V; data byte 4 -100 bit 0 = 0, bit 1 = 0 and bit 2 = 0; FM standard V18 = 0.4 to 7.6 V; data byte 4 2.1 bit 0 = 0, bit 1 = 0 and bit 2 = 0; FM standard V18 = 0.4 to 7.6 V; data byte 4 -2.1 bit 0 = 0, bit 1 = 0 and bit 2 = 0; FM standard data byte 5 bit 3 = 1; V17,18 = 0 to 8.5 V -5 300 400
Isource(lcp1)
-300
-400
A
Isink(hcp1)
1
1.3
mA
Isource(hcp1)
-1
-1.3
mA
Isink(cp2)
130
160
A
Isource(cp2)
-130
-160
A
Isink(cp3)
3
3.9
mA
Isource(cp3)
-3
-3.9
mA
IZ(cp)
-
+5
nA
ANTENNA DAA: PINS 19, 20 AND 21 Ibias(cp) charge pump buffer input VDAAIN = 0.4 to 8.0 V; bias current (pin 19) FM mode charge pump buffer input voltage (pin 19) minimum DAA output voltage (pin 21) maximum DAA output voltage (pin 21) VDAAIN = 4.0 V; VDAATD = 0.7 V; FM mode data byte 3 bits 0 to 6 set to logic 1; VDAAIN = 4.0 V; VDAATD = 0.7 V; FM mode -10 - - - - - +10 +10 8.5 0.5 8.5 nA nA V V V
VDAAIN = 0 to 8.5 V; AM mode -10 Vi(cp) Vo(DAA)(min) Vo(DAA)(max) 0 - 8
1999 Jul 12
14
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL Vo(DAA)
PARAMETER DAA output voltage (pin 21)
CONDITIONS AM mode data byte 3 bits 0 to 6 set to logic 0; VDAAIN = 4.0 V; VDAATD = 0.7 V; note 1 -
MIN. - 1.5
TYP. 1.65
MAX. 0.3 1.8
UNIT V V
3.8 VDAAIN = 4 V; data byte 3 = 10101011; FM mode Vo(n)(DAA) DAA output noise voltage (pin 21) VDAAIN = 4 V; data byte 3 bit 6 = 1 and bits 5 to 0 = 0; B = 300 Hz to 15 kHz; FM mode VDAAOUT = 0.2 to 8.25 V; data byte 3 bits 0 to 6 set to logic 1; VDAAIN = 3.0 V; VDAATD = 0.7 V; note 1 -
4 30
4.2 100
V V
GCONV(DAA)
DAA conversion gain (pin 21)
6.2
6.5
6.8
V
VDAAIN = 2 V; data 3 byte 3 = 11010101; FM mode VDAAIN = 2 V; data 1.8 byte 3 = 10101010; FM mode T temperature drift (pin 21) Tamb = -40 to +85 C; data byte 3 = 10101011; VDAATD = 0.7 V DAA step accuracy (pin 21) DAA output sink current (pin 21) DAA output source current (pin 21) compensation diode source current (pin 20) temperature coefficient compensation diode source current (pin 20) DAA output settling time ripple rejection DAA output load capacitance (pin 21) n = 0 to 127; VDAAOUT < 8.0 V; FM mode VDAAOUT = 0.2 to 8.25 V VDAAOUT = 0.2 to 8.25 V VDAATD = 0.2 to 1.5 V VDAATD = 0.2 to 1.5 V; Tamb = -40 to +85 C VDAAOUT = 0.2 to 8.25 V; CL = 270 pF VDDAOUT < 8.0 V; FM mode -8
3.3 2 -
3.6 2.2 +8
V V mV
V21n - V21(n+1) Isink(DAA) Isource(DAA) Isource(cd) TCcd(source)
0.5VLSB VLSB 50 -50 -50 -300 - - -40 -
1.5VLSB mV - - -30 +300 A A A 10 ------------K s dB pF
- 12
tst RR CL(DAA)
-
- 50 -
30 - 270
fripple = 100 Hz; VDDA4 = 1 mV - -
1999 Jul 12
15
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL
PARAMETER
CONDITIONS - data byte 4 bit 7 = 1 data byte 4 bit 7 = 0 data byte 4 bit 3 = 1 data byte 4 bit 3 = 0 - - - -
MIN.
TYP. - - - - -
MAX.
UNIT
IF counter (FM IF1/AM IF2 counter) NIF Tcount(IF) Rprecount IF counter length for AM and FM IF counter period FM IF counter prescaler ratio 8 2 20 10 100 bit ms ms
Reference frequency for car sound processor IC; note 2 REFERENCE FREQUENCY DIVIDER Rref fref Vo(p-p) VO Ro RL(min) crystal oscillator divider ratio reference frequency fxtal = 20.5 MHz - - 60 3.2 - 1 272 75.368 - - 170 3.9 50 - kHz
VOLTAGE GENERATOR; PIN 15 AC output voltage (peak-to-peak value) DC output voltage output resistance minimum load resistance 100 3.4 - - mV V k M
AM signal channel RF AGC STAGE Vi(RF) RF input voltage for AGC data byte 5 bit 5 = 0, bit 6 = 0 start level (pin 32) data byte 5 bit 5 = 1, bit 6 = 0 data byte 5 bit 5 = 0, bit 6 = 1 data byte 5 bit 5 = 1, bit 6 = 1 Vi(IF2) Isink(AGC)(max) Ro Co IF2 input voltage (pin 45) AGC start level maximum AGC sink current (pin 29) output resistance (pin 29) AM AGC current generator output capacitance (pin 29) V32 > 500 mV (peak) I29 = 1 A - - - - 0.5 - 1 - 375 500 625 750 0.85 15 - 5 - - - - 1 - - 7 mV mV mV mV V mA M pF
Iatt
attack current AGC peak data byte 5 bit 5 = 1, bit 6 = 1; - detector (pin 30) V32-33 = 1 V; V30 = 3 V; V45-48 = 0 V decay current AGC peak data byte 5 bit 5 = 1, bit 6 = 1; - detector (pin 30) V32-33 = 0 V; V30-32 = 250 mV; V30 = 3 V; V45-48 = 0 V
3.15
-
mA
Idec
2.6
-
A
1999 Jul 12
16
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
AM MIXER 1 (IF1 = 10.7 MHZ) Ri Ci VI Ro Co Vi(max) Vo(max)(p-p) input resistance (pin 32 to 33) input capacitance (pin 32 to 33) DC input voltage (pins 32 and 33) output resistance (pin 35 to 36) output capacitance (pin 35 to 36) maximum input voltage (pin 32) maximum output voltage (pin 35 to 36) (peak-to-peak value) conversion transconductance conversion transconductance temperature dependency 3rd-order intermodulation 2nd-order intermodulation equivalent input noise voltage (pin 32 to 33) noise figure of AM mixer 1 mixer bias current (pins 35 and 36) AM position R35-36(ACL) = 2.8 k R35-36(ACL) = 2.8 k band limited noise; Rgen = 750 ; R35-36(ACL) = 2.8 k 1 dB compression point of V35-36(p-p) 50 - 2.3 100 - 500 12 70 5 2.7 - 5 - 15 100 7 3.1 - 7 - - k pF V k pF mV V
gm(CONV) gm(CONV)(T)
2.0 -
2.55 -0.09
3.2 -
mA/V %/K
IP3 IP2 Vi(n)(eq)
135 - -
138 170 5.8
- - -
dBV dBV nV ----------Hz dB mA
FAMMIX1 Ibias
- 4.8
4.5 6
7.1 7.2
WEATHER BAND FLAG IL(max) Vo(max) maximum load current (pin 31) maximum output voltage for FM mode (pin 31 to 26) minimum output voltage for WX mode (pin 31 to 26) -5 0 - - +5 0.5 A V
Vo(min)
5.1
6
6.9
V
1999 Jul 12
17
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT pF V k pF V
AM MIXER 2 (IF2 = 450 kHz) Ri Ci VI Ro Co Vi(max)(peak) input resistance (pin 39 to 37) input capacitance (pin 39 to 37) DC input voltage (pins 39 and 37) output resistance (pin 52 to 53) output capacitance (pin 52 to 53) maximum input voltage (pin 39 to 37) (peak value) 1 dB compression point of V52-53(p-p) 270 - 2.4 100 - 1.1 330 5 2.7 - 5 - 390 7 3 - 7 -
Vo(max)(p-p)
maximum output voltage VDDA1 = 8.5 V (pin 52 to 53) (peak-to-peak value) conversion transconductance conversion transconductance temperature dependency 3rd-order intermodulation 2nd-order intermodulation equivalent input noise voltage (pin 39 to 37) noise figure of AM mixer 2 mixer bias current (pins 52 and 53) AM position R52-53(ACL) = 4 k R52-53(ACL) = 4 k Rgen = 330 ; R52-53(ACL) = 4 k
12
15
-
V
gm(CONV) g m ( CONV ) -------------------------------------g m ( CONV ) x T IP3 IP2 Vi(n)(eq) FAMMIX2 Ibias
1.3 -
1.6 -9 x 10-4
1.9 -
mA/V 1/K
134 - - - 3.6
137 170 15 16 4.5
- - 22 19.5 5.4
dBV dBV nV ----------Hz dB mA
IF2 AGC STAGE AND AM DETECTOR VAGC(start) VAGC(stop) AGC Ri Ci AGC start voltage (pin 45 to 48) AGC stop voltage (pin 45 to 48) AGC range input resistance (pin 45 to 48) input capacitance (pin 45 to 48) input carrier voltage maximum input peak voltage between start and stop of AGC; m = 0.8 - 1 - 1.8 - 14 - 89 2 - 30 - - 2.2 5 V V dB k pF
1999 Jul 12
18
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL Vi
PARAMETER input voltage for = -10 dB audio attenuation (pin 45 to 48) AGC control voltage
CONDITIONS data byte 5 bit 4 = 1; mute on data byte 5 bit 4 = 0; mute off - -
MIN. 75 6
TYP.
MAX. 120 10
UNIT V V
VAGC(ctrl) V5(min)(rms) V5(max)(rms) Ro Vo(rms)
V45-48 = 1 mV
4.1
4.3 3 180 - - 290
4.7 4.5 230 500 500 340
V mV mV mV
minimum AM IF2 output data byte 4 bit 0 = 1, bit 1 = 1; 1.5 level (pin 5) (RMS value) m = 0; V45-48 = 14 V maximum AM IF2 output data byte 4 bit 0 = 1, bit 1 = 1; 130 level (pin 5) (RMS value) m = 0; V45-48 = 5.0 mV output resistance (pin 5) data byte 4 bit 0 = 1, bit 1 = 1 data byte 4 bit 0 = 1, bit 1 = 0 - -
AM AF output voltage data byte 4 bit 0 = 1, bit 1 = 0; 240 level (pin 5) (RMS value) m = 0.3; fmod = 400 Hz; V45-48 = 100 V to 500 mV (RMS) output capacitance (pin 5) sensitivity voltage (pin 45 to 48) (RMS value) data byte 4 bit 0 = 1, bit 1 = 0 m = 0.3; fmod = 400 Hz; BAF = 2.5 kHz; Rsource = 2 k S + N/N = 26 dB S + N/N = 46 dB m = 0.3; fmod = 400 Hz; BAF = 2.5 kHz; Rsource = 2 k BAF = 2.5 kHz; CAGC = 22 F; V45-48 = 100 V to 500 mV (RMS) m = 0.8; fmod = 400 Hz m = 0.9; fmod = 400 Hz m = 0.8; fmod = 100 Hz m = 0.9; fmod = 100 Hz - - - - 30 - - - - - 54 -
Co VSEN(rms)
5
7
pF
45 600 60
65 900 -
V V dB
S+N/N THD
maximum signal plus noise-to-noise ratio total harmonic distortion
0.5 1 1.25 1.75 40 1000 - -
1 2 2.5 3.5 - 1500 1800 180
% % % % dB ms ms ms
RR tsw tsettle
ripple rejection (pin 5)
fripple = 100 Hz; VDDA2(ripple) = 100 mV (RMS) CAGC = 22 F normal operation test mode
FM to AM switching time CAGC = 22 F AM AGC settling time
1999 Jul 12
19
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL
PARAMETER
CONDITIONS V45-48 = 10 V to 1 V V45-48 < 1 V; default setting of level DAA and level slope V45-48 = 1.4 mV; default setting of level DAA
MIN. -
TYP.
MAX.
UNIT
AM IF2 LEVEL DETECTOR; see Fig.4 Vlevel level output DC voltage (pin 58) 0 0.1 1.6 30 650 45 200 - fripple = 100 Hz; VDDA1(ripple) = 100 mV (RMS) - 7 0.9 2.8 50 950 75 - 500 - V V V mV mV -------------20 dB mV -------------20 dB mV dB 0.5 2.2 40 800 60 300 - 40
Vlevel Vlevel(slope) Vstep Vo(B) Ro RR
level starting point for adjustment of step size slope of level voltage
default setting of level slope default setting of level slope
level slope adjustment of V45-48 = 1.4 mV step size bandwidth level output voltage (pin 58) output resistance at level voltage pin (pin 58) ripple rejection (pin 58)
AM NOISE BLANKER; TEST SIGNAL AND TEST CIRCUIT; see Fig.5 VO tsup ftrigger DC output voltage (pin 46) suppression time trigger sensitivity V35 = 200 mV (peak); V58 < 1.8 V V35 = 200 mV (peak); V58 > 2.2 V V35 = 20 mV (peak) Isink(AGC) VAGC AM noise blanker AGC sink current (pin 6) AM noise blanker AGC voltage (pin 6) V6 = 3 V V32-33 = 0 V 4.3 6 - - - 35 1.9 4.6 7.5 1000 - - 50 2.2 5.1 10 - 100 100 65 2.5 V s Hz Hz Hz A V
FM signal channel RF AGC Vi(RF)(rms) RF input voltage for start data byte 5 bit 5 = 0, bit 6 = 0 of wide-band AGC data byte 5 bit 5 = 1, bit 6 = 0 (pin 25 to 27) data byte 5 bit 5 = 0, bit 6 = 1 (RMS value) data byte 5 bit 5 = 1, bit 6 = 1 pin diode drive current (pin 24) charge current AGC peak detector (pin 22) V24 = 0.5 to 4.0 V - - - - 8 -350 4 8 12 16 11.5 -600 - - - - 15 -850 mV mV mV mV mA A
Idrive(pd) Ich
1999 Jul 12
20
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL Idis Vth
PARAMETER discharge current AGC peak detector (pin 22) threshold voltage for narrow-band AGC (pin 58)
CONDITIONS
MIN. 15 25
TYP.
MAX. 35 1400
UNIT A mV
data byte 5 bit 7 = 1; standard 500 setting of level DAA
950
RF MIXER Ri Ci Ro Co Vi(RF)(max) Vref Vo(max)(p-p) input resistance (pin 25 to 27) input capacitance (pin 25 to 27) output resistance (pin 35 to 36) output capacitance (pin 35 to 36) maximum RF input voltage (pin 25 to 27) reference voltage (pin 28) maximum output voltage (pin 35 to 36) (peak-to-peak value) conversion transconductance conversion transconductance temperature dependency equivalent input noise voltage (pin 25 to 27) noise figure of FM mixer mixer bias current (pins 35 and 36) 3rd-order intermodulation image rejection ratio RL = 330 ; V39-37 = 1 mV 1 dB compression point of V40(peak) FM position Rgen = 600 ; RL = 2.8 k; noise of Rgen not included 1 dB compression point of V35-36(p-p) FM mode AM mode - - 100 - 70 6.5 2.7 3 1.4 5 - 5 100 7.1 3.1 - - 7 - 7 - 7.9 3.4 - k pF k pF mV V V V
gm(CONV) gm(CONV)(T)
8.5 -
12.5 -0.1
18 -
mA/V %/K
Vi(n)(eq) FFMmixer Ibias IP3 IRR IF AMPLIFIER 1 GAMP1 Vi(max)(M) Vo(max(M) Ri
- - 4.8 116 25
2.6 3 6 119 30
3.1 4.6 7.2 - - 12.5 - - 390
nV ----------Hz dB mA dBV dB
amplifier gain maximum input peak voltage (pin 39 to 37) maximum output peak voltage (pin 40) input resistance (pin 39 to 37)
8.5 300 1.2 270
10.5 - 1.5 330
dB mV V
1999 Jul 12
21
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL Ci Ro Co Vi(n)(eq) FIFAMP1 IP3 IF AMPLIFIER 2 GAMP2 Vi(max)(M) Vo(max)(M) Ri Ci Ro Co Vi(n)(eq) FIFAMP2 IP3
PARAMETER input capacitance (pin 39 to 37) output resistance (pin 40) output capacitance (pin 40) equivalent input noise voltage (pin 39 to 37) noise figure of IF amplifier 1 3rd-order intermodulation
CONDITIONS -
MIN. 5
TYP. 7
MAX.
UNIT pF pF nV ----------Hz dB dBV
270 - Rgen = 330 ; RL = 330 ; noise of Rgen not included - - 120
330 5 7 9.5 123
390 7 10 13 -
amplifier gain maximum input peak voltage (pin 43 to 41) maximum output peak voltage (pin 47) input resistance (pin 43 to 41) input capacitance (pin 43 to 41) output resistance (pin 47) output capacitance (pin 47) equivalent input noise voltage (pin 43 to 41) noise figure of IF amplifier 2 3rd-order intermodulation
RL = 330 ; V43-41 = 1 mV 1 dB compression point of V47(peak)
3 600 1.2 270 - 270 -
4.5 - 1.5 330 5 330 5 9 12 132
6 - - 390 7 390 7 12 15 -
dB mV V pF pF nV ----------Hz dB dBV
Rgen = 330 ; RL = 330 ; noise of Rgen not included
- - 129
FM demodulator and level detector see Figs 6 and 7 FM LIMITER Glim Ri Ci Vo(lim)(p-p) limiter gain input resistance (pin 49 to 50) input capacitance (pin 49 to 50) limiter output voltage (pin 60 to 61) (peak-to-peak value) Rgen = 50 74 270 - 500 80 330 5 700 - 390 7 - dB k pF mV
1999 Jul 12
22
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL FM DEMODULATOR Vo(rms) Vstart(lim)(rms)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
RDS MPX output voltage f = 22.5 kHz; fmod = 57 kHz; (pin 4) (RMS value) V49-50 = 20 V to 1 V start of limiting of RDS MPX output voltage (pin 49 to 50) (RMS value) start of limiting of MPX output voltage (RMS value) AF = -3 dB
180 -
230 10
280 15
mV V
AF = -3 dB
-
10
15
V
Io(max) Ro RL CL B PSRR Vo(rms)
maximum RDS MPX output current (pin 4) output resistance (pin 4) load resistance (pin 50) load capacitance (pin 50) bandwidth RDS MPX output (pin 4) power supply ripple rejection (pin 4) MPX output voltage (pin 3) (RMS value) sensitivity for MPX output voltage (pin 49 to 50) (RMS value) maximum signal plus noise-to-noise ratio of MPX output voltage total harmonic distortion of MPX output voltage AM suppression of MPX output voltage CL = 0; RL > 20 k fripple = 100 Hz to 20 kHz f = 22.5 kHz; fmod = 1 kHz; V49-50 = 20 V to 1 V; de-emphasis = 75 s f = 22.5 kHz; fmod = 1 kHz; de-emphasis = 75 s S+N/N = 26 dB S+N/N = 46 dB f = 22.5 kHz; fmod = 1 kHz; V49-50 = 10 mV; de-emphasis = 75 s f = 75 kHz; fmod = 1 kHz; de-emphasis = 75 s; 200 V < V49-50 < 800 mV f = 22.5 kHz; fmod = 1 kHz; m = 0.3; de-emphasis = 75 s V49-50 = 500 V to 300 mV V49-50 = 20 to 500 V V49-50 = 300 mV to 1 V
- - 20 - 200 - 180
- - - - 300 40 230
100 500 - 50 - - 280
A k pF kHz dB mV
Vo(SEN)(rms)
- - 67
10 50 70
15 75 -
V V dB
S+N/N
THD
-
0.35
0.7
%
Vo(sup)(MPX)
50 - - - 20 -
60 40 40 - - -
- - - 100 - 500
dB dB dB A k
Io(max) RL(max) Ro(max)
maximum MPX output current (pin 3) minimum load resistance (pin 3) maximum output resistance (pin 3) 23
1999 Jul 12
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL CL(max) BMPX PSRR MPX MUTE mute tatt tdecay Idis Ich GAFC VoffsetDC
PARAMETER maximum load capacitance (pin 3) bandwidth MPX output power supply ripple rejection
CONDITIONS - CL = 0; RL > 20 k fripple = 100 Hz to 20 kHz
MIN. - - 40
TYP.
MAX. 50 - -
UNIT pF kHz dB
200 -
muting depth attack time MPX mute decay time MPX mute charge current (pin 6)
during RDS update C6 = 10 nF C6 = 10 nF
60 0.75 0.75
80 1 1 32 -32 32 0.1 10 0.240 25 - 0.35 1.5 40 800 50 300
- 1.25 1.25 38 -38 - 1 30 1 500
dB ms ms A A dB V mV V mV
discharge current (pin 6) V6 = 3 V; data byte 3 bit 7 = 1 24 V6 = 3 V; data byte 3 bit 7 = 0 -24 detuning f = 100 kHz V49-50 = 10 to 80 V V49-50 = 80 V to 800 mV Ldemod = 6% V49-50 = 10 to 80 V V49-50 = 80 V to 800 mV - - 0 0.1 1 30 650 45 200 28 - -
DEMODULATOR AFC AFC gain residual DC offset (pin 4) Ldemod = typical value
FM IF LEVEL DETECTOR VLEVEL level output DC voltage (pin 58) V49-50 = 10 V to 1 V V49-50 < 1 V; default setting of level DAA V49-50 = 1 mV; default setting of level DAA Vlevel Vlevel(slope) Vstep Vo(B) level starting point for adjustment of step size slope of level voltage level slope adjust step size bandwidth level output voltage (pin 58) output source current (pin 58) output sink current (pin 58) output resistance at level voltage (pin 58) ripple rejection (pin 58) fripple = 100 Hz; VDDA1(ripple) = 100 mV (RMS) 24 default setting of level slope default setting of level slope V49-50 = 1 mV V49-50 = 10 mV; fmod = 22.5 kHz; default setting of DAA 7 0.9 2.1 50 950 75 - V V V mV mV -------------20 dB mV -------------20 dB mV
Isource Isink Ro RR
- 50 - -
- - - 40
-300 - 500 -
A A dB
1999 Jul 12
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
SYMBOL RDS update Isink(max)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
AFHOLD maximum sink current (pin 7) AFSAMPLE maximum sink current (pin 8)
after first bus transmission with AF = 1 (start of RDS update); VAFHOLD = 0.5 V no RDS update in progress; VAFSAMPLE = 0.5 V VDAATD(L) = 2.5 V; VDAATD(H) = 3.5 V VSCL(L) = 0 V; VSCL(H) = 5 V pin 15 in test mode
1.0
1.2
1.4
mA
1.0
1.2
1.4
mA
Test mode (pins 15, 20, 31 and 63); note 2 Vi(ext) external input voltage to clock state-machine (pin 20) external input voltage to clock DAA (pin 63) Vpulse Notes n 1. DAA conversion gain formula: V 21 = 2 x 0.75 x --------- + 0.25 x ( V 19 + V 20 ) - V 20 ; where n = 0 to 127. 128 2. Pin 15: Rext = 68 k connected to ground activates the 2nd I2C-bus address and Rext = 100 k connected to VDDA1 sets the IC into test mode. enabling of load PLL signal (pin 31) 2.5 - 3.5 V
0 5.1
- 6
5 6.9
V V
handbook, full pagewidth
6
MHB484
V58 (V)
5
4
(1)
3
(2)
2
(3)
1
0
10 -3
10 -2
10 -1
1
10
10 2
V45-48 (mV)
10 3
(1) Level DAA setting byte 6 = FFH. (2) Level voltage for DAA standard setting byte 6 = 84H. (3) Level DAA setting byte 6 = 00H.
Fig.4 AM level voltage.
1999 Jul 12
25
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
handbook, full pagewidth
Trep 58 57 V58 VP
TEA6840H
55 1 k 53 1 k 52 8.5 V oscilloscope, counter
MHB485
V55
test signal
35 50 4.7 nF 100
36
39
VP
100
V39
8.5 V
Trep = 500 Hz; tr < 50 ns; tf < 50 ns; duty factor 50%; V55 = 3 V; V39 = 4 V.
Fig.5 Test circuit for AM noise blanker.
handbook, full pagewidth
6
MHB486
V58 (V)
5
(1)
4
3
(2)
2
(3)
1
0 10 -3
10 -2
10 -1
1
10
10 2
V49-50 (mV)
10 3
(1) Level DAA setting byte 6 = FFH. (2) Level voltage for DAA standard setting byte 6 = 84H. (3) Level DAA setting byte 6 = 00H.
Fig.6 FM level voltage.
1999 Jul 12
26
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
handbook, full pagewidth
10
MHB487
V3, V4 (V)
9 V58 (V) 8 THD (%) 7
0
(1)
-10
-20
(2)
6
-30
5
(3)
-40
4
-50
3
-60
(4)
2
-70
(5)
1
-80 10 -3
10 -2
10 -1
1
10
10 2
V49-50 (mV)
0 10 3
(1) Output voltage for FMMPX and RDSMPX: fIF = 10.7 MHz; f = 22.5 kHz; fmod = 1 kHz. (2) Noise: unweighted B = 250 Hz to 15 kHz with de-emphasis 50 s for FMMPX. (3) Noise: unweighted B = 250 Hz to 15 kHz with de-emphasis 50 s for RDSMPX. (4) THD for FMMPX and RDSMPX. (5) Level for standard setting of level DAA, byte 6 = 84H.
Fig.7 (S + N)/N, THD and level voltage for FM mode as a function of FM demodulator input voltage.
1999 Jul 12
27
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
I2C-BUS AND I2C-BUS CONTROLLED FUNCTIONS I2C-bus specification The standard I2C-bus specification is expanded by the following definitions. * 1st chip address C2: 1100001 R/W * 2nd chip address C0: 1100000 R/W. Structure of the I2C-bus logic: slave transceiver with auto increment. Subaddresses are not used. A second I2C-bus address can be selected by connecting pin 15 via a 68 k resistor to GND. Connecting pin 15 to VDDA1 via a 100 k resistor or feeding 50 A into that pin switches the IC into the test mode. TEST MODE During test mode the digital-to-analog converters of the level and antenna DAA functions can be sequenced by the I2C-bus SCL line. During test mode either the TEA6880H reference frequency, the PLL reference frequency divider or the programmable divider output can be switched to pin 15. DATA TRANSFER FOR THE TEA6840H Data sequence: * Address * Byte 1 * Byte 2 * Byte 3 * Byte 4 * Byte 5 * Byte 6.
TEA6840H
The data transfer has to be in this order. The LSB = 0 indicates a WRITE operation to the TEA6840H. Bit 7 of each byte is considered the MSB and has to be transferred as the first bit of the byte. The data becomes valid at the output of the internal latches with the acknowledge of each byte. A STOP condition after any byte can shorten transmission times. When writing to the transceiver by using the STOP condition before completion of the whole transfer: * The remaining bytes will contain the old information * If the transfer of a byte is not completed, this byte is lost and the previous information is available. In byte 5, 4 bits are reserved for test mode purposes. Those can only be used when the test mode is activated by the select pin 15. Hints: When the IC is used together with the Car Analog Sound Processor IC (TEA6880H) and when the SCL and SDA lines are connected via Car Analog Sound Processor IC's I2C-bus buffer interface, the pull-up resistors of the tuner IC should be connected to the digital supply voltage of the TEA6880H. Otherwise a bus pull-down can occur switching off the tuner IC supply when the I2C-bus buffer interface of the TEA6880H is enabled for data transfer to the tuner IC. For new frequency setting, in both AM and FM mode, the programmable divider is enabled by setting the mute bit (data byte 3 bit 7) to logic 1. To select an FM frequency, two I2C-bus transmissions are necessary. First data byte 3 bit 7 = 1 and second data byte 3 bit 7 = 0. Default settings by power-on reset: To be defined.
1999 Jul 12
28
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 1 DATA BYTE 1 Data to be received by the IC BIT 0 to 6 7 2 3 0 to 7 0 to 6 7 4 0 1 and 2 3 4 5 6 7 5 0 and 1 2 3 4 5 6 7 6 0 1 2 3 4 to 6 7 DESCRIPTION define the setting of the programmable counter of the synthesizer PLL start RDS update no RDS update started define the setting of the programmable counter of the synthesizer PLL define the setting of the antenna DAA circuit
TEA6840H
RESULT
bit 7 = 1 bit 7 = 0
FM audio output muted; writing to programmable divider enabled for AM and FM FM audio output not muted AM mode FM mode for FM mode: FM band and local/distance select for AM mode: division ratio N2 divider (AM band select) and switching for AM stereo IF counter prescaler ratio = 10 IF counter prescaler ratio = 100 LSB for reference frequency for synthesizer reference frequency for synthesizer MSB for reference frequency for synthesizer IF counter period = 2 ms IF counter period = 20 ms bits only valid in test mode; setting define output at pin 15 external clock for level and antenna DAA enabled (only valid in test mode) external clock for level and antenna DAA disabled (only valid in test mode) 3-state active (only valid in test mode) 3-state off (only valid in test mode; charge pumps operational) AM soft mute on AM soft mute off LSB for wide band AGC setting for AM and FM MSB for wide band AGC setting for AM and FM keyed function on keyed function off LSB for the definition of the level slope setting of the level DAA definition of the level slope setting of the level DAA MSB for the definition of the level slope setting of the level DAA LSB for the definition of the starting point setting of the level DAA definition of the starting point setting of the level DAA MSB for the definition of the starting point setting of the level DAA
bit 7 = 1 bit 7 = 0 bit 0 = 1 bit 0 = 0
bit 3 = 1 bit 3 = 0
bit 7 = 1 bit 7 = 0 bit 2 = 1 bit 2 = 0 bit 3 = 1 bit 3 = 0 bit 4 = 1 bit 4 = 0
bit 7 = 1 bit 7 = 0
1999 Jul 12
29
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 2 Reference frequency setting in byte 4 BIT 4 0 0 0 0 1 1 1 1 Table 3 BIT 0 0 0 0 0 1 1 1 1 AM/FM setting in byte 4 BIT 1 0 1 0 1 0 1 0 1 BIT 2 0 0 1 1 0 0 1 1 DESCRIPTION BIT 5 0 0 1 1 0 0 1 1 BIT 6 0 1 0 1 0 1 0 1
TEA6840H
FREQUENCY SETTING (kHz) 100 50 25 20 10 10 10 10
FM standard: dead zone high current charge pump active, FM AGC defined by RF level and threshold level setting by I2C-bus FM local: dead zone high current charge pump active, FM AGC source current set to maximum FM East Europe: dead zone high current charge pump switched off, current of low current charge pump set to 1 mA FM weather band: division ratio N1 set to 1 and I and Q phase shift network switched on, WX flag signal activated AM mono, N2 divider set to 5 (SW) AM stereo, N2 divider set to 5 (SW) AM mono, N2 divider set to 10 (LW, MW) AM stereo, N2 divider set to 10 (LW, MW)
In AM mode dead zone high current charge pump switched off, current of low current charge pump set to 1 mA. Table 4 BIT 0 0 0 1 1 Test bits setting in byte 5 BIT 1 0 1 0 1 PLL synthesizer reference frequency tuner oscillator frequency divided by division ratio of programmable divider not used (no output) OUTPUT AT PIN 15 75.368 kHz TEA6880H reference frequency
Standard setting of the level DAA in byte 6
Definition of the starting point of the level voltage: bit 7 = 1, bits 3 to 6 set to logic 0. Definition of the slope of the level voltage: bit 2 = 1, bit 0 and bit 1 set to logic 0.
Data to be transmitted by the IC
Data byte 1 bits 0 to 7: output of the IF counter result.
1999 Jul 12
30
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
I2C-BUS PROTOCOL Table 5 S(1) Notes 1. S = START condition. 2. A = acknowledge. 3. P = STOP condition. Table 6 S(1) Notes 1. S = START condition. 2. A = acknowledge. 3. P = STOP condition. Table 7 Chip address byte CHIP ADDRESS 1 Notes 1. Defined by address pin 15. Logic 1 = 1st chip address; logic 0 = 2nd chip address. 2. Logic 0 = write operation to TEA6840H; logic 1 = read operation from TEA6840H. Table 8 Read mode: 1st data byte IF COUNTER RESULT IFC7 Table 9 IFC6 Write mode: data byte 1 FUNCTION Logic 1 = start of RDS update IFC5 IFC4 IFC3 IFC2 IFC1 1 0 0 0 0 0/1(1) Read mode CHIP ADDRESS (read) A(2) DATA BYTE 1 Write mode CHIP ADDRESS (write) A(2) DATA BYTE(S)
TEA6840H
A(2)
P(3)
READ/WRITE R/W(2)
IFC0
SETTING OF PROGRAMMABLE COUNTER OF SYNTHESIZER PLL PCA6 PCA5 PCA4 PCA3 PCA2 PCA1 PCA0
Table 10 Write mode: data byte 2 SETTING OF PROGRAMMABLE COUNTER OF SYNTHESIZER PLL PCB7 PCB6 PCB5 PCB4 PCB3 PCB2 PCB1 PCB0
Table 11 Write mode: data byte 3 FUNCTION Logic 1 = FM audio muted; writing to programmable divider enabled; logic 0 = FM audio not muted DAA6 SETTING OF ANTENNA DIGITAL AUTO ALIGNMENT DAA5 DAA4 DAA3 DAA2 DAA1 DAA0
1999 Jul 12
31
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 12 Write mode: data byte 4 IF-COUNTER PERIOD Logic 1 = 2 ms REFERENCE FREQUENCY FOR SYNTHESIZER IF-COUNTER PRESCALE
TEA6840H
FM MODE: BAND AND LOCAL/DISTANT SELECT; AM MODE: BAND AND AM STEREO SELECT logic 1: N2 = 10 logic 0: N2 = 5 logic 1 = AM stereo logic 0 = AM mono
AM/FM SWITCH logic 1 = AM mode logic 0 = FM mode
RFS2 RFS1 RFS0 logic 1: ratio = 10
Logic 0 = 20 ms RFS2 RFS1 RFS0 logic 0: ratio = 100 Table 13 Data byte 4; reference frequency setting; note 1 BIT 7 X X X X X X X X Note 1. X = see Table 1. Table 14 Data byte 4 (FM mode); note 1 BIT 7 X X X X Note 1. X = see Table 1. Table 15 Data byte 4 (AM mode); note 1 BIT 7 X X X X Note 1. X = see Table 1. BIT 6 X X X X BIT 5 X X X X BIT 4 X X X X BIT 3 X X X X BIT 6 X X X X BIT 5 X X X X BIT 4 X X X X BIT 3 X X X X BIT 6 0 1 0 1 0 1 0 1 BIT 5 0 0 1 1 0 0 1 1 BIT 4 0 0 0 0 1 1 1 1 BIT 3 X X X X X X X X
BIT 2 X X X X X X X X
BIT 1 X X X X X X X X
BIT 0 X X X X X X X X
fref (kHz) 100 50 25 20 10 10 10 10
BIT 2 0 0 1 1
BIT 1 0 1 0 1
BIT 0 0 0 0 0 standard local east europe weather band
FM
BIT 2 0 0 1 1
BIT 1 0 1 0 1
BIT 0 1 1 1 1
AM AM mono; N2 = 5 (SW) AM stereo; N2 = 5 (SW) AM mono; N2 = 10 (LW and MW) AM stereo; N2 = 10 (LW and MW)
1999 Jul 12
32
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 16 Write mode: data byte 5 KEYED FM AGC Logic 1 = on Logic 0 = off SETTING OF WIDE-BAND AGC FOR AM/FM WBA1 WBA1 WBA0 WBA0 AM SOFT MUTE logic 1 = on (default) logic 0 = off IN TEST MODE CHARGE PUMP 3-STATE logic 1 = 3-state on logic 0 = 3-state off IN TEST MODE EXTERNAL CLOCK FOR LEVEL AND ANTENNA DAA logic 1 = external clock enabled logic 0 = external clock disabled
TEA6840H
IN TEST MODE SETTING OF PIN 15 TMS1 TMS1 TMS0 TMS0
Table 17 Data byte 5: setting of wide band AGC for AM; note 1 BIT 7 X X X X Note 1. X = see Table 1. Table 18 Data byte 5: setting of wide band AGC for FM; note 1 BIT 7 X X X X Note 1. X = see Table 1. Table 19 Data byte 5: setting function of pin 15 in test mode; note 1 BIT 7 X X BIT 6 X X BIT 5 X X BIT 4 X X BIT 3 X X BIT 2 X X BIT 1 0 0 BIT 0 0 1 OUTPUT AT PIN 15 TEA6880H reference frequency tuner oscillator frequency divided by division ratio of programmable divider PLL synthesizer reference frequency not used BIT 6 1 1 0 0 BIT 5 1 0 1 0 BIT 4 X X X X BIT 3 X X X X BIT 2 X X X X BIT 1 X X X X BIT 0 X X X X V25-27 (mV) (RMS) 4 8 12 16 BIT 6 0 0 1 1 BIT 5 0 1 0 1 BIT 4 X X X X BIT 3 X X X X BIT 2 X X X X BIT 1 X X X X BIT 0 X X X X V32-33 (mV) (peak) 375 500 625 750
X X Note
X X
X X
X X
X X
X X
1 1
0 1
1. X = see Table 1.
1999 Jul 12
33
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 20 Write mode: data byte 6 SETTING OF LEVEL DAA STARTING POINT LST4 LST3 LST2 LST1 LST0
TEA6840H
SETTING OF LEVEL DAA SLOPE LSL2 LSL1 LSL0
Table 21 Data byte 6: standard setting SETTING OF LEVEL DAA STARTING POINT LST4 1 LST3 0 LST2 0 LST1 0 LST0 0 SETTING OF LEVEL DAA SLOPE LSL2 1 LSL1 0 LSL0 0
1999 Jul 12
34
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEST CIRCUIT
handbook, full pagewidth
antenna input FM RF input fref PLL
TEA6840H
A B C Vtune 470 k 47 3.9 nF relay 1 teledyne 19 10 k 2.2 k 100 nF 1.2 k 100 nF relay 2 18 17 16 15 22 nF 100 nF 14 13 relay 1 3.3 nF 22 100 nF D
3.3 H
DGND
20 Vt BB814 120 nH
(1)
22 k
21
DAC TUNING SYSTEM
E
F AM 10.25 MHz 1.5 to 5 pF 100 nF 1 M G
1 nF
8.2 pF L6 470 nH
22 23 24 1 F FM AGC H
TEA6840H
WX 25 26 27
6.8 H
47 pF
BA595 560 pF
4:7
8.2 pF
1st FM I/Q MIXER
x
N1
/2
90
I
BA595
3.3 H
22
L5 RFGND J 28 22 nF L AM-NOISE DETECTOR PEAK/ AVERAGE
L7 220 nH
100 nF
47 F
90
K
270
BAQ800
29 30 AM RF AGC N2
M N O P
270 WB FLAG
100 nF
31
/5/10
220 nF 1 mH 220 H 1.5 k 100 pF 330 pF 100 H 680 H 180 pF
32
1st AM MIXER
x
Q
R 1 nF 33 50 22 nF 22 nF 22 nF 34 35 36 37 38 39
470 pF
1 nF 470 k
1.2 M BF861C
4.7 F
100 nF
BAV99
22 nF
L1
47
22
22
10
SFE10.7 MS3 S 100 nF 304
100 nF 100 nF
330
52
2
AM RF input
IF output
IF input
MHB488
Fig.8 Test circuit (continued in Fig.9).
1999 Jul 12
35
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
handbook, full pagewidth
AF SAMPLE
AF HOLD
AM RSD/ AUDIO/IF MPX
FM MPX
10 47 F 100 nF 10 47 F 100 nF 10
5V analog
A B C
(1) 4.7 k 270 pF
5V digital
D L8 BB156 22
68 k
68 k
100 nF
100 nF
100 nF 47 F 39 k 39 k
8.5 V 3.3 H 100 nF
3.3 H
22 nF 2.7 1.8 pF pF 12 11 10 9 10 nF 47 F 8 7 6 5 4 3
100 nF 47 F 2 1
100 nF
SDA SEQUENTIAL CIRCUIT FOR RDS UPDATING AM DETECTOR POWER SUPPLY SCL
VCO E
MUTE
F G I2C-bus H FM IF AM IF2 IF COUNT
2 ms/ 20 ms 64 SDA I2C-BUS 63 SCL 62 IF2GND 61 DGND AM IF AGC LEVEL DAA DEMODULATOR 60 4.7 k L3 I2C-bus interface
I
J BLANK PULSE AM LEVEL
59 4.7 F
AFC
K
58 AM/FM LEVEL
L M N O P 57
2nd AM MIXER
x
FM LIMITER/ LEVEL
CRYSTAL OSCILLATOR
56 55 54 120 k 53 52
20.5 MHz
wire
220 nF Coils: L1: P392BE-2104GNL = S L2: P7PSAE-2119D = S L3: 392BC-1977Z L4: 611SNS-1066Y L5: L6: MURATA LQN L7: MURATA LQN L8: air coil 2 turns, 30 nH (1): series NP0 coaxial connector test pin jumper
TEA6840H
Q
R 40 41 42 43 44 45 46 47 48 49 330 22 nF 220 nF 100 nF IF1GND 100 nF 100 nF 10 F 50 51
L2 22 22 nF
SFE10.7 MS3 S 100 nF 100 nF 304
SFR 450H 100 nF 2 k
SFE10.7 MS3 100 nF 100 nF 304 100 nF
to TEA6880H
330
52
2
47
330
2
52
2 k
FM IF1 output
FM IF2 AM IF2 input input
FM IF2 output
limiter input
AM IF output
MHB489
Fig.9 Test circuit (continued from Fig.8).
1999 Jul 12
36
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Table 22 DC operating points UNLOADED DC VOLTAGE (V) SYMBOL PIN MIN. VDDA1 VDDA2 FMMPX RDSMPX AMAFIF2 TRDSMUTE AFHOLD AFSAMPLE VDDA3 OSCTNK OSCFDB VCOGND DGND VDDD fref VDDA4 CPOUT Vtune DAAIN DAATD DAAOUT T1FMAGC T2FMAGC IFMAGC FMMIXIN1 RFGND FMMIXIN2 Vref(FMMIX1) IAMAGC T2AMAGC T1AMAGC AMMIX1IN1 AMMIX1IN2 VDDA5 MIX1OUT1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 external 8.5 external 5 floating floating 4 1.9 open-collector 0 external 8.5 5 2.2 external 0 external 0 external 5 3.2 external 8.5 0 0 0 floating - floating 7.5 floating 1 external 0 1 2.7 open-collector 2.5 0 2.3 2.3 external 8.5 external 8.5 2.8 2.8 2.75 2.75 3.1 4.6 3.1 3.1 1.3 3.1 1.6 3.4 1.3 1.6 8 8.3 0.2 0.3 - - - 8.5 8.5 8.5 3.4 3.7 6.1 2.8 7.2 3.4 0.2 0.5 4.3 2.2 4.6 2.5 AM TYP. MAX. MIN. external 8.5 external 5 3 2.6 floating 0.7 (muted) open-collector 0 external 8.5 5 2.2 external 0 external 0 external 5 3.2 external 8.5 0 0 0 0.2 0.2 1 3.9 1.5 (external biasing) 2.3 external 0 2.3 6.5 open-collector floating 0 (no WX) floating floating external 8.5 external 8.5 0.3 (no WX) 2.8 7.1 - - - - - - 4.6 - 2.8 3.4 6.1 2.8 0.2 1.2 (muted) 3.5 3.1 FM TYP.
TEA6840H
MAX.
4 3.3 1.7 (muted)
5.2 (not muted) 5.7 (not muted) 6.2 (not muted) 0.5 7.2 3.4
3.7 8.5 8.5 8.5 1.5 8.25 7 5.3 4 (external biasing) 3.3 3.3 7.9
0.5 (no WX)
1999 Jul 12
37
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
UNLOADED DC VOLTAGE (V) SYMBOL PIN MIN. MIX1OUT2 IFAMP1DEC VDDA6 IFAMP1IN IFAMP1OUT IFAMP2DEC Coffset IFAMP2IN IF1GND AMIF2IN AMNBHOLD IFAMP2OUT AMIF2DEC FMLIMIN FMLIMDEC CAGC AMMIX2OUT1 AMMIX2OUT2 Iref XTAL1 XTALGND XTAL2 Vlevel CAFC QDET1 QDET2 IF2GND SCL SDA 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 external 8.5 2.4 external 8.5 2.4 7.2 3 floating 3 external 0 2.4 4.3 7.2 2.4 2.5 2.5 3.6 external 8.5 external 8.5 4 1.7 external 0 1.7 0.05 floating floating floating external 0 4.8 4.8 5 5 5.2 5.2 2.1 - 2.5 7 4.25 2.1 4.5 2.5 2.7 4.6 7.9 2.7 3 3 4.3 3.2 5.1 - 3.2 3.5 3.5 4.8 4 5 2.7 7.9 4 3 - 5 2.7 3 AM TYP. MAX. 2.3 external 8.5 2.3 3.6 2.7 3 2.7 external 0 floating 8 3.4 floating 2.5 2.5 4.1 external 8.5 external 8.5 4 1.7 external 0 1.7 0 1.2 3.6 3.6 external 0 4.8 4.8 5 5 5.2 5.2 2.1 - 3.4 4.1 4.1 2.5 7 4.1 4.6 4.6 4.25 2.1 4.5 2.5 2.8 2.8 4.6 3.1 3.1 5.1 8.4 3.9 - 4.4 2.7 4 3.1 3.5 3.1 3.1 4.4 3.5 4 3.5 MIN. external 8.5 2.7 3.1 FM TYP. MAX.
1999 Jul 12
38
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
PACKAGE OUTLINE QFP64: plastic quad flat package; 64 leads (lead length 1.95 mm); body 14 x 20 x 2.8 mm
TEA6840H
SOT319-2
c
y X
51 52
33 32 ZE
A
e E HE A A2 A1 (A 3) Lp bp 64 1 wM D HD ZD B vM B 19 vMA 20 detail X L
pin 1 index
wM
e
bp
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 3.20 A1 0.25 0.05 A2 2.90 2.65 A3 0.25 bp 0.50 0.35 c 0.25 0.14 D (1) 20.1 19.9 E (1) 14.1 13.9 e 1 HD 24.2 23.6 HE 18.2 17.6 L 1.95 Lp 1.0 0.6 v 0.2 w 0.2 y 0.1 Z D (1) Z E (1) 1.2 0.8 1.2 0.8 7 0o
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT319-2 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-02-04 97-08-01
1999 Jul 12
39
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results:
TEA6840H
* Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1999 Jul 12
40
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
Suitability of surface mount IC packages for wave and reflow soldering methods SOLDERING METHOD PACKAGE WAVE BGA, SQFP PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes not suitable suitable(2) recommended(3)(4) recommended(5) suitable not not suitable suitable suitable suitable suitable HLQFP, HSQFP, HSOP, HTSSOP, SMS not
TEA6840H
REFLOW(1)
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
1999 Jul 12
41
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TEA6840H
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
1999 Jul 12
42
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
NOTES
TEA6840H
1999 Jul 12
43
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 67
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545002/30/01/pp44
Date of release: 1999
Jul 12
Document order number:
9397 750 04773


▲Up To Search▲   

 
Price & Availability of TEA6840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X